Part Number Hot Search : 
MC7818 SB103 PXF4225E 2N336 UPD70 BZT03C68 PCA9655E B45196
Product Description
Full Text Search
 

To Download 93AA66AXT-IP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
4K Microwire Compatible Serial EEPROM
Device Selection Table
Part Number 93AA66A 93AA66B 93LC66A 93LC66B 93C66A 93C66B 93AA66C 93LC66C 93C66C VCC Range 1.8-5.5 1.8-5-5 2.5-5.5 2.5-5.5 4.5-5.5 4.5-5.5 1.8-5.5 2.5-5.5 4.5-5.5 ORG Pin No No No No No No Yes Yes Yes Word Size 8-bit 16-bit 8-bit 16-bit 8-bit 16-bit 8 or 16-bit 8 or 16-bit 8 or 16-bit Temp Ranges I I I, E I, E I, E I, E I I, E I, E Packages P, SN, ST, MS, OT, MC P, SN, ST, MS, OT, MC P, SN, ST, MS, OT, MC P, SN, ST, MS, OT, MC P, SN, ST, MS, OT, MC P, SN, ST, MS, OT, MC P, SN, ST, MS, MC P, SN, ST, MS, MC P, SN, ST, MS, MC
Features:
* * * * * * * * * * * * * Low-power CMOS technology ORG pin to select word size for `66C' version 512 x 8-bit organization `A' ver. devices (no ORG) 256 x 16-bit organization `B' ver. devices (no ORG) Self-timed erase/write cycles (including auto-erase) Automatic ERAL before WRAL Power-on/off data protection circuitry Industry standard 3-wire serial I/O Device Status signal (Ready/Busy) Sequential read function 1,000,000 E/W cycles Data retention > 200 years Temperature ranges supported: - Industrial (I) - Automotive (E) -40C to +85C -40C to +125C
Description:
The Microchip Technology Inc. 93XX66A/B/C devices are 4K bit low-voltage serial Electrically Erasable PROMs (EEPROM). Word-selectable devices such as the 93AA66C, 93LC66C or 93C66C are dependent upon external logic levels driving the ORG pin to set word size. For dedicated 8-bit communication, the 93XX66A devices are available, while the 93XX66B devices provide dedicated 16-bit communication. Advanced CMOS technology makes these devices ideal for low-power, nonvolatile memory applications. The entire 93XX Series is available in standard packages including 8-lead PDIP and SOIC, and advanced packaging including 8-lead MSOP, 6-lead SOT-23, 8-lead 2x3 DFN and 8-lead TSSOP. Pb-free (Pure Matte Sn) finish is available.
Pin Function Table
Name CS CLK DI DO VSS NC ORG VCC Chip Select Serial Data Clock Serial Data Input Serial Data Output Ground No internal connection Memory Configuration Power Supply Function
(c) 2005 Microchip Technology Inc.
DS21795C-page 1
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
Package Types (not to scale)
ROTATED SOIC (ex: 93LC46BX) NC VCC CS CLK 1 2 3 4 8 ORG* 7 VSS 6 DO 5 DI CS CLK DI DO PDIP/SOIC (P, SN) 1 2 3 4 8 7 6 5 VCC NC ORG* VSS
TSSOP/MSOP (ST, MS) CS CLK DI DO 1 2 3 4 8 7 6 5 VCC NC ORG* VSS DO VSS DI
SOT-23 (OT) 1 2 3 6 5 4 VCC CS CLK
DFN CS CLK DI DO 1 2 3 4 8 7 6 5 VCC NC ORG* VSS
* ORG pin is NC on A/B devices
DS21795C-page 2
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
1.0 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings()
VCC.............................................................................................................................................................................7.0V All inputs and outputs w.r.t. VSS ..........................................................................................................-0.6V to VCC +1.0V Storage temperature ...............................................................................................................................-65C to +150C Ambient temperature with power applied................................................................................................-40C to +125C ESD protection on all pins ...................................................................................................................................................... 4 kV
NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
Industrial (I): TA = -40C to +85C, VCC = +1.8V to +5.5V Automotive (E): TA = -40C to +125C, VCC = +2.5V to +5.5V Min 2.0 0.7 VCC -0.3 -0.3 -- -- 2.4 VCC - 0.2 -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- 500 -- -- 100 -- -- Max VCC +1 VCC +1 0.8 0.2 VCC 0.4 0.2 -- -- 1 1 7 2 -- 1 500 -- 1 5 Units V V V V V V V V A A pF mA A mA A A A A Conditions VCC 2.7V VCC < 2.7V VCC 2.7V VCC < 2.7V IOL = 2.1 mA, VCC = 4.5V IOL = 100 A, VCC = 2.5V IOH = -400 A, VCC = 4.5V IOH = -100 A, VCC = 2.5V VIN = VSS or VCC VOUT = VSS or VCC VIN/VOUT = 0V (Note 1) TA = 25C, FCLK = 1 MHz FCLK = 3 MHz, Vcc = 5.5V FCLK = 2 MHz, Vcc = 2.5V FCLK = 3 MHz, VCC = 5.5V FCLK = 2 MHz, VCC = 3.0V FCLK = 2 MHz, VCC = 2.5V I - Temp E - Temp CLK = Cs = 0V ORG = DI = VSS or VCC (Note 2) (Note 3) (Note 1)
All parameters apply over the specified ranges unless otherwise noted. Param. Symbol No. D1 D2 D3 D4 D5 D6 D7 D8 D9 VIH1 VIH2 VIL1 VIL2 VOL1 VOL2 VOH1 VOH2 ILI ILO CIN, COUT Parameter High-level input voltage Low-level input voltage Low-level output voltage High-level output voltage Input leakage current Output leakage current Pin capacitance (all inputs/ outputs)
ICC write Write current ICC read Read current
D10
ICCS
Standby current
D11
VPOR
VCC voltage detect 93AA66A/B/C, 93LC66A/B/C 93C66A/B/C
-- --
1.5V 3.8V
-- --
V V
Note 1: 2: 3:
This parameter is periodically sampled and not 100% tested. ORG pin not available on `A' or `B' versions. Ready/Busy status must be cleared from DO, see Section 3.4 "Data Out (DO)".
(c) 2005 Microchip Technology Inc.
DS21795C-page 3
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
TABLE 1-2: AC CHARACTERISTICS
Industrial (I): TA = -40C to +85C, VCC = +1.8V to +5.5V Automotive (E): TA = -40C to +125C, VCC = +2.5V to +5.5V Min -- Max 3 2 1 -- Units MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ms ms Conditions 4.5V VCC < 5.5V, 93XX66C only 2.5V VCC < 5.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V, 93XX66C only 2.5V VCC < 5.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V, 93XX66C only 2.5V VCC < 5.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 1.8V VCC < 5.5V 1.8V VCC < 5.5V 4.5V VCC < 5.5V, 93XX66C only 2.5V VCC < 5.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V, 93XX66C only 2.5V VCC < 5.5V 1.8V VCC < 2.5V 4.5V VCC < 5.5V, CL = 100 pF 2.5V VCC < 4.5V, CL = 100 pF 1.8V VCC < 2.5V, CL = 100 pF 4.5V VCC < 5.5V, (Note 1) 1.8V VCC < 4.5V, (Note 1) 4.5V VCC < 5.5V, CL = 100 pF 2.5V VCC < 4.5V, CL = 100 pF 1.8V VCC < 2.5V, CL = 100 pF Erase/Write mode (AA and LC versions) Erase/Write mode (93C versions) ERAL mode, 4.5V VCC 5.5V WRAL mode, 4.5V VCC 5.5V All parameters apply over the specified ranges unless otherwise noted. Param. Symbol No. A1 FCLK Parameter Clock frequency
A2
TCKH
Clock high time
200 250 450 100 200 450 50 100 250 0 250 50 100 250 50 100 250 --
A3
TCKL
Clock low time
--
A4
TCSS
Chip Select setup time
--
A5 A6 A7
TCSH TCSL TDIS
Chip Select hold time Chip Select low time Data input setup time
-- -- --
A8
TDIH
Data input hold time
--
A9
TPD
Data output delay time
200 250 400 100 200 200 300 500 6 2 6 15 --
A10 A11
TCZ TSV
Data output disable time Status valid time
-- --
A12 A13 A14 A15 A16 Note 1: 2:
TWC TWC TEC TWL --
Program cycle time
-- -- -- --
Endurance
1M
cycles 25C, VCC = 5.0V, (Note 2)
This parameter is periodically sampled and not 100% tested. This application is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total EnduranceTM Model which may be obtained from Microchip's web site at www.microchip.com.
DS21795C-page 4
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
FIGURE 1-1:
CS VIH VIL VIH CLK VIL TDIS VIH DI VIL TPD DO (Read) DO (Program) VOH VOL VOH Status Valid VOL TSV is relative to CS. TCZ TSV TPD TCZ TDIH TCSS TCKH TCKL TCSH
SYNCHRONOUS DATA TIMING
Note:
TABLE 1-3: INSTRUCTION SET FOR X 16 ORGANIZATION (93XX66B OR 93XX66C WITH ORG = 1)
Instruction ERASE ERAL EWDS EWEN READ WRITE WRAL SB 1 1 1 1 1 1 1 Opcode 11 00 00 00 10 01 00 Address A7 A6 A5 A4 A3 A2 A1 A0 1 0 1 0 0 1 X X X X X X X X X X X X X X X X X X Data In -- -- -- -- -- D15 - D0 D15 - D0 Data Out (RDY/BSY) (RDY/BSY) High-Z High-Z D15 - D0 (RDY/BSY) (RDY/BSY) Req. CLK Cycles 11 11 11 11 27 27 27
A7 A6 A5 A4 A3 A2 A1 A0 A7 A6 A5 A4 A3 A2 A1 A0 0 1 X X X X X X
TABLE 1-4: INSTRUCTION SET FOR X 8 ORGANIZATION (93XX66A OR 93XX66C WITH ORG = 0)
Instruction ERASE ERAL EWDS EWEN READ WRITE WRAL SB 1 1 1 1 1 1 1 Opcode 11 00 00 00 10 01 00 Address A8 A7 A6 A5 A4 A3 A2 A1 A0 1 0 1 0 0 1 X X X X X X X X X X X X X X X X X X X X X Data In -- -- -- -- -- D7 - D0 D7 - D0 Data Out (RDY/BSY) (RDY/BSY) High-Z High-Z D7 - D0 (RDY/BSY) (RDY/BSY) Req. CLK Cycles 12 12 12 12 20 20 20
A8 A7 A6 A5 A4 A3 A2 A1 A0 A8 A7 A6 A5 A4 A3 A2 A1 A0 0 1 X X X X X X X
(c) 2005 Microchip Technology Inc.
DS21795C-page 5
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.0 FUNCTIONAL DESCRIPTION
2.2 Data In/Data Out (DI/DO)
When the ORG* pin is connected to VCC, the (x16) organization is selected. When it is connected to ground, the (x8) organization is selected. Instructions, addresses and write data are clocked into the DI pin on the rising edge of the clock (CLK). The DO pin is normally held in a High-Z state except when reading data from the device, or when checking the Ready/ Busy status during a programming operation. The Ready/Busy status can be verified during an Erase/ Write operation by polling the DO pin; DO low indicates that programming is still in progress, while DO high indicates the device is ready. DO will enter the High-Z state on the falling edge of CS. It is possible to connect the Data In and Data Out pins together. However, with this configuration it is possible for a "bus conflict" to occur during the "dummy zero" that precedes the read operation, if A0 is a logic high level. Under such a condition the voltage level seen at Data Out is undefined and will depend upon the relative impedances of Data Out and the signal source driving A0. The higher the current sourcing capability of A0, the higher the voltage at the Data Out pin. In order to limit this current, a resistor should be connected between DI and DO.
2.3
Data Protection
2.1
Start Condition
The Start bit is detected by the device if CS and DI are both high with respect to the positive edge of CLK for the first time. Before a Start condition is detected, CS, CLK and DI may change in any combination (except to that of a Start condition), without resulting in any device operation (Read, Write, Erase, EWEN, EWDS, ERAL or WRAL). As soon as CS is high, the device is no longer in Standby mode. An instruction following a Start condition will only be executed if the required opcode, address and data bits for any particular instruction are clocked in. Note: When preparing to transmit an instruction, either the CLK or DI signal levels must be at a logic low as CS is toggled active high.
All modes of operation are inhibited when VCC is below a typical voltage of 1.5V for `93AA' and `93LC' devices or 3.8V for `93C' devices. The EWEN and EWDS commands give additional protection against accidentally programming during normal operation. Note: For added protection, an EWDS command should be performed after every write operation.
After power-up, the device is automatically in the EWDS mode. Therefore, an EWEN instruction must be performed before the initial ERASE or WRITE instruction can be executed.
Block Diagram
VCC VSS Address Decoder
Memory Array
Address Counter Data Register DI ORG* CS CLK Mode Decode Logic Clock Register Output Buffer DO
*ORG input is not available on A/B devices
DS21795C-page 6
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.4 Erase
The ERASE instruction forces all data bits of the specified address to the logical `1' state. CS is brought low following the loading of the last address bit. This falling edge of the CS pin initiates the self-timed programming cycle, except on `93C' devices where the rising edge of CLK before the last address bit initiates the write cycle. The DO pin indicates the Ready/Busy status of the device if CS is brought high after a minimum of 250 ns low (TCSL). DO at logical `0' indicates that programming is still in progress. DO at logical `1' indicates that the register at the specified address has been erased and the device is ready for another instruction. Note: Issuing a Start bit and then taking CS low will clear the Ready/Busy status from DO.
FIGURE 2-1:
CS
ERASE TIMING FOR 93AA AND 93LC DEVICES
TCSL Check Status
CLK
DI
1
1
1
AN
AN-1 AN-2
***
A0 TSV TCZ Ready High-Z TWC
DO
High-Z
Busy
FIGURE 2-2:
CS
ERASE TIMING FOR 93C DEVICES
TCSL Check Status
CLK
DI
1
1
1
AN
AN-1 AN-2
***
A0 TSV TCZ Ready High-Z TWC
DO
High-Z
Busy
(c) 2005 Microchip Technology Inc.
DS21795C-page 7
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.5 Erase All (ERAL)
The Erase All (ERAL) instruction will erase the entire memory array to the logical `1' state. The ERAL cycle is identical to the erase cycle, except for the different opcode. The ERAL cycle is completely self-timed and commences at the falling edge of the CS, except on `93C' devices where the rising edge of CLK before the last data bit initiates the write cycle. Clocking of the CLK pin is not necessary after the device has entered the ERAL cycle. The DO pin indicates the Ready/Busy status of the device, if CS is brought high after a minimum of 250 ns low (TCSL). Note: Issuing a Start bit and then taking CS low will clear the Ready/Busy status from DO.
VCC must be 4.5V for proper operation of ERAL.
FIGURE 2-3:
CS
ERAL TIMING FOR 93AA AND 93LC DEVICES
TCSL Check Status
CLK
DI
1
0
0
1
0
x
***
x TSV TCZ Ready High-Z TEC
DO
High-Z
Busy
VCC must be 4.5V for proper operation of ERAL.
FIGURE 2-4:
CS
ERAL TIMING FOR 93C DEVICES
TCSL Check Status
CLK
DI
1
0
0
1
0
x
***
x TSV TCZ Ready High-Z TEC
DO
High-Z
Busy
DS21795C-page 8
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.6 Erase/Write Disable and Enable(EWDS/EWEN)
To protect against accidental data disturbance, the EWDS instruction can be used to disable all erase/write functions and should follow all programming operations. Execution of a READ instruction is independent of both the EWEN and EWDS instructions.
The 93XX66A/B/C powers up in the Erase/Write Disable (EWDS) state. All Programming modes must be preceded by an Erase/Write Enable (EWEN) instruction. Once the EWEN instruction is executed, programming remains enabled until an EWDS instruction is executed or Vcc is removed from the device.
FIGURE 2-5:
CS
EWDS TIMING
TCSL
CLK
DI
1
0
0
0
0
x
***
x
FIGURE 2-6:
EWEN TIMING
TCSL
CS
CLK
DI
1
0
0
1
1
x
***
x
2.7
Read
The READ instruction outputs the serial data of the addressed memory location on the DO pin. A dummy zero bit precedes the 8-bit (If ORG pin is low or A-Version devices) or 16-bit (If ORG pin is high or B-version
devices) output string. The output data bits will toggle on the rising edge of the CLK and are stable after the specified time delay (TPD). Sequential read is possible when CS is held high. The memory data will automatically cycle to the next register and output sequentially.
FIGURE 2-7:
CS
READ TIMING
CLK
DI
1
1
0
An
***
A0
DO
High-Z
0
Dx
***
D0
Dx
***
D0
Dx
***
D0
(c) 2005 Microchip Technology Inc.
DS21795C-page 9
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.8 Write
The WRITE instruction is followed by 8 bits (If ORG is low or A-version devices) or 16 bits (If ORG pin is high or B-version devices) of data which are written into the specified address. For 93AA66A/B/C and 93LC66A/B/C devices, after the last data bit is clocked into DI, the falling edge of CS initiates the self-timed auto-erase and programming cycle. For 93C66A/B/C devices, the selftimed auto-erase and programming cycle is initiated by the rising edge of CLK on the last data bit. The DO pin indicates the Ready/Busy status of the device, if CS is brought high after a minimum of 250 ns low (TCSL). DO at logical `0' indicates that programming is still in progress. DO at logical `1' indicates that the register at the specified address has been written with the data specified and the device is ready for another instruction. Note: Issuing a Start bit and then taking CS low will clear the Ready/Busy status from DO.
FIGURE 2-8:
CS
WRITE TIMING FOR 93AA AND 93LC DEVICES
TCSL
CLK
DI
1
0
1
An
***
A0
Dx
***
D0 TSV TCZ Ready
DO
High-Z
Busy TWC
High-Z
FIGURE 2-9:
CS
WRITE TIMING FOR 93C DEVICES
TCSL
CLK
DI
1
0
1
An
***
A0
Dx
***
D0 TSV TCZ Ready
DO
High-Z
Busy TWC
High-Z
DS21795C-page 10
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.9 Write All (WRAL)
The Write All (WRAL) instruction will write the entire memory array with the data specified in the command. For 93AA66A/B/C and 93LC66A/B/C devices, after the last data bit is clocked into DI, the falling edge of CS initiates the self-timed auto-erase and programming cycle. For 93C66A/B/C devices, the self-timed autoerase and programming cycle is initiated by the rising edge of CLK on the last data bit. Clocking of the CLK pin is not necessary after the device has entered the WRAL cycle. The WRAL command does include an automatic ERAL cycle for the device. Therefore, the WRAL instruction does not require an ERAL instruction, but the chip must be in the EWEN status. The DO pin indicates the Ready/Busy status of the device if CS is brought high after a minimum of 250 ns low (TCSL). Note: Issuing a Start bit and then taking CS low will clear the Ready/Busy status from DO.
VCC must be 4.5V for proper operation of WRAL.
FIGURE 2-10:
CS
WRAL TIMING FOR 93AA AND 93LC DEVICES
TCSL
CLK
DI
1
0
0
0
1
x
***
x
Dx
***
D0
TSV DO
High-Z
TCZ Ready High-Z
Busy TWL
VCC must be 4.5V for proper operation of WRAL.
FIGURE 2-11:
CS
WRAL TIMING FOR 93C DEVICES
TCSL
CLK
DI
1
0
0
0
1
x
***
x
Dx
***
D0 TSV TCZ Ready High-Z TWL
DO
High-Z
Busy
(c) 2005 Microchip Technology Inc.
DS21795C-page 11
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
3.0 PIN DESCRIPTIONS
PIN DESCRIPTIONS
SOIC/PDIP/ MSOP/TSSOP/ DFN 1 2 3 4 5 6 7 8 SOT-23 5 4 3 1 2 N/A N/A 6 Rotated SOIC 3 4 5 6 7 8 1 2 Chip Select Serial Clock Data In Data Out Ground Organization / 93XX66C No Internal Connection / 93XX66A/B No Internal Connection Power Supply Function
TABLE 3-1:
Name CS CLK DI DO VSS ORG/NC NC VCC
3.1
Chip Select (CS)
A high level selects the device; a low level deselects the device and forces it into Standby mode. However, a programming cycle which is already in progress will be completed, regardless of the Chip Select (CS) input signal. If CS is brought low during a program cycle, the device will go into Standby mode as soon as the programming cycle is completed. CS must be low for 250 ns minimum (TCSL) between consecutive instructions. If CS is low, the internal control logic is held in a Reset status.
data bits before an instruction is executed. CLK and DI then become "don't care" inputs waiting for a new Start condition to be detected.
3.3
Data In (DI)
Data In (DI) is used to clock in a Start bit, opcode, address and data synchronously with the CLK input.
3.4
Data Out (DO)
3.2
Serial Clock (CLK)
Data Out (DO) is used in the Read mode to output data synchronously with the CLK input (TPD after the positive edge of CLK). This pin also provides Ready/Busy status information during erase and write cycles. Ready/Busy status information is available on the DO pin if CS is brought high after being low for minimum Chip Select Low Time (TCSL) and an erase or write operation has been initiated. The Status signal is not available on DO, if CS is held low during the entire erase or write cycle. In this case, DO is in the High-Z mode. If status is checked after the erase/write cycle, the data line will be high to indicate the device is ready. Note: Issuing a Start bit and then taking CS low will clear the Ready/Busy status from DO.
The Serial Clock is used to synchronize the communication between a master device and the 93XX series device. Opcodes, address and data bits are clocked in on the positive edge of CLK. Data bits are also clocked out on the positive edge of CLK. CLK can be stopped anywhere in the transmission sequence (at high or low level) and can be continued anytime with respect to Clock High Time (TCKH) and Clock Low Time (TCKL). This gives the controlling master freedom in preparing opcode, address and data. CLK is a "don't care" if CS is low (device deselected). If CS is high, but the Start condition has not been detected (DI = 0), any number of clock cycles can be received by the device without changing its status (i.e., waiting for a Start condition). CLK cycles are not required during the self-timed write (i.e., auto erase/write) cycle. After detection of a Start condition the specified number of clock cycles (respectively low-to-high transitions of CLK) must be provided. These clock cycles are required to clock in all required opcode, address and
3.5
Organization (ORG)
When the ORG pin is connected to VCC or Logic HI, the (x16) memory organization is selected. When the ORG pin is tied to VSS or Logic LO, the (x8) memory organization is selected. For proper operation, ORG must be tied to a valid logic level. 93XX66A devices are always x8 organization and 93XX66B devices are always x16 organization.
DS21795C-page 12
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
4.0
4.1
PACKAGING INFORMATION
Package Marking Information
8-Lead MSOP (150 mil) Example:
3L66BI 5281L7
XXXXXXT YWWNNN
6-Lead SOT-23
XXNN
Example:
3EL7
8-Lead PDIP
XXXXXXXX T/XXXNNN YYWW
Example:
93LC66B I/P e3 1L7 0528
8-Lead SOIC
Example:
XXXXXXXT XXXXYYWW NNN
93LC66BI SN e3 0528 1L7
8-Lead TSSOP XXXX TYWW NNN
Example: L66B I528 1L7
8-Lead 2x3 DFN
XXX YWW NN
Example:
374 528 L7
(c) 2005 Microchip Technology Inc.
DS21795C-page 13
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
1st Line Marking Codes Part Number 93AA66A 93AA66B 93AA66C 93LC66A 93LC66B 93LC66C 93C66A 93C66B 93C66C Note: TSSOP A66A A66B A66C L66A L66B L66C C66A C66B C66C MSOP 3A66AT 3A66BT 3A66CT 3L66AT 3L66BT 3L66CT 3C66AT 3C66BT 3C66CT SOT-23 I Temp. 3BNN 3LNN -- 3ENN 3PNN -- 3HNN 3TNN -- E Temp. -- -- -- 3FNN 3RNN -- 3JNN 3UNN -- I Temp. 361 371 381 364 374 384 367 377 387 DFN E Temp. -- -- -- 365 375 385 368 378 388
T = Temperature grade (I, E) NN = Alphanumeric traceability code
Legend: XX...X T Y YY WW NNN
e3
Note:
Part number or part number code Temperature (I, E) Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn)
For very small packages with no room for the Pb-free JEDEC designator e3 , the marking will only appear on the outer carton or reel label. In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
Note:
DS21795C-page 14
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
8-Lead Plastic Micro Small Outline Package (MS) (MSOP)
E E1
p D 2 B n 1
A c A1 (F)
A2
L
8 Number of Pins Pitch .026 BSC A .043 Overall Height A2 Molded Package Thickness .030 .033 .037 A1 .000 .006 Standoff E Overall Width .193 TYP. E1 .118 BSC Molded Package Width D .118 BSC Overall Length L .016 .024 .031 Foot Length Footprint (Reference) F .037 REF 0 8 Foot Angle c .003 .006 .009 Lead Thickness B .009 .012 .016 Lead Width 5 15 Mold Draft Angle Top 5 15 Mold Draft Angle Bottom *Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
Units Dimension Limits n p
MIN
INCHES NOM
MAX
MIN
MILLIMETERS* NOM 8 0.65 BSC 0.75 0.85 0.00 4.90 BSC 3.00 BSC 3.00 BSC 0.40 0.60 0.95 REF 0 0.08 0.22 5 5 -
MAX
1.10 0.95 0.15
0.80 8 0.23 0.40 15 15
JEDEC Equivalent: MO-187
Drawing No. C04-111
(c) 2005 Microchip Technology Inc.
DS21795C-page 15
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
6-Lead Plastic Small Outline Transistor (OT) (SOT-23)
E E1
B
p1
D
n
1
c A L A1 A2
Number of Pins 6 Pitch .038 p1 Outside lead pitch (basic) .075 Overall Height A .035 .046 .057 Molded Package Thickness .035 .043 .051 A2 Standoff .000 .003 .006 A1 Overall Width E .102 .110 .118 Molded Package Width .059 .064 .069 E1 Overall Length D .110 .116 .122 Foot Length L .014 .018 .022 Foot Angle 0 5 10 c Lead Thickness .004 .006 .008 Lead Width B .014 .017 .020 Mold Draft Angle Top 0 5 10 Mold Draft Angle Bottom 0 5 10 *Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. JEITA (formerly EIAJ) equivalent: SC-74A
Drawing No. C04-120
Units Dimension Limits n p
MIN
INCHES* NOM
MAX
MIN
MILLIMETERS NOM 6 0.95 1.90 0.90 1.18 0.90 1.10 0.00 0.08 2.60 2.80 1.50 1.63 2.80 2.95 0.35 0.45 0 5 0.09 0.15 0.35 0.43 0 5 0 5
MAX
1.45 1.30 0.15 3.00 1.75 3.10 0.55 10 0.20 0.50 10 10
DS21795C-page 16
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
8-Lead Plastic Dual In-line (P) - 300 mil (PDIP)
E1
D 2 n 1 E
A
A2
c
L A1
eB
B1 p B
Number of Pins Pitch Top to Seating Plane Molded Package Thickness Base to Seating Plane Shoulder to Shoulder Width Molded Package Width Overall Length Tip to Seating Plane Lead Thickness Upper Lead Width Lower Lead Width Overall Row Spacing Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p A A2 A1 E E1 D L c B1 B eB
MIN
INCHES* NOM 8 .100 .155 .130 .313 .250 .373 .130 .012 .058 .018 .370 10 10
MAX
MIN
.140 .115 .015 .300 .240 .360 .125 .008 .045 .014 .310 5 5
.170 .145 .325 .260 .385 .135 .015 .070 .022 .430 15 15
MILLIMETERS NOM 8 2.54 3.56 3.94 2.92 3.30 0.38 7.62 7.94 6.10 6.35 9.14 9.46 3.18 3.30 0.20 0.29 1.14 1.46 0.36 0.46 7.87 9.40 5 10 5 10
MAX
4.32 3.68 8.26 6.60 9.78 3.43 0.38 1.78 0.56 10.92 15 15
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-001 Drawing No. C04-018
(c) 2005 Microchip Technology Inc.
DS21795C-page 17
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
8-Lead Plastic Small Outline (SN) - Narrow, 150 mil (SOIC)
E E1
p
D 2 B n 1
h 45
c A A2
L A1
Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Chamfer Distance Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p A A2 A1 E E1 D h L c B
MIN
.053 .052 .004 .228 .146 .189 .010 .019 0 .008 .013 0 0
INCHES* NOM 8 .050 .061 .056 .007 .237 .154 .193 .015 .025 4 .009 .017 12 12
MAX
MIN
.069 .061 .010 .244 .157 .197 .020 .030 8 .010 .020 15 15
MILLIMETERS NOM 8 1.27 1.35 1.55 1.32 1.42 0.10 0.18 5.79 6.02 3.71 3.91 4.80 4.90 0.25 0.38 0.48 0.62 0 4 0.20 0.23 0.33 0.42 0 12 0 12
MAX
1.75 1.55 0.25 6.20 3.99 5.00 0.51 0.76 8 0.25 0.51 15 15
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-012 Drawing No. C04-057
DS21795C-page 18
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
8-Lead Plastic Thin Shrink Small Outline (ST) - 4.4 mm (TSSOP)
E E1 p
D 2 1 n B
A c
L
A1
A2
Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Molded Package Length Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p A A2 A1 E E1 D L c B
MIN
INCHES NOM 8 .026
MAX
MIN
.033 .002 .246 .169 .114 .020 0 .004 .007 0 0
.035 .004 .251 .173 .118 .024 4 .006 .010 5 5
.043 .037 .006 .256 .177 .122 .028 8 .008 .012 10 10
MILLIMETERS* NOM MAX 8 0.65 1.10 0.85 0.90 0.95 0.05 0.10 0.15 6.25 6.38 6.50 4.30 4.40 4.50 2.90 3.00 3.10 0.50 0.60 0.70 0 4 8 0.09 0.15 0.20 0.19 0.25 0.30 0 5 10 0 5 10
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. JEDEC Equivalent: MO-153 Drawing No. C04-086
(c) 2005 Microchip Technology Inc.
DS21795C-page 19
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
8-Lead Plastic Dual Flat No Lead Package (MC) 2x3x0.9 mm Body (DFN) - Saw Singulated
p D b
n
L
E
E2
PIN 1 ID INDEX AREA (NOTE 2)
EXPOSED METAL PAD
D2
2
1
TOP VIEW
BOTTOM VIEW
A A3
A1
EXPOSED TIE BAR (NOTE 1)
Number of Pins Pitch Overall Height Standoff Contact Thickness Overall Length Exposed Pad Length Overall Width Exposed Pad Width Contact Width Contact Length
Units Dimension Limits n p A A1 A3 D D2 E E2 b L
MIN
.031 .000
(Note 3)
.055 .047 .008 .012
(Note 3)
INCHES NOM 8 .020 BSC .035 .001 .008 REF. .079 BSC -.118 BSC -.010 .016
MAX
MIN
.039 .002
0.80 0.00
.064 .071 .012 .020
1.39 1.20 0.20 0.30
MILLIMETERS* NOM 8 0.50 BSC 0.90 0.02 0.20 REF. 2.00 BSC -3.00 BSC -0.25 0.40
MAX
1.00 0.05
1.62 1.80 0.30 0.50
*Controlling Parameter Notes: 1. Package may have one or more exposed tie bars at ends. 2. Pin 1 visual index feature may vary, but must be located within the hatched area. 3. Exposed pad dimensions vary with paddle size. 4. JEDEC equivalent: MO-229
Drawing No. C04-123 Revised 05/24/04
DS21795C-page 20
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
APPENDIX A:
Revision B Corrections to Section 1.0, Electrical Characteristics. Section 4.1, 6-Lead SOT-23 package to OT. Revision C Added DFN package.
REVISION HISTORY
(c) 2005 Microchip Technology Inc.
DS21795C-page 21
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
NOTES:
DS21795C-page 22
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
THE MICROCHIP WEB SITE
Microchip provides online support via our WWW site at www.microchip.com. This web site is used as a means to make files and information easily available to customers. Accessible by using your favorite Internet browser, the web site contains the following information: * Product Support - Data sheets and errata, application notes and sample programs, design resources, user's guides and hardware support documents, latest software releases and archived software * General Technical Support - Frequently Asked Questions (FAQ), technical support requests, online discussion groups, Microchip consultant program member listing * Business of Microchip - Product selector and ordering guides, latest Microchip press releases, listing of seminars and events, listings of Microchip sales offices, distributors and factory representatives
CUSTOMER SUPPORT
Users of Microchip products can receive assistance through several channels: * * * * * Distributor or Representative Local Sales Office Field Application Engineer (FAE) Technical Support Development Systems Information Line
Customers should contact their distributor, representative or field application engineer (FAE) for support. Local sales offices are also available to help customers. A listing of sales offices and locations is included in the back of this document. Technical support is available through the web site at: http://support.microchip.com In addition, there is a Development Systems Information Line which lists the latest versions of Microchip's development systems software products. This line also provides information on how customers can receive currently available upgrade kits. The Development numbers are: Systems Information Line
CUSTOMER CHANGE NOTIFICATION SERVICE
Microchip's customer notification service helps keep customers current on Microchip products. Subscribers will receive e-mail notification whenever there are changes, updates, revisions or errata related to a specified product family or development tool of interest. To register, access the Microchip web site at www.microchip.com, click on Customer Change Notification and follow the registration instructions.
1-800-755-2345 - United States and most of Canada 1-480-792-7302 - Other International Locations
(c) 2005 Microchip Technology Inc.
DS21795C-page 23
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
READER RESPONSE
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip product. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150. Please list the following information, and use this outline to provide us with your comments about this document. To: RE: Technical Publications Manager Reader Response Total Pages Sent ________
From: Name Company Address City / State / ZIP / Country Telephone: (_______) _________ - _________ Application (optional): Would you like a reply? Y N Literature Number: DS21795C FAX: (______) _________ - _________
Device: 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C Questions: 1. What are the best features of this document?
2. How does this document meet your hardware and software development needs?
3. Do you find the organization of this document easy to follow? If not, why?
4. What additions to the document do you think would enhance the structure and subject?
5. What deletions from the document could be made without affecting the overall usefulness?
6. Is there any incorrect or misleading information (what and where)?
7. How would you improve this document?
DS21795C-page 24
(c) 2005 Microchip Technology Inc.
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device X X X /XX Package X Lead Finish
Examples: a) b) c) d) 93AA66C-I/MS: 4K, 512x8 or 256x16 Serial EEPROM, MSOP package, 1.8V 93AA66B-I/MS: 4K, 256x16 Serial EEPROM, MSOP package, 1.8V 93AA66AT-I/OT: 4K, 512x8 Serial EEPROM, SOT-23 package, tape and reel, 1.8V 93AA66CT-I/MS: 4K, 512x8 or 256x16 Serial EEPROM, MSOP package, tape and reel, 1.8V 93LC66A-I/MS: 4K, 512x8 Serial EEPROM, MSOP package, 2.5V 93LC66BT-I/OT: 4K, 256x16 Serial EEPROM, SOT-23 package, tape and reel, 2.5V 93LC66B-I/MS: 4K, 256x16 Serial EEPROM, MSOP package, 2.5V 93C66B-I/MS: 4K, 256x16 Serial EEPROM, MSOP package, 5.0V 93C66C-I/MS: 4K, 512x8 or 256x16 Serial EEPROM, MSOP package, 5.0V 93C66AT-I/OT: 4K, 512x8 Serial EEPROM, SOT-23 package, tape and reel, 5.0V
Pinout Tape & Reel Temperature Range
Device:
93AA66A: 4K 1.8V Microwire Serial EEPROM 93AA66B: 4K 1.8V Microwire Serial EEPROM 93AA66C: 4K 1.8V Microwire Serial EEPROM w/ORG 93LC66A: 4K 2.5V Microwire Serial EEPROM 93LC66B: 4K 2.5V Microwire Serial EEPROM 93LC66C: 4K 2.5V Microwire Serial EEPROM w/ORG 93C66A: 93C66B: 93C66C: 4K 5.0V Microwire Serial EEPROM 4K 5.0V Microwire Serial EEPROM 4K 5.0V Microwire Serial EEPROM w/ORG
a) b) c)
Pinout:
Blank = X =
Standard pinout Rotated pinout
a) b) c)
Tape & Reel:
Blank = T =
Standard packaging Tape & Reel
Temperature Range:
I E
= =
-40C to +85C -40C to +125C
Package:
MS OT P SN ST MC
= = = = = =
Plastic MSOP (Micro Small outline, 8-lead) SOT-23, 6-lead (Tape & Reel only) Plastic DIP (300 mil body), 8-lead Plastic SOIC (150 mil body), 8-lead TSSOP, 8-lead 2x3 DFN, 8-lead
Lead Finish:
Blank = G =
Pb-free - Matte Tin (see Note 1) Pb-free - Matte Tin only
Note 1:
Most products manufactured after January 2005 will have a Matte Tin (Pb-free) finish. Most products manufactured before January 2005 will have a finish of approximately 63% Sn and 37% Pb (Sn/Pb). Please visit www.microchip.com for the latest information on Pb-free conversion, including conversion date codes.
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
(c) 2003 Microchip Technology Inc.
DS21795C-page 25
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
NOTES:
DS21795C-page 26
(c) 2003 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, Migratable Memory, MXDEV, MXLAB, PICMASTER, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PICLAB, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel, Total Endurance and WiperLock are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2005, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona and Mountain View, California in October 2003. The Company's quality system processes and procedures are for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2005 Microchip Technology Inc.
DS21795C-page 27
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Alpharetta, GA Tel: 770-640-0034 Fax: 770-640-0307 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 San Jose Mountain View, CA Tel: 650-215-1444 Fax: 650-961-0286 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8676-6200 Fax: 86-28-8676-6599 China - Fuzhou Tel: 86-591-8750-3506 Fax: 86-591-8750-3521 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Shunde Tel: 86-757-2839-5507 Fax: 86-757-2839-5571 China - Qingdao Tel: 86-532-502-7355 Fax: 86-532-502-7205
ASIA/PACIFIC
India - Bangalore Tel: 91-80-2229-0061 Fax: 91-80-2229-0062 India - New Delhi Tel: 91-11-5160-8631 Fax: 91-11-5160-8632 Japan - Kanagawa Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Taiwan - Hsinchu Tel: 886-3-572-9526 Fax: 886-3-572-6459
EUROPE
Austria - Weis Tel: 43-7242-2244-399 Fax: 43-7242-2244-393 Denmark - Ballerup Tel: 45-4450-2828 Fax: 45-4485-2829 France - Massy Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Ismaning Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 England - Berkshire Tel: 44-118-921-5869 Fax: 44-118-921-5820
03/01/05
DS21795C-page 28
(c) 2005 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 93AA66AXT-IP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X