Part Number Hot Search : 
B7640 1050N 05S20 104SH LA4632 LHF16KA9 42500 2SC2316
Product Description
Full Text Search
 

To Download 88E1141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transceiver Solutions
Alaska(R) Quad
Gigabit Ethernet Transceiver
88E1141/88E1145
PRODUCT OVERVIEW
The Marvell Alaska family of Gigabit Ethernet (GbE) over copper transceivers are the industryOs lowest power, smallest form factor, highest performance, and highest port density solutions in volume production. The Alaska Quad 88E1141 and 88E1145 transceivers lead the industry with the lowest power consumption (under 3W for the entire device), enabling network systems manufacturers to decrease system cost by reducing both power supply and fan requirements. Additionally, the 88E1145 device offers the smallest package footprint (21 mm x 21 mm) and requires 40% less board space than competing Gigabit solutions. The Alaska Quad products offer additional support of 1000BASE-X through an integrated 1.25 GHz Serializer/Deserializer (SERDES).
D/A
Waveshape Filter
Echo Canceller Near End Crosstalk Canceller Feed Forward Equalizer Trellis Decoder Decision Feedback Equalizer
10/100/1000 Transmit PCS
P0_TX_CTL P0_TXD[3:0] P0_GTX_CLK
Timing Control Active Hybrid Gain Control Baseline 10BASE-T Receiver
P0_MDC P0_MDIO P0_INTn P0_RSET P0_HSDACP/N P0_TSTPT
Fiber/SERDES Transmit
P0_S_IN+/P0_S_CLK+/P0_S_OUT+/-
A/D DPLL
Skew Control
10/100/1000 Receive PCS
P0_RX_CTL P0_RXD[3:0] P0_RX_CLK
Management Interface Bias/Test
Registers LED/ Conguration Auto-Negotiation
P0_LED_LINK10 P0_LED_LINK100 P0_LED_LINK1000 P0_LED_DUPLEX P0_LED_RX P0_LED_TX GCONFIG[1:0]
JTAG
TRST# TCK TDI TMS TDO
Clock/Reset
XTAL1 XTAL2 RESETn 125CLK
Fig 1. Alaska Quad GbE Transceiver (88E1141/88E1145) Block Diagram
FEATURES
Highly integrated 4-port device Ultra low power, only 0.75W/port 10/100/1000BASE-T IEEE 802.3 compliant Supports GMII/RGMII/SGMII/TBI/RTBI interfaces Virtual Cable Tester (VCT) feature Integrated 1.25 GHz SERDES Media Detect feature automatically detects and congures to either copper or ber media Automatic support for 2-pair CAT 5 cable (100 Mbps) Power management modes Four RGMII timing modes Operation up to 180 meters CAT 5 cable Auto-MDI/MDIX crossover for all modes of operation Support IEEE 1149.1 (JTAG) and NAND-tree ICT Advanced mixed-signal and DSP techniques
BENEFITS
Enables highly integrated Gigabit switches Enables higher integration and reduced system cost Compatibility with existing installed base of compliant devices Reduces cost and simplies PCB layout Identication and isolation of cable faults Supports 1000BASE-X ber applications Complete media exibility Operates over installed 2-pair cable Reduced system power Eliminate the need for on-board delay lines Functions over a wider base of cabling infrastructures Eases installation and reduces cost Simplies board level testing/debugging Advanced DSP design
Alaska(R) Quad Gigabit Ethernet Transceiver
FEATURES
IEEE 802.3u compliant Auto-Negotiation Active internal hybrids for 1000BASE-T Direct drive LED support Software congurable LED support User programmable PHY address Loopback mode
BENEFITS
Automatically congures to 10, 100 or 1000 Mbps Lower cost magnetics Eliminates cost of external LED latches and drivers User-dened LED conguration Works with all existing Gigabit switch designs Assists testing and diagnostics
APPLICATIONS
The Marvell Alaska Quad transceivers enable higher port count Gigabit switches, up to 48 ports. Through integrated SERDES technology, the device also offers optional support for 1000BASE-SX/LX Gigabit ber standards, on a per port basis, enabling mixed-media Gigabit switches. The Alaska Quad products support the GMII, RGMII, SGMII, TBI, and RTBI PHY/MAC interface options. The Alaska Quad transceivers offer the most advanced feature set including VCT technology used to diagnose the attached cable plant and isolate and report cable faults with one-meter accuracy. Additionally, the devices feature O2-pair downshiftO capability for plug-and-play operation in 2-pair cable environments, as well the Media Detect feature which supports both copper and ber media simultaneously.
10/100/1000 Mbps Ethernet MAC Port 0 10/100/1000 Mbps Ethernet MAC Port 1 10/100/1000 Mbps Ethernet MAC Port 3
MAC Interface Options: GMII RGMII SGMII TBI RTBI Serial Interface (SERDES)
RJ45 Port 0 Alaska Quad PHY RJ45 Port 1
Ethernet Gigabit MAC Port 0 Ethernet Gigabit MAC Port 1 Alaska Quad PHY
Fiber Optics Port 0 Fiber Optics Port 1
Magnetics
RJ45 Port 3
Media Types: 10BASE-T 100BASE-TX 1000BASE-T
Ethernet Gigabit MAC Port 3
MAC Interface Options: GMII RGMII TBI RTBI
Fiber Optics Port 3
Serial Interface (SERDES)
Media Types: 1000BASE-SX 1000BASE-LX
Fig 2. Alaska Quad GbE Transceiver (88E1141/88E1145) Copper Applications Diagram
Fig 3. Alaska Quad GbE Transceiver (88E1141/88E1145) Fiber Applications Diagram
THE MARVELL ADVANTAGE: The Marvell Alaska Quad GbE transceivers come with a complete set of hardware and software
development tools to assist network hardware engineers with product evaluation. MarvellOs worldwide eld applications engineers collaborate closely with network equipment vendors to develop and deliver new competitive products to market on time. Marvell utilizes recognized world-leading semiconductor foundry and packaging services to reliably deliver high-volume and low cost total solutions. For more information, visit our website at www.marvell.com.
Marvell Semiconductor, Inc.
700 First Avenue Sunnyvale, CA 94089 Phone 408.222.2500 www.marvell.com
(c)2002 Marvell International Ltd. All rights reserved. Marvell, the Marvell logo, Moving Forward Faster, Alaska, the Galileo logo, and GalNet are registered trademarks of Marvell. Discovery, Fastwriter, Galileo Technology, GalTis, Horizon, Libertas, Link Street, PHY Advantage, Prestera, Raise the Technology Bar, Virtual Cable Testers, and Yukon are trademarks of Marvell. All other trademarks are the property of their respective owners. 88E1141/1145-001 11/02


▲Up To Search▲   

 
Price & Availability of 88E1141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X