Part Number Hot Search : 
IRL8113L 15HM5 641170 2832658 FDLL700 P50NE GIB1402 1A221M
Product Description
Full Text Search
 

To Download 412MWO4C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION
Part No.412MWO4C
Features/
l Single color/ l High bright output/ l Low power consumption/ l High reliability and long life/ l Cuprum lead/
Descriptions/
l Dice material/GaInN l Emitting Color/ Warm color white/ l Device Outline/ 5mm Round Type/5mm l Lens Type/Water Clear/
NOTE/:
l l
All dimensions are millimeters/mm Tolerance is +/-0.25mmunless otherwise noted/0.25mm
DIRECTIVITY
0 Ta=25C IF=20mA 30
60
90
60
30
0
0.5
90 1.0
Radiation Angle
www.ledz.com
1/3
Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION
Part No.412MWO4C
Absolute maximum ratings/Ta = 25
Parameter Reverse Voltage Forward Current Power Dissipation Pulse Current Operating Temperature Storage Temperature Symbol VR IF Pd Ipeak Topr Tstr Test Condition IR = 30A ------Duty=0.1mS1kHz ------Value Min. 5 ----------40 -40 Max. -25 90 100 +85 +100 Unit V mA mW mA
Electrical and optical characteristics /Ta = 25
Parameter Forward Voltage Reverse Current Luminous Intensity Viewing Angle Symbol VF IR IV 21/2 Test Condition IF = 20mA VR = 5V IF = 20mA IF = 20mA Value Min. ------------Typ. 3.2 ---900 120 Max. 3.6 30 ------Unit V A mcd Deg.
Luminous Intensity Bins Chart/Ta = 25
Bin Min Max Q 400 600 R 600 800 S 800 1000 T 1000 1500
www.ledz.com
2/3
Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION
Part No.412MWO4C
Color Temperature Bins Char/Ta = 25
Bin CCT Bin CCT WP0 <2500 WP5 3600~4000 WP1 2500~2800 WP6 4000~4500 WP2 2800~3000 WP7 4500~5000 WP3 3000~3300 WP8 5000~6000 WP4 3300~3600 WP9 >6000
Typical electrical/optical characteristic curves/
50 40 30 20 10 0 2.0 Luminous Intensity Relative Value at IF=20mA 2.4 2.8 3.2 3.6 Forward Voltage(V) 4.0 Forward Current(mA) 2.5 2.0 1.5 1.0 0.5 0 0 30 10 20 40 IF-Forward Current (mA) 50
50 Relative Luminous Intensity Forward Current(mA) 40 30 20 10
2.5 2.0 1.5 1.0 0.5 0 -40 -20 0 20
Relative Luminous Intensity
1 .2 1 .0
40 60 80 100
0
Ta =2 5
40 60 80 100 Ambient Temperature TA ()
0
20
Ambient Temperature TA ()
0 .8 0 .6 0. 4 0. 2 0 40 0 45 0 5 00 5 50 600 6 50 7 00
Wa ve le ng th
( nm )
www.ledz.com
3/3


▲Up To Search▲   

 
Price & Availability of 412MWO4C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X