Part Number Hot Search : 
NTROLBR 16411 B12404 BV55C HMT112 XXHD4 NX8565LE GT100DA
Product Description
Full Text Search
 

To Download 3PSF201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 revision for dwg # 1PB-3PSFxyy
rev
4
ch.no.
-
-
description original design
date
11/2/2007
revised by Philipp E.
n28.7 mm n20.2 mm
8.5 mm [.3 in]
42.6 mm [1.7 in]
[.8 in]
max. 6 mm [.25 in]
2 3
1
* = Push Button is supplied with mounting nut and rubber gasket (ITEM 2 and 3)
ITEM DESCRIPTION
yy = Contact Configuration 10 = 1NO Contact 01 = 1NC Contact 11 = 1NO + 1NC Contacts 20 = 2NO Contacts 02 = 2NC Contacts
unless otherwise specified: all dimensions are in millimeters third angle projection tolerance XX XX.X XX.XX ALL
This Drawing is the property of
R
1*
Economy Plastic Psuh Button
2* 3* 4
titel
Mounting Nut Rubber Gasket Panel
CAT. NO. 3PSF1yy 3PSF2yy 3PSF3yy 3PSF4yy 3PSF6yy 3PSF8yy P2BRK 3PRG1 -
COLOR White Black Green Red Blue Yellow Black Black -
[1.1 in]
MIN. QTY. MAX. QTY. 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 -
= = = =
1 mm 0.5 mm 0.2 mm - mm
M E T R I C
35 Royal Road Flemington, NJ 08822-6000 (908) 806-9400 Fax (908) 806-9490
and is a confidential disclosurelent without consideration other than the borrower's agreement that it shall not be reproduced, copied, lent or disposed of directly or indirectly nor used for any purpose other than that for which it is specifically furnished.
Economy Non-Illuminated Plastic Momentary Push Buttons 3PSFxyy (x=color, yy=contact configuration)
11/2/2007
drawn by: Philipp Ernstberger checked by: Laszlo Gyorgypal released by: Laszlo Gyorgypal
drawing no.:
rev.:
-
1PB-3PSFxyy
scale:
-
sheet: 1
of: 1


▲Up To Search▲   

 
Price & Availability of 3PSF201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X