Part Number Hot Search : 
10ETS12 ADM1170 AJT006 AJT006 1216C 683ML MBRA120 683ML
Product Description
Full Text Search
 

To Download 2SC2578 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
DESCRIPTION With TO-3PN package Complementary to 2SA1104 High Power Dissipation High Current Capability APPLICATIONS Audio power amplifier DC TO DC Converter
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC2578
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 140 100 6 7 70 150 -55~150 ae ae UNIT V V V A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SC2578
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP. MAX UNIT
SYMBOL
V(BR)CBO
Collector-base breakdown voltage
IC=5mA; IE=0
140
V
V(BR)CEO V(BR)EBO
Collector-emitter breakdown voltage
IC=10mA ;RBE= IC=0 ;IE=5mA
100
V
Emitter-base breakdown voltage
6
V
ICBO
Collector cut-off current
VCB=100V; IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=4V; IC=0
0.1
mA
hFE1
DC current gain
IC=1A ; VCE=5V
55
160
hFE2
DC current gain
IC=3A ; VCE=5V
50
VCE(sat)
Collector-emitter saturation voltage
IC=3A ; IB=0.3A
2
V
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2578
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SC2578

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X