Part Number Hot Search : 
74HC154 ACS132D 30DR100 HIN207IP CA010 RH732E B7305 BG4652K
Product Description
Full Text Search
 

To Download 2SC2373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC2373
DESCRIPTION With TO-220 package Low collector saturation voltage Fast switching time APPLICATIONS For use in horizontal deflection output for B/W TV applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 200 100 7 7.5 15 3.0 40 150 -55~150 ae ae UNIT V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance from junction to case VALUE 3.125 UNIT ae /W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector-emitter voltage Emitter-base voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=5A; IB=0.5 A IC=5A; IB=0.5 A IC=30mA; IB=0 IE=1.0mA; IC=0 VCB=150V;IE=0 VEB=5V; IC=0 IC=5A ; VCE=5V IC=0.1A ; VCE=5V;f=3.0MHz 15 5.0 100 7 MIN
2SC2373
SYMBOL VCEsat VBEsat VCEO VEBO ICBO IEBO hFE fT
TYP.
MAX 1.5 1.5
UNIT V V V V
10 10 70
|I |I
A A
MHz
ton ts tf
Turn-on time Storage time Fall time VCC=20V;IC=5.0A IB1=-IB2=0.6A PW=20|I s
1.0 2.5 1.0 |I |I
|I
s s s
hFE classifications M 15-35 L 25-45 K 35-70
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2373
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC2373
4


▲Up To Search▲   

 
Price & Availability of 2SC2373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X