Part Number Hot Search : 
52000 B4540 820KD14J AS8401 ALD2722E ALD2722E AHC86 R5F212L
Product Description
Full Text Search
 

To Download 2SB1424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1424
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
D D1 A
PNP Silicon Medium Power Transistor
E1
b1
1.BASE
SOT-89
2.COLLECTOR 3. EMITTER
L
b e e1 C
FEATURES
Symbol
Dimensions In Millimeters Min 1.400 0.320 0.360 0.350 4.400 1.400 2.300 3.940 1.500TYP 2.900 0.900 3.100 1.100 Max 1.600 0.520 0.560 0.440 4.600 1.800 2.600 4.250 Min
E
Dimensions In Inches Max 0.063 0.020 0.022 0.017 0.181 0.071 0.102 0.167 0.060TYP 0.114 0.035 0.122 0.043
Power dissipation : 600 mW Temp.=25 PCM Collector current : -3 A ICM Collector-base voltage V V(BR)CBO : -20 Operating and storage junction temperature range TJ Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance
A b b1 c D D1 E E1 e e1 L
0.055 0.013 0.014 0.014 0.173 0.055 0.091 0.155
Tamb=25
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) VCE(sat) Test
unless otherwise specified
conditions MIN TYP MAX UNIT V V V
Ic=-50 A,IE=0 Ic=-1mA,IB=0 IE=-50 A,IC=0 VCB=-20V,IE=0 VEB=-5V,IC=0 VCE=-2V,IC=-100mA IC=-2A,IB=-100mA VCE=-2V,IC=-500mA,f=100MHz VCB=-10V,IE=0,f=1MHz
-20 -20 -6 -0.1 -0.1 120 390 -0.5 240 35
A A
V MHz pF
fT
Cob
CLASSIFICATION OF hFE(1) Rank Range Marking Q 120-270 AEQ R 180-390 AER
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
2SB1424
Elektronische Bauelemente
PNP Silicon Medium Power Transistor
Electrical characteristic curves
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2SB1424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X