Part Number Hot Search : 
MAX6634 10007 PIC18F86 0830776 SNC26300 20221 HMC499 KI1400DL
Product Description
Full Text Search
 

To Download 2SB1375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB1375
DESCRIPTION With TO-220F package Complement to type 2SD2012 Low collector saturation voltage: VCE(SAT)=-1.5V(Max) at IC=-2A,IB=-0.2A Collector power dissipation: PC=25W(TC=25ae ) APPLICATIONS Audio frequency power amplifier
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25ae PC Collector dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 25 150 -55~150 ae ae CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -7 -3 -0.5 2.0 W UNIT V V V A A
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-50mA ;IB=0 IC=-2A ;IB=-0.2A IC=-0.5A;VCE=-5V VCB=-60V; IE=0 VEB=-7V; IC=0 IC=-0.5A ; VCE=-5V IC=-2A ; VCE=-5V IC=-0.5A ; VCE=-5V IE=0; f=1MHz;VCB=-10V 100 15 9 MIN -60
2SB1375
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
-1.0 -0.75
-1.5 -1.0 -10 -10 320 |I |I
V V A A
MHz pF
50
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1375
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SB1375
4


▲Up To Search▲   

 
Price & Availability of 2SB1375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X