Part Number Hot Search : 
10A00 10MHZ F1100 SKY77404 SP805TCP A3010 698115KB UM810BP
Product Description
Full Text Search
 

To Download 27000XOK53025UITA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
FEATURES * * * * * Micro-miniature 5.0mm x 3.2mm package Frequency Range 16MHz to 50MHz Low supply current <1.7mA at 1.8V supply Supply voltage range, 1.8, 2.5V or 3.3Volts Tristate function to conserve power
XOK53 Series Oscillators
5 x 3.2mm SMD Low Power Consumption Clock Oscillator
OUTLINE & DIMENSIONS
DESCRIPTION XOK53 oscillators are designed for battery operated portable or hand-held consumer electronic devices where small size and low supply current consumption is mandatory. A XOK53 at 27MHz and 1.8 Volts supply consumes less than 1.7mA in operating mode and less than 2 micro Amps in disabled mode. XOK53 phase noise is 130dBc/Hz at 10kHz offset. The oscillator is available with supply voltage at 1.8, 2.5 or 3.3 Volts. SPECIFICATION Frequency Range: Frequency Stability Commercial: Industrial: Output Logic: Rise/Fall Time: Current Consumption: Symmetry: Start-up Time: Load: Voltage Sensitivity: Period Jitter (RMS) 16.0MHz to 56.0MHz 25ppm to 100ppm 0 to +70C 25ppm to 100ppm -40 to +85C HCMOS 4ns typical (10% to 90%Vdd) 12mA typical (+3.0V) 45% minimum, 55% maximum 10ms typical (Vdd reaches 1.62V) 15pF 0.8ppm typical (10%Vdd variation) 2.1ps typical with capacitive decoupling between Vdd and Gnd. Supply Voltage (10%) +1.8V +2.5V +3.3V SOLDER TEMPERATURE PROFILE
Supply Voltage Dependant Parameters Output Voltage HIGH `1': Output Voltage LOW `0': 16.000MHz 20.945MHz Current 25.000MHz Consumption 27.000MHz mA typical 30.000MHz 38.000MHz 50.000MHz
+1.40Vmin. +2.0Vmin. +2.4Vmin. +0.2Vmax. +0.3Vmax. +0.4Vmax. 1.05mA 1.34mA 1.54mA 1.69mA 1.93mA 2.27mA 2.60mA 1.51mA 1.86mA 2.17mA 2.35mA 2.74mA 3.26mA 3.90mA 2.12mA 2.58mA 3.00mA 3.25mA 3.77mA 4.48mA 4.95mA
Tristate (Pad 1 grounded): 2uA typical 4uA max. (oscillator is off) PART NUMBERING Example:
27.000MHz XOK53050UCTC
NOTES Pad 1 Options: Pad 1 connected to ground, output disabled No connection/Logic HIGH, output enabled Disable time 10ms typical Enable time 10ms typical 5ppm per year max. 2000V max., human body model 12mm tape, 8mm pitch. 1000 pieces/reel
Frequency Series Designation XOK53 Stability 100 = 100ppm 050 = 50ppm 025 = 25ppm Output Universal Operating Temp. Range C = Commercial (0~70C) I = Industrial (-40~+85C) Tristate Function Supply Voltage A = 3.3 Volts B = 2.5 Volts C = 1.8 Volts
Ageing: ESD Protection: Packaging: PHASE NOISE Offset dBc/Hz
100Hz -80
1kHz -110
10kHz -130
100kHz -138
1MHz -145
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 27000XOK53025UITA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X