Part Number Hot Search : 
SMCJ11 SM5Z6V0 TM100 SD101A D5027 421904 H11N3TVM H11N3TVM
Product Description
Full Text Search
 

To Download 2561 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KR 2561 Bandpass Filter
General Description
KR Electronics, Inc.
www.krfilters.com
KR 2561 is a 64 MHz surface mount bandpass filter. Other cen- Features ter frequencies and bandwidths available. Please consult the fac- * Surface Mount Package tory. * Sharp Transition to Stopband * >40 dB Stopband * 50 Source and Load
Typical Performance
Passband Amplitude & Group Delay
(0.5 dB/div & 5 nsec/div)
.5 dB/ 5 ns/ REF -1 dB REF 45 ns 20 Sep 2004 12:39:31 CH1 CH2 PRm
PRm
Overall Response
(10 dB/div)
S 21 S 21
log MAG delay
20 Sep 2004 12:36:09 CH1 S 21 log MAG 10 dB/ REF 0 dB
Cor 1
Cor
2 PRm Cor
Smo
CENTER 64.000 000 MHz
SPAN 10.000 000 MHz
CENTER 64.000 000 MHz
SPAN 100.000 000 MHz
KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2004, KR Electronics, Inc.
Web Email Phone Fax
www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1
KR Electronics, Inc.
KR 2561 Bandpass
Specifications
Parameter Filter type Center Frequency Insertion Loss Min 0.6 dB Bandwidth Max 40 dB Bandwidth Source and Load Specification Bandpass 64 MHz < 2 dB 10 MHz 30 MHz 50
www.krfilters.com
Physical Dimensions
Notes: 1. Surface mount package -- Metal cover, open frame 2. Dimensions in inches 3. Use SN60 or SN63 solder during installation 4. If boards are cleaned after installation, units must be completely dried to remove any entrapped moisture that will effect electrical performance
KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2004, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2


▲Up To Search▲   

 
Price & Availability of 2561

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X