|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KR Electronics, Inc. KR 2290-35-SMA 35 MHz Highpass General Description KR 2290-35-SMA is a 35 MHz highpass filter. Other passband frequencies are available. Also available in surface mount package. Please consult the factory. www.krfilters.com Features * SMA Connectors * Sharp Transition to Stopband * 50 Source and Load Typical Performance Overall Response (10 dB/div) CH1 S 21 log MAG 10 dB/ 1 REF 0 dB 15 Dec 2005 13:35:32 1_:-1.7348 dB 35.000 000 MHz PRm Cor START 1.000 000 MHz STOP 1 000.000 000 MHz KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2005, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1 KR Electronics, Inc. KR 2290-35-SMA Specifications Parameter Filter type Start of Passband ( < 4 dB) Attenuation below 30 MHz Source and Load Specification Highpass 35 MHz 45 dB 50 www.krfilters.com Physical Dimensions Dimensions in inches Metal Case Also available in surface mount package Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2 KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2005, KR Electronics, Inc. |
Price & Availability of 2290-35-SMA |