Part Number Hot Search : 
68801 66000 UPD17132 6029E MIC2568 T260XW01 SMPA48 A5800732
Product Description
Full Text Search
 

To Download 21090286-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AGILE OPTICAL COMPONENTS
Dual Parallel Mach-Zehnder (DPMZ) Modulator
Key Features
* Monolithically integrated, parallel, high-speed MZ modulators, with a phase modulator superstructure * High-speed MZ modulators with matching amplitude and phase response * High electro-optic bandwidth * Compatible with full band tunable lasers * Integrated RF power monitors for precision control * Single-sided electrical I/O
Applications
* 40 Gbps metro, regional and LH optical networks * 10 Gbps ULH optical networks * Spectrally efficient DQPSK modulation
The dual parallel Mach-Zehnder (DPMZ) modulator is ideally suited for use in metro, long-haul (LH) and ultra long-haul (ULH) optical transport applications. It is used for spectrally efficient multisymbol transmission based on differential quadrature phase shift keying (DQPSK) modulation. The DPMZ modulator is comprised of two matched, high-speed Mach-Zehnder (MZ) modulators that are monolithically integrated, in parallel, inside an MZ superstructure. The MZ superstructure also functions as a phase (shifter) modulator. DPMZ modulators are specifically designed to yield well-behaved and matching electro-optic amplitude and phase responses over a 20 GHz frequency range and to have enhanced extinction ratios. The DPMZ is available with either singlemode or polarization maintaining output fiber. For mounting convenience and space efficiency, the modulator is designed with the electrical I/O located on one side of the package. The two RF inputs use GPO connectors. DPMZ modulators are packaged using our compact (6-mm high) hermetic packaging technology. The JDSU family of agile optical components includes modulators, switches, attenuators, and tunable filters. These products provide the basis for spectrally efficient DWDM transmission using dispersion-tolerant modulation. They support a broad range of flexible functionalities at lower operating costs for agile optical network. DPMZ modulators have a wide optical bandwidth, and are compatible with full band tunable lasers in either C or L band.
Compliance
* Telcordia GR-468
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
DUAL PARALLEL MACH-ZEHNDER (DPMZ) MODULATOR
2
Dimensions Diagram (Specifications in mm unless otherwise noted.)
3.450 .002 87.63 0.05 .42 10.54 .73 18.54 2 PL
.38 9.54
.19 4.72 2 PL
O
.552 .002 14.02 0.05 R B .650 .005 16.51 0.13 .100 2.54 7 PL .132 .005 3.35 0.13 GPO .598 .005 15.19 0.13 .22 5.66 GPO 2 PL MIN .59 2 PL 15
2.225 56.52 C 2 PL INPUT .14 3.49 2 PL
OUTPUT .246 .004 6.25 0.1
.144 3.66 8 PL
r
.010
A
.25 6.37
.146 2 PL 3.71 MOUNTING FOOT
A
6.14 156.04 3.255 82.68 .225 5.72 2 PL .195 4.95 2 PL
87654321 RF2 RF1
.09 2.36
DC PIN MOUNTING AREA
.097 2.46 .125 3.18 2 PL
O
.018 0.46
MOUNTING FOOT
.03 0.65
.07 1.87 .78 19.74
#4-40 UNC-2B 2 PL
O 900um HYTREL
150MM/125MM HYTREL LENGTH 2 PL
DETAIL A 4:1
Pinout
(GPO RF Port 1, GPO RF Port 2)
Pin 1 2 3 4 5 6 7 8
Description RF Detector (-) RF2 RF Detector (+) RF2 RF Detector (-) RF1 RF Detector (+) RF1 RF2 bias RF1 bias Phase Modulator GND
DUAL PARALLEL MACH-ZEHNDER (DPMZ) MODULATOR
3
Dual Parallel Mach-Zehnder Modulator Configuration
RF 2 Electrode
Processed Optical Output
Optical Carrier Input Ein RF 1 Electrode
Phase Modulator Electrode
DPMZ S11 Characteristics
0 -5 -10 -15
S11 [dB]
-20 -25 -30 -35 -40 0 5 10 Frequency [GHz]
RF1 RF2
15
20
DUAL PARALLEL MACH-ZEHNDER (DPMZ) MODULATOR
4
DPMZ S21 Characteristics
1 0 -1 -2
S21 Mag [dB]
-3 -4 -5 -6 -7 -8 -9 -10 0 5 10 15 20
Frequency [GHz]
RF2
DPMZ S21 Difference MZ2 - MZ1
3
2
1
S21 D [dB]
0
-1
-2
-3 0 5 10 15 20
Frequency [GHz]
RF2
DUAL PARALLEL MACH-ZEHNDER (DPMZ) MODULATOR
5
DPMZ Electro-optic Phase Response Characteristics
30
20
RF1 S21 Phase [deg]
10
0
-10
-20
-30 0 5 10 15 20
Frequency [GHz]
RF1 RF2
RF Detector Response
2.5
2
Fit Info: Y = 0.2107X - 0.2878
RF Detector Output (V)
R = 0.9997
2
1.5
RF#1 Differential Mode
1
0.5
0 0 2 4 6 8 10 12
Modulator Drive Voltage (V)
DUAL PARALLEL MACH-ZEHNDER (DPMZ) MODULATOR
6
Absolute Maximum/Minimum Ratings
Parameter Operating temperature Storage temperature RF input power Optical input power
Minimum 0C -40C -
Maximum 75C 85C 24 dBm 16 dBm
Specifications
Parameter
Condition
Minimum
Maximum
General Wavelength Optical insertion loss1 Optical return loss Input and output ports S11 130 MHz - 10 GHz Inner MZ extinction ratio Both MZMs Phase modulator extinction ratio Inner MZMs on Inner RF Modulators Electrical and Electro-optical RF drive voltage2 At 2 GHz DC V DC bias voltage range3 EOL voltage rail RF bandwidth Linear fit (2 - 12 GHz) Amplitude ripple S21 amplitude difference (50 MHz - 2 GHz) S21 amplitude difference (2 - 20 GHz) phase 50 MHz - 0 GHz Phase ripple Peak to peak (50 MHz - 20 GHz) RF imbalance outputs of MZMs Differential RF delay RF1 to RF2 Phase Modulator Electrical and Electro-optical DC input V At 50 Hz DC V voltage rail EOL voltage rail E/O bandwidth -3 dB RF Detectors Threshold Slope RF drive voltage 4 - 11 V Linearity RF drive voltage 4 - 11 V
1. Measured at peak of DC bias transmission with no RF input and no optical connectors.
1528 nm 35 dB 26 dB 26 dB 3.5 V 2.5 V -15 V 11 GHz -1.5 dB -1 dB -10 -5 -0.06 -5 ps -15 V 1 MHz 0.1 V/Vpk-pk -5%
1564 nm 6 dB -10 dB 6.5 V 6.2 V +15 V 1.5 dB 1 dB 10 5 0.06 5 ps 6V 15 V 2V 0.4 V/Vpk-pk 5%
2. Maximum driving voltage to achieve 15 dB ER for 12.5 Gbps 231-1 PRBS signal over the operating wavelength and temperature ranges. 3. Maximum voltage range required to maintain optimum bias point over life and temperature.
DUAL PARALLEL MACH-ZEHNDER (DPMZ) MODULATOR
Fiber and Connector Specifications
Parameter RF port connector Input fiber type Output fiber type Cabling Qualification standard Qualification document references Fiber connectors
Specification GPO connectors Fujikura PANDA-type, single-mode polarization maintaining (PMF) fiber, silica, self mode stripping Corning SMF-28 or Fujikura Panda PM 900 m diameter loose tube Hytrel over buffered fiber Telcordia GR-468 FC/APC, FC/UPC, SC/UPC
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at customer.service@jdsu.com.
Sample: 21090286-001
Product Code 21090286-001 21090286-005 21090286-007 21090286-010 21101281-001 21101281-005 21101281-007 21101281-010
Description DPMZ with SMF-28 fiber on the output DPMZ with Corning SMF-28 output and FC/UPC connector DPMZ with Corning SMF-28 output and SC/UPC connector DPMZ with Corning SMF-28 output and FC/APC connector DPMZ with Fujikura Panda PMF output DPMZ with Fujikura Panda PMF output and FC/UPC connector DPMZ with Fujikura Panda PMF output and SC/UPC connector DPMZ with Fujikura Panda PMF output and FC/APC connector
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 30137424 004 1208 DPMZMOD.DS.CC.AE December 2008 Fujikura SM 15-P-8/125-UV-400 is a trademark of Corning Incorporated. Hytrel is a registered trademark of E.I. du Pont de Nemours and Company. LC and ST are registered trademarks of Lucent Technologies. SMF-28 is a registered trademark of Corning Incorporated. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


▲Up To Search▲   

 
Price & Availability of 21090286-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X