Part Number Hot Search : 
1N4737 MP450 BAW56TT1 PMF60CA BFR91A AP150 NE461M02 203DH3
Product Description
Full Text Search
 

To Download 1612A-079-NO-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATASHEET| DECEMBER 29, 2007
1612A/B 1310 nm DFB Laser Module
The 1612A/B 1310 nm forward path DFB laser modules are designed for both broadcast and narrowcast analog applications. The highly linear, OC-48 pinout compatible devices feature options up to 31 mW of minimum optical output power with superior distortion performance over an enhanced temperature range of -40C to +85C.
Performance Highlights Applications
1310 nm forward path/return path Broadcast and narrowcast networks Long distances High optical splits
Frequency Range 5 51 55-60 65-68 1002 Wavelength Optical Output Power (multiple versions) Temperature Range Min 1300 4-31 -40 Typical Max 1320 +85 Units nm mW C MHz dB dB dB
Features
OC-48 pinout compatible Telcordia Technologies compliant
TM
Carrier to Noise Ratio
468
Composite Second Order (multiple versions) Composite Triple Beat (multiple versions)
Up to 110 channel count Up to 31 mW Wide temperature range-- stable even in harsh environments
See following pages for complete specifications and conditions.
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com.
1612A/B 1310 nm DFB Laser Module
DATASHEET| DECEMBER 29, 2007
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. Parameter Operating Case Temperature Storage Temperature Laser Forward dc Current Photodiode Reverse Voltage Laser Reverse Voltage, dc ESD TEC Current Symbol TC TSTG VRPD ITEC Condition continuous HBM: R = 1500 Ohm, C = 100 pF continuous Min -40 -40 -500 -1.9 Max +85 +85 150 10 1 500 1.9 Units C C mA V V V A
Electrical/Optical Characteristics
Laser Temperature (TL) = 25C, IF=IOP, Beginning of Life (BOL)
Parameter Wavelength Optical Output Power Symbol Condition 1612-xxxx-04 version See ordering page for options 1612-xxxx-31 version varies with power option VRM=5V TOP=25 C TOP=25 C -40Optical Isolation Sidemode Suppression Ratio Threshold Current Operating Current Monitor PD Responsivity Thermistor Resistance Thermistor Temp. Coefficient TEC Current Fiber Length Fiber Buffer Fiber Core / Cladding
ISO SMSR ITH IOP rPD RTH TCTH ITEC -
RF Characteristics
Laser Temperature (TL) = 25C, IF = IOP, Beginning of Life (BOL)
Parameter Frequency Range Frequency Response Carrier-to-Noise Ratio Comp. Second Order, A-option Comp. Second Order, B-option Composite Triple Beat Relative Intensity Noise Symbol F S21 CNR CSO CSO CTB RIN Condition IF = 60 mA, 5 MHz-1002 MHz 4, 6, 8 mW options 10 mW options varies with power option Min 5 51 55 57 60 65-68 Typ <-155 Max 1002 0.75 Unit MHz dB dB dB dB dB dB dB/Hz
3.2% OMI, 110 ch. NTSC In order to prevent reflection-induced distortion, the laser must be connected to an optical cable having a return loss of at least 55 dB for discrete reflections and 30 dB for distributed reflections.
EMCORE CORPORATION
1612A/B 1310 nm DFB Laser Module
DATASHEET| DECEMBER 29, 2007
Electrical Schematics
Figure 1. 1612A/B Laser Schematic
Figure 2. 1612A/B Circuit Schematic
EMCORE CORPORATION
3
1612A/B 1310 nm DFB Laser Module
DATASHEET| DECEMBER 29, 2007
Outline Diagram
Dimensions are in inches and (millimeters)
Pin Information
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Description Thermistor Thermistor Dc Laser Bias (-) MPD Anode (-) MPD Cathode (+) Thermal Electric Cooler (+) Thermal Electric Cooler (-) Case Ground Case Ground NC Laser Common (+) Laser Modulation (-) Laser Common (+) NC
EMCORE CORPORATION
4
1612A/B 1310 nm DFB Laser Module
DATASHEET| DECEMBER 29, 2007
Laser Safety
This product meets the appropriate standard in Title 21 of the Code of Federal Regulations (CFR). FDA/CDRH Class IIIb laser product. This device has been classified with the FDA/CDRH under accession number 0220191. All Versions of this laser are Class 3B laser product, tested according to IEC 60825-1:1993 + A1:1997 + A2:2001 / EN 60825-1:1994 + A2:2001 + A1:2002 Single-mode fiber pigtail with SC/APC connectors (standard). Wavelength = 1.3 m. Maximum power = 50 mW. Because of size constraints, laser safety labeling (including an FDA class IIIb label) is not affixed to the module, but attached to the outside of the shipping carton. Product is not shipped with power supply. Caution: Use of controls, adjustments and procedures other than those specified herein may result in hazardous laser radiation exposure.
DANGER
INV IB LA RRA TIO IS LE SE DIA N A O DIR CT E P SU T BE V ID E X O RE O AM W ele av ngth: 1 .3 m M .O ax utpu 50 m , t: W Cla II La r P ss Ib se roduc t
DANGER
INVI SIBLE LASER RADI ATION IS EMITTED FROM THE END OF FIBER OR CONNECTOR Avoid di rect exposure to beam Do not view beam directly wi th optical instr uments
INVISIBLE LASER RADIATION EMITTED FROM END OF FIBER OR CONNECTOR
A oide os e to b m v xp ur ea C s 3BL e P duc I C-6 82 1 3 la s as r ro t E 0 5 99 M . O tput: 50 m ax u W W ve ng 1 a le th: .3 m
EMCORE CORPORATION
5
1612A/B 1310 nm DFB Laser Module
DATASHEET| DECEMBER 29, 2007
Ordering Information
Contact Emcore for ordering information at 626-293-3400.
Ordering Code Definitions
1612x - www - yy - zz
Family name Analog 1310 nm, DFB, Laser
Distortion Performance x = A: Standard Performance x = B: Enhanced Performance
Frequency Plan www = 079: 79 Channel NTSC www = 110: 110 Channel NTSC
Optical Connector yy = FC: FC/APC yy = SC: SC/APC yy = NO: No Connector
Optical Power, min. zz = 04: 4 mW zz = 06: 6 mW zz = 08: 8 mW zz = 10: 10 mW zz = 13: 13 mW
zz = 16: 16 mW zz = 20: 20 mW zz = 22: 22 mW zz = 25: 25 mW zz = 28: 28 mW zz = 31: 31 mW
Example: 1612A-110-SC-10: DFB 1310nm, Standard Performance, 110 Channel NTSC, SC/APC Connector, 10mW
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of the product at any time without notice. EMCORE and the EMCORE logo are trademarks of EMCORE Corporation.
EMCORE CORPORATION
2015 West Chestnut Street Alhambra, California 91803-1542 EMCORE CORPORATION Tel: 626-293-3400 Fax: 626-293-3428 www.emcore.com
6
Copyright 2007. EMCORE Corporation
ds.1612AB


▲Up To Search▲   

 
Price & Availability of 1612A-079-NO-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X