Part Number Hot Search : 
MZ780 APBA3010 SC1104 GC4222 LDR100SB SB310 28000 F060256
Product Description
Full Text Search
 

To Download 05006-BRXXXAF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSCC 05006
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
FEATURES
* Excellent aging characteristics * Stable BP, BR and BX dielectrics * Federal stock control number, CAGE CODE 95275 * Surface-mount, precious metal technology, wet build process * Made with a combination of design, materials and tight process control to achieve very high field reliability * US defense supply center approved * Case size 0805 * Tin/lead ("Z" and "U" termination codes) available
Available
RoHS*
COMPLIANT
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 C unless otherwise specified
Operating Temperature: BP, BR, BX: - 55 C to + 125 C Capacitance Range: BP: = 0.5 pF to 3300 pF BR: = 150 pF to 0.1 F BX: = 150 pF to 0.1 F Voltage Rating: 10 Vdc to 200 Vdc Temperature Coefficient of Capacitance (TCC): BP: = 0 30 ppm/C from - 55 C to + 125 C with zero (0) Vdc applied BP: = 0 30 ppm/C from - 55 C to + 125 C with 100 % rated Vdc applied BR: = 15 % from - 55 C to + 125 C with zero (0) Vdc applied BR: = + 15 %, - 40 % from - 55 C to + 125 C with 100 % rated Vdc applied BX: = 15 % from - 55 C to + 125 C with zero (0) Vdc applied BX: = + 15 %, - 25 % from - 55 C to + 125 C with100 % rated Vdc applied
Dissipation Factor (DF): BP: 0.15 % max. at 1.0 Vrms and 1 MHz for values 1000 pF BR and BX: 25 V 3.5 % max. at 1.0 Vrms and 1 kHz 50 V 2.5 % max. at 1.0 Vrms and 1 kHz Aging Rate: BP: = 0 % maximum per decade BR, BX: = 1 % maximum per decade Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or 1000 F, whichever is less At + 125 C and rated voltage 10 000 M minimum or 100 F, whichever is less Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 second period and the charge/discharge current does not exceed 50 mA 200 V(DC): DWV at 250 % of rated voltage
* Pb containing terminations are not RoHS compliant, exemtions may apply
www.vishay.com 146
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45048 Revision: 20-Feb-08
DSCC 05006
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Vishay Vitramon
DIMENSIONS
L
W
T MAX. P
PART ORDERING NUMBER 05006 -
LENGTH (L) 0.079 0.008 [2.00 0.20]
WIDTH (W) 0.049 0.008 [1.25 0.20]
MAXIMUM THICKNESS (T) 0.053 [1.35]
TERMINATION PAD (P) MINIMUM 0.010 [0.25] MAXIMUM 0.028 [0.71]
ORDERING INFORMATION
05006DSCC NUMBER BP 101 B J X TERMINATION GROUP C TESTING OPTION T PACKAGING
DIELECTRIC CAPACITANCE NOMINAL CODE
DC VOLTAGE CAPACITANCE RATING (1) TOLERANCE
CASE CODE 0805
BP BR BX
Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. An "R" indicates a decimal point. Examples: 101 = 100 pF 1R8 = 1.8 pF
X = 10 V Y = 16 V Z = 25 V A = 50 V B = 100 V C = 200 V
C = 0.25 pF D = 0.5 pF F=1% G=2% H=3% J=5% K = 10 % M = 20 % Note: C, D < 10 pF (BP) F, G, H 10 pF (BP) J, K, M 10 pF (BP, BR, BX)
M = AgPd Z = Ni barrier with tin/lead plate min. 4 % lead U = Base metallization-barrier metal-solder coated (tin/lead alloy,with a minimum of 4 % lead). Solder has a melting point of + 200 C or less. Solder coat thickness is a minimum of 69 inches.
C = Full Group C L = 2000 h life test only M = 1000 h life test only H = Low voltage humidity test only - = Group A test only
T = 7" Reel Plastic tape C = 7" Reel Paper tape J = 7" Reel (low quantity) R = 11 1/4" Reel Plastic tape P = 11 1/4" Reel Paper tape B = Bulk
Notes: (1)DC voltage rating should not be exceeded in application (2) "U" Termination part number code for DSCC product length, width and thickness dimensions positive tolerances (including bandwidth) above are allowed to increase by the following amounts: Length 0.023 [0.60], Width/Thickness 0.012 [0.30]
Document Number: 45048 Revision: 20-Feb-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 147
DSCC 05006
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
DIELECTRIC 05006 MLCCS
STYLE EIA TYPE DIELECTRIC VOLTAGE (Vdc) CAP. CODE CAP. 0R5 0.5 pF 1R0 1.0 pF 1R2 1.2 pF 1R5 1.5 pF 1R8 1.8 pF 2R2 2.2 pF 2R7 2.7 pF 3R3 3.3 pF 3R9 3.9 pF 4R7 4.7 pF 5R6 5.6 pF 6R8 6.8 pF 8R2 8.2 pF 100 10 pF 120 12 pF 150 15 pF 180 18 pF 220 22 pF 270 27 pF 330 33 pF 390 39 pF 470 47 pF 560 56 pF 680 68 pF 820 82 pF 101 100 pF 121 120 pF 151 150 pF 181 180 pF 221 220 pF 271 270 pF 331 330 pF 391 390 pF 471 470 pF 561 560 pF 681 680 pF 821 820 pF 102 1000 pF 122 1200 pF 152 1500 pF 182 1800 pF 222 2200 pF 272 2700 pF 332 3300 pF 392 3900 pF 472 4700 pF 562 5600 pF 682 6800 pF 822 8200 pF 05006 0805 BR 16 25
BP 10 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 16 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 25 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 50 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 100 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 200 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 10
50
100
10
16
BX 25
50
100
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
www.vishay.com 148
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45048 Revision: 20-Feb-08
DSCC 05006
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
DIELECTRIC 05006 MLCCS
STYLE EIA TYPE DIELECTRIC VOLTAGE (Vdc) CAP. CODE CAP. 103 0.010 F 123 153 183 223 273 333 393 473 563 683 823 104 124 154 0.012 F 0.015 F 0.018 F 0.022 F 0.027 F 0.033 F 0.039 F 0.047 F 0.056 F 0.068 F 0.082 F 0.10 F 0.12 F 0.15 F 05006 0805 BR 16 25 * * * * * * * * * * * * * * * * * * * * * * * * * *
Vishay Vitramon
BP 10 16 25 50 100 200 10 * * * * * * * * * * * * *
50 * * * * * * * *
100 *
10 * * * * * * * * * * * * *
16 * * * * * * * * * * * * *
BX 25 * * * * * * * * * * * * *
50 * * * * * * * *
100 *
DSCC PACKAGING QUANTITIES
7" REEL QUANTITIES BODY SIZE TAPE SIZE PLASTIC TAPE PACKAGING CODE "T"
(1) (2)
11 1/4" AND 13" REEL QUANTITIES PLASTIC TAPE PACKAGING CODE "R"
BULK QUANTITIES VIAL PACKAGING CODE "B" WAFFLE PACKAGING CODE "W"
PLASTIC TAPE PACKAGING CODE "J"
0805
8 mm
3000
1000
10 000
100
N/a
Notes: (1) Vishay Vitramon uses embossed plastic carrier tape and punch paper carrier tape
(2) (3)
REFERENCE: EIA Standard RS 481 - "Taping of Surface Mount Components for Automatic Placement" Paper tape is not available for component thickness > 0.035" [0.89 mm] (4) DC voltage rating should not be exceeded in application
Document Number: 45048 Revision: 20-Feb-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 149
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 05006-BRXXXAF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X