Part Number Hot Search : 
MAX38 E058A40 2SD2499 AN5551 ADG512BN H1270NL DG261208 LM129BH
Product Description
Full Text Search
 

To Download 0402CS-2N2XL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 198-1
Chip Inductors - 0402CS Series (1005)
Continuing in our long tradition of innovation and leadership, Coilcraft introduced the industry's first 0402 wirewound inductor. This series shares all of the characteristics of Coilcraft's other ceramic inductors: exceptionally high Q factors, especially at use frequencies; outstanding self-resonant frequency; tight inductance tolerance; and excellent batch-to-batch consistency.
Irms Derating
120 110 100
Percent of rated Irms
90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120 140
Typical L vs Frequency
60 56 nH 50
Inductance (nH)
40
Ambient temperature (C)
B overall C D
I
30
25C
27 nH 19 nH 12 nH
H
20
F
A
G F
J
I
10 5.6 nH 1 nH 1 10 100 1000 10000
0
Frequency (MHz)
A max
E terminal
Terminal wraparound: approx 0.007/0,18 both ends
Recommended Land Pattern
B max 0,64
C max 0,66
D ref 0,25
E 0,51
F 0,23
G 0,56
H 0,66
I 0,36
J 0,46 mm
Typical Q vs Frequency
120 110 100 90 80 12 nH 5.6 nH 19 nH 27 nH
0.047 0.025 0.026 0.010 0.020 0.009 0.022 0.026 0.014 0.018 inches 1,19
70 60 50 40 30 20 10 0 1 10 100 1000
56 nH
1 nH
10000
Frequency (MHz)
Core material Ceramic Terminations RoHS compliant silver-palladium-platinum-glass frit. Other terminations available at additional cost. Weight 0.8 - 1.0 mg Ambient temperature -40C to +125C with Irms current, +125C to +140C with derated current Storage temperature Component: -40C to +140C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) One per billion hours / one billion hours, calculated per Telcordia SR-332 Packaging 2000 per 7 reel Paper tape: 8 mm wide, 1.68 mm thick, 2 mm pocket spacing PCB washing Only pure water or alcohol recommended Document 198-1 Revised 07/07/09
Q Factor
Specifications subject to change without notice. Please check our website for latest information.
(c) Coilcraft, Inc. 2009
Document 198-2
0402CS Series (1005)
Part number1
0402CS-1N0X_L_ 0402CS-1N2X_L_ 0402CS-1N8X_L_ 0402CS-1N9X_L_ 0402CS-2N0X_L_ 0402CS-2N2X_L_ 0402CS-2N4X_L_ 0402CS-2N7X_L_ 0402CS-3N3X_L_ 0402CS-3N6X_L_ 0402CS-3N9X_L_ 0402CS-4N3X_L_ 0402CS-4N7X_L_ 0402CS-5N1X_L_ 0402CS-5N6X_L_ 0402CS-6N2X_L_ 0402CS-6N8X_L_ 0402CS-7N5X_L_ 0402CS-8N2X_L_ 0402CS-8N7X_L_ 0402CS-9N0X_L_ 0402CS-9N5X_L_ 0402CS-10NX_L_ 0402CS-11NX_L_ 0402CS-12NX_L_ 0402CS-13NX_L_ 0402CS-15NX_L_ 0402CS-16NX_L_ 0402CS-18NX_L_ 0402CS-19NX_L_ 0402CS-20NX_L_ 0402CS-22NX_L_ 0402CS-23NX_L_ 0402CS-24NX_L_ 0402CS-27NX_L_ 0402CS-30NX_L_ 0402CS-33NX_L_ 0402CS-36NX_L_ 0402CS-39NX_L_ 0402CS-40NX_L_ 0402CS-43NX_L_ 0402CS-47NX_L_ 0402CS-51NX_L_ 0402CS-56NX_L_ 0402CS-68NX_L_ 0402CS-82NX_L_ 0402CS-R10X_L_ 0402CS-R12X_L_
Designer's Kits C328A and B contain 20 each of all 5% values Designer's Kits C328A-2 and B-2 contain 20 each of all 2% values
Inductance2 (nH)
1.0 1.2 1.8 1.9 2.0 2.2 2.4 2.7 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.0 9.5 10 11 12 13 15 16 18 19 20 22 23 24 27 30 33 36 39 40 43 47 51 56 68 82 100 120
Percent tolerance3
5 5 5 5 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5,2 5
900 MHz L typ Q typ4
1.02 1.17 1.78 1.72 1.93 2.19 2.24 2.58 3.10 3.56 3.89 4.19 4.55 5.15 5.16 6.16 6.56 7.91 8.50 8.78 9.07 9.42 9.8 10.7 11.9 13.4 14.6 16.6 18.3 19.1 20.7 23.2 23.8 25.1 28.7 31.1 34.9 39.5 41.7 39.0 45.8 50.0 56.6 62.8 78.2 - - - 77 28 54 68 54 59 51 42 65 45 50 47 48 56 54 52 63 60 57 54 62 54 50 52 53 51 55 46 57 50 52 53 49 51 49 46 31 44 47 44 46 38 40 42 36 - - -
1.7 GHz L typ Q typ4
1.02 1.17 1.78 1.74 1.93 2.23 2.27 2.60 3.12 3.62 4.00 4.30 4.68 5.25 5.28 6.37 6.93 8.22 8.85 9.21 9.53 9.98 10.10 11.20 12.70 14.63 15.50 18.86 20.28 21.10 23.66 26.75 26.90 29.50 33.50 38.50 41.74 48.40 50.23 47.40 61.55 - - - - - - - 69 38 75 82 75 100 68 61 87 71 75 71 68 82 81 76 78 88 84 73 78 69 67 78 71 57 77 47 62 67 53 53 64 50 63 39 32 53 45 33 34 - - - - - - -
SRF min5 (GHz)
12.70 12.90 12.00 11.30 11.10 10.80 10.50 10.40 7.00 6.80 6.00 6.00 4.77 4.80 4.80 4.80 4.80 4.80 4.40 4.10 4.16 4.00 3.90 3.68 3.60 3.45 3.28 3.10 3.10 3.04 3.00 2.80 2.72 2.70 2.48 2.35 2.35 2.32 2.10 2.24 2.03 2.10 1.75 1.76 1.62 1.26 1.16 1.90
DCR max6 (Ohms)
0.045 0.090 0.070 0.070 0.070 0.070 0.068 0.120 0.066 0.066 0.066 0.091 0.130 0.083 0.083 0.083 0.083 0.10 0.10 0.20 0.10 0.20 0.20 0.12 0.12 0.21 0.17 0.22 0.23 0.20 0.25 0.30 0.30 0.30 0.30 0.30 0.30 0.44 0.55 0.44 0.81 0.83 0.82 0.97 1.12 1.55 2.00 2.20
Irms7 (mA)
1360 740 1040 1040 1040 960 790 640 840 840 840 700 640 800 760 760 680 680 680 480 680 480 480 640 640 440 560 560 420 480 420 400 400 400 400 400 400 320 200 320 100 150 100 100 100 50 30 50
1. When ordering, specify tolerance, termination and packaging codes: 0402CS-68NXJLW G = 2% J = 5% (Table shows stock tolerances in bold.) Termination: L = RoHS compliant silver-palladium-platinum-glass frit. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: W = 7 machine-ready reel. EIA-481 punched paper tape (2000 parts per full reel). U = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter W instead. 2. Inductance measured at 250 MHz using a Coilcraft SMD-F test fixture and Coilcraft-provided correlation pieces with an Agilent/HP 4286 impedance analyzer. Tolerance:
3. Tolerances in bold are stocked for immediate shipment. 4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test fixture. 5. For SRF >6 GHz, measured using an Agilent/HP 8722ES network analyzer and a Coilcraft SMD-D test fixture. For SRF 6 GHz, measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 6. DCR measured on a micro-ohmmeter. 7. Current that causes a 15C temperature rise from 25C ambient. 8. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 198-2
Revised 07/07/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of 0402CS-2N2XL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X