Part Number Hot Search : 
CLR2010 4HYGF IRFD121 LTC1798 X2321 TF206G BZV55C IRFD121
Product Description
Full Text Search
 

To Download 03029-BRXXXADM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSCC 03029
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
FEATURES
* US defense supply center approved
Available
* Federal stock control number, CAGE CODE 95275.RoHS* * Small case size (0402) * Stable BP, BR and BX dielectrics * Excellent aging characteristics * Lead (Pb)-free applied for "M" termination code * Tin/lead "Z" termination code is available * Surface-mount, precious metal technology, wet build process * Made with a combination of design, materials and tight process control to achieve very high field reliability
COMPLIANT
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 C unless otherwise specified.
Operating Temperature: BP, BR, BX: - 55 C to + 125 C Capacitance Range: BP: = 0.5 pF to 180 pF BR: = 100 pF to 3900 pF BX: = 100 pF to 3900 pF Voltage Rating: 16 Vdc to 100 Vdc Temperature Coefficient of Capacitance (TCC): BP: = 0 30 ppm/C from - 55 C to + 125 C with zero (0) Vdc applied BP: = 0 30 ppm/C from - 55 C to + 125 C with 100 % rated Vdc applied BR: = 15 % from - 55 C to + 125 C with zero (0) Vdc applied BR: = + 15 %, - 40 % from - 55 C to + 125 C with 100 % rated Vdc applied BX: = 15 % from - 55 C to + 125 C with zero (0) Vdc applied BX: = + 15 %, - 25 % from - 55 C to + 125 C with 100 % rated Vdc applied Dissipation Factor (DF): BP: 0.15 % max. at 1.0 Vrms and 1 MHz for values 1000 pF 0.15 % max. at 1.0 Vrms and 1 kHz for values > 1000 pF BR and BX: 25 V 3.5 % max. at 1.0 Vrms and 1 kHz 50 V 2.5 % max. at 1.0 Vrms and 1 kHz Aging Rate: BP: = 0 % maximum per decade. BR, BX: = 1 % maximum per decade Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or 1000 F, whichever is less At + 125 C and rated voltage 10 000 M minimum or 100 F, whichever is less Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 seconds period and the charge/discharge current does not exceed 50 mA 200 Vdc: DWV at 250 % of rated voltage
* Pb containing terminations are not RoHS compliant, exemptions may apply
www.vishay.com 138
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45042 Revision: 09-Jul-08
DSCC 03029
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
DIMENSIONS
Vishay Vitramon
L
W
T MAX. P
PART ORDERING NUMBER
LENGTH (L)
WIDTH (W)
MAXIMUM THICKNESS (T)
TERMINATION PAD (P)
MINIMUM 0.004 [0.10]
MAXIMUM 0.016 [0.41]
03029-
0.040 0.004 [1.02 0.10]
0.020 0.004 [0.51 0.10]
0.024 [0.61]
ORDERING INFORMATION
03029DSCC NUMBER BX DIELECTRIC 102 CAPACITANCE NOMINAL CODE B DC VOLTAGE RATING (1) J CAPACITANCE TOLERANCE Z TERMINATION GROUP C TESTING OPTION T PACKAGING
CASE SIZE 0402
BP BR BX
Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. An "R" indicates a decimal point. Examples: 101 = 100 pF 1R8 = 1.8 pF
Y = 16 V Z = 25 V A = 50 V B = 100 V
C = 0.25 pF D = 0.5 pF F=1% G=2% H=3% J=5% K = 10 % Note: C, D < 10 pF (BP) F, G, H 10 pF (BP) J, K 10 pF (BP, BR, BX)
M = Palladium silver Z = Ni barrier with tin/lead plate min. 4 % lead
C = Full Group C L = 2000 h life test only M = 1000 h life test only H = Low voltage humidity test only - = Group A test only T = 7" Reel Plastic tape O = 7" Reel Paper tape J = 7" Reel (low quantity) R = 11 1/4" Reel Plastic tape I = 11 1/4" Reel Paper tape B = Bulk
Note: (1) DC voltage rating should not be exceeded in application
Document Number: 45042 Revision: 09-Jul-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 139
DSCC 03029
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
DSCC Qualified Type 03029
DIELECTRIC
STYLE EIA TYPE DIELECTRIC VOLTAGE (Vdc) CAP. CODE 0R5 R75 1R0 1R2 1R5 1R8 2R2 2R4 2R7 3R0 3R3 3R6 3R9 4R7 5R1 5R6 6R2 6R8 7R5 8R2 9R1 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 CAP. 0.5 pF 0.75 pF 1.0 pF 1.2 pF 1.5 pF 1.8 pF 2.2 pF 2.4 pF 2.7 pF 3.0 pF 3.3 pF 3.6 pF 3.9 pF 4.7 pF 5.1 pF 5.6 pF 6.2 pF 6.8 pF 7.5 pF 8.2 pF 9.1 pF 10 pF 11 pF 12 pF 13 pF 15 pF 16 pF 18 pF 20 pF 22 pF 24 pF 27 pF 30 pF 33 pF 36 pF 39 pF 43 pF 47 pF 51 pF 56 pF 62 pF 68 pF 75 pF 82 pF 91 pF * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 16 25 BP 50 100 16 03029 0402 BR 25 50 16 BX 25 50
www.vishay.com 140
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45042 Revision: 09-Jul-08
DSCC 03029
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
DIELECTRIC
STYLE EIA TYPE DIELECTRIC VOLTAGE (Vdc) CAP. CODE 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 CAP. 100 pF 120 pF 150 pF 180 pF 220 pF 270 pF 330 pF 390 pF 470 pF 560 pF 680 pF 820 pF 1000 pF 1200 pF 1500 pF 1800 pF 2200 pF 2700 pF 3300 pF 3900 pF 4700 pF 5600 pF 6800 pF 8200 pF 0.010 F 0.012 F * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 16 25 BP 50 100 16 03029 0402 BR 25 50 16 BX 25 50
Vishay Vitramon
Note: See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
DSCC PACKAGING QUANTITIES
7" REEL QUANTITIES BODY SIZE 0402 TAPE SIZE 8 mm PAPER TAPE PACKAGING CODE "C" 5000
(1) (2)
11 1/4" AND 13" REEL QUANTITIES PAPER TAPE PACKAGING CODE "P" 10 000
BULK QUANTITIES VIAL PACKAGING CODE "B" 100 WAFFLE PACKAGING CODE "W" N/a
PAPER TAPE PACKAGING CODE "J" 1000
Notes: (1) Vishay Vitramon uses embossed plastic carrier tape and punch paper carrier tape (2) REFERENCE: EIA Standard RS 481 - "Taping of Surface Mount Components for Automatic Placement"
Document Number: 45042 Revision: 09-Jul-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 141
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 03029-BRXXXADM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X