|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DSCC 03028 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028 FEATURES * US defense supply center approved * Federal stock control number, CAGE CODE 95275 * Small case size (0603) * Stable BP, BR and BX dielectrics * Excellent aging characteristics * Lead (Pb)-free applied for "M" termination code * Tin/lead "Z" termination code is available * Surface-mount, precious metal technology, wet build process * Made with a combination of design, materials and tight process control to achieve very high field reliability Available RoHS* COMPLIANT ELECTRICAL SPECIFICATIONS Note: Electrical characteristics at + 25 C unless otherwise specified Operating Temperature: BP, BR, BX: - 55 C to + 125 C Capacitance Range: BP: = 0.5 pF to 1000 pF BR: = 100 pF to 0.1 F BX: = 100 pF to 0.1 F Voltage Rating: 16 Vdc to 100 Vdc Temperature Coefficient of Capacitance (TCC): BP: = 0 30 ppm/C from - 55 C to + 125 C with zero (0) Vdc applied BP: = 0 30 ppm/C from - 55 C to + 125 C with 100 % rated Vdc applied BR: = 15 % from - 55 C to + 125 C with zero (0) Vdc applied BR: = + 15 %, - 40 % from - 55 C to + 125 C with 100 % rated Vdc applied BX: = 15 % from - 55 C to + 125 C with zero (0) Vdc applied BX: = + 15 %, - 25 % from - 55 C to + 125 C with 100 % rated Vdc applied Dissipation Factor (DF): BP: 0.15 % max. at 1.0 Vrms and 1 MHz for values 1000 pF 0.15 % max. at 1.0 Vrms and 1 kHz for values > 1000 pF BR and BX: 25 V 3.5 % max. at 1.0 Vrms and 1 kHz 50 V 2.5 % max. at 1.0 Vrms and 1 kHz Aging Rate: BP: = 0 % maximum per decade BR, BX: = 1 % maximum per decade Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or 1000 F, whichever is less At + 125 C and rated voltage 10 000 M minimum or 100 F, whichever is less Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 seconds period and the charge/discharge current does not exceed 50 mA 200 Vdc: DWV at 250 % of rated voltage * Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 142 For technical questions, contact: mlcc.specials@vishay.com Document Number: 45043 Revision: 09-Jul-08 DSCC 03028 Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028 DIMENSIONS Vishay Vitramon L W T MAX. P PART ORDERING NUMBER LENGTH (L) WIDTH (W) MAXIMUM THICKNESS (T) TERMINATION PAD (P) MINIMUM 0.012 [0.30] MAXIMUM 0.018 [0.46] 03028- 0.063 0.005 [1.60 0.12] 0.031 0.005 [0.80 0.12] 0.035 [0.89] ORDERING INFORMATION 03028DSCC NUMBER BX DIELECTRIC 102 CAPACITANCE NOMINAL CODE B DC VOLTAGE RATING (1) J CAPACITANCE TOLERANCE Z TERMINATION GROUP C TESTING OPTION T PACKAGING CASE SIZE 0603 BP BR BX Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. An "R" indicates a decimal point. Examples: 101 = 100 pF 1R8 = 1.8 pF Y = 16 V Z = 25 V A = 50 V B = 100 V C = 0.25 pF D = 0.5 pF F=1% G=2% H=3% J=5% K = 10 % Note: C, D < 10 pF (BP) F, G, H 10 pF (BP) J, K 10 pF (BP, BR, BX) M = Palladium silver Z = Ni barrier with tin/lead plate min. 4 % lead C = Full Group C L = 2000 h life test only M = 1000 h life test only H = Low voltage humidity test only - = No group C testing T = 7" Reel Plastic tape C = 7" Reel Paper tape J = 7" Reel (low quantity) R = 11 1/4" Reel Plastic tape P = 11 1/4" Reel Paper tape B = Bulk Note: (1) DC voltage rating should not be exceeded in application Document Number: 45043 Revision: 09-Jul-08 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com 143 DSCC 03028 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028 DIELECTRIC STYLE EIA TYPE DIELECTRIC VOLTAGE (Vdc) CAP. CODE 0R5 R75 1R0 1R2 1R5 1R8 2R2 2R4 2R7 3R0 3R3 3R6 3R9 4R7 5R1 5R6 6R2 6R8 7R5 8R2 9R1 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 CAP. 0.5 pF 0.75 pF 1.0 pF 1.2 pF 1.5 pF 1.8 pF 2.2 pF 2.4 pF 2.7 pF 3.0 pF 3.3 pF 3.6 pF 3.9 pF 4.7 pF 5.1 pF 5.6 pF 6.2 pF 6.8 pF 7.5 pF 8.2 pF 9.1 pF 10 pF 11 pF 12 pF 13 pF 15 pF 16 pF 18 pF 20 pF 22 pF 24 pF 27 pF 30 pF 33 pF 36 pF 39 pF 43 pF 47 pF 51 pF 56 pF 62 pF 68 pF 75 pF 82 pF 91 pF * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 16 25 BP 50 100 16 25 03028 0603 BR 50 100 16 25 BX 50 100 www.vishay.com 144 For technical questions, contact: mlcc.specials@vishay.com Document Number: 45043 Revision: 09-Jul-08 DSCC 03028 Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028 DIELECTRIC STYLE EIA TYPE DIELECTRIC VOLTAGE (Vdc) CAP. CODE 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 183 223 273 333 393 473 563 683 823 104 124 154 184 224 CAP. 100 pF 120 pF 150 pF 180 pF 220 pF 270 pF 330 pF 390 pF 470 pF 560 pF 680 pF 820 pF 1000 pF 1200 pF 1500 pF 1800 pF 2200 pF 2700 pF 3300 pF 3900 pF 4700 pF 5600 pF 6800 pF 8200 pF 0.010 F 0.012 F 0.015 F 0.018 F 0.022 F 0.027 F 0.033 F 0.039 F 0.047 F 0.056 F 0.068 F 0.082 F 0.10 F 0.12 F 0.15 F 0.18 F 0.22 F 16 * * * * * * * * * * * * * 25 * * * * * * * * * * * * * BP 50 * * * * * * * * * * * 100 * * * * * * * 16 25 03028 0603 BR 50 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 100 16 25 BX 50 100 Vishay Vitramon * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * Note: See soldering recommendations within this data book, or visit www.vishay.com/doc?45034 DSCC PACKAGING QUANTITIES BODY SIZE 0603 TAPE SIZE 8 mm PAPER TAPE PACKAGING CODE "C" 4000 (1) (2) 7" REEL QUANTITIES PAPER TAPE PACKAGING CODE "J" 1000 11 1/4" AND 13" REEL QUANTITIES PAPER TAPE PACKAGING CODE "P" 10 000 BULK QUANTITIES VIAL PACKAGING CODE "B" 100 WAFFLE PACKAGING CODE "W" N/a Notes: (1) Vishay Vitramon uses embossed plastic carrier tape and punch paper carrier tape (2) REFERENCE: EIA Standard RS 481 - "Taping of Surface Mount Components for Automatic Placement" Document Number: 45043 Revision: 09-Jul-08 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com 145 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of 03028-BRXXXADM |