|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Complement to YB Pushbuttons TYPICAL INDICATOR ORDERING EXAMPLE YB Indicators 12 FB YB SHAPES 04 K W01 Bushing Mounting 01 02 03 04 05 06 Square Round Rectangular Square Round Rectangular LED Colors 05 12 5-volt LAMPS Incandescent Lamp 12-volt CAP TYPES & COLORS Solid Cap: Lens/Insert Colors BB CB EB FB GB White/White Red/White Yellow/White Green/White Blue/White Snap-in Mounting Bright LED Resistor No Code No Resistor 05 12 24 5-volt 12-volt 24-volt 5C 5D 5F Red Amber Green LED Cap: Lens/Insert Colors JB JC JD JF Clear/White Clear/Red Clear/Amber Clear/Green PANEL SEAL No Without Panel Seal Code W With Panel Seal (Bushing Mount only) Super Bright LED LED Cap: Lens/Insert Colors JB Clear/White HOUSING K Black only 6B 6F 6G White Green Blue Bicolor LED TERMINALS W01 Silver Solder Lug/.110" (2.8mm) Quick Connect LED Colors LED Cap: Lens/Insert Colors JB Clear/White 2-volt (no resistor) 5-volt 12-volt 24-volt Forward Voltage 02 2CF Red/Green 05 12 24 DESCRIPTION FOR TYPICAL ORDERING EXAMPLE YB04KW01-12-FB Green Solid Cap 12-volt Incandescent Lamp Square with Snap-in Mounting Black Housing Silver Solder Lug/.110" (2.8mm) Quick Connect Terminals NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07 Complement to YB Pushbuttons SHAPES & MOUNTING TYPES Bushing Mounting YB Indicators 06 Snap-in Mounting 01 Square 02 Round 03 Rectangular 04 Square 05 Round Rectangular Bezel-barrier is an integral part of the indicator body. PANEL SEAL No Code Bushing Mounting Supplied with mounting nut. Without Panel Seal Snap-in Mounting W With Panel Seal Bushing Mounting only Supplied with mounting nut and o-ring AT089. INCANDESCENT LAMP & SOLID CAP The electrical specifications shown are determined at a basic temperature of 25C. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. AT611 Voltage Current MSCP Endurance T-1 Bi-pin 05 V I Hours 5V AC 115mA .150 7,000 average -25C ~ +50C 12 12V AC 60mA .150 Ambient Temperature Range Solid Cap for Incandescent Lamp Lens/Insert Colors Available: AT3001 Square (15.0) Sq .591 (12.2) .480 (4.0) .157 AT3003 Rectangular (15.0) .591 (21.0) .827 BB CB EB FB GB White/ White Red/ White Yellow/ White Green/ White Blue/ White Translucent Colored Lens (12.2) .480 (4.0) .157 Translucent White Insert AT3002 Round (15.0) Dia .591 (12.2) .480 (4.0) .157 Translucent White Seal/Filter Materials: Polycarbonate (Lens & Insert) Thermoplastic Elastomer (Seal/Filter) Finish: Glossy Incandescent Lamp AT611 03-07 NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com Complement to YB Pushbuttons BRIGHT LEDS & LED CAPS YB Indicators The electrical specifications shown are determined at a basic temperature of 25C. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. Electrical Specifications for Bright LED without Resistor Bright AT628 Colors Available: 5C Red 5D Amber 5F Green No Code 40 26 1.9 4 No Resistor 40 26 2.0 4 0.50 40 26 2.2 4 Unit mA mA V V mA/C C Forward Peak Current Continuous Forward Current Forward Voltage Reverse Peak Voltage (+) (-) IFM IF VF VRM IF Current Reduction Rate Above 25C Ambient Temperature Range T-1 Bi-pin -25 ~ +50 Electrical Specifications for Bright LED with Resistor Bright AT634 Colors Available: 5C Red 5D Amber 5F Green 05 -- 25 5 4 -- 12 -- 20 12 8 -- -25 ~ +50 AT634 (+) 24-volt, 4-element with Resistor 24 -- 10 24 16 -- Unit mA mA V V mA/C C Forward Peak Current Continuous Forward Current Forward Voltage Reverse Peak Voltage Current Reduction Rate Above 25C T-114 Bi-pin IFM IF VF VRM IF Ambient Temperature Range AT634 12-volt, (+) 4-element with Resistor Cap for Bright LED AT634 5-volt, 2-element with Resistor (+) (-) (-) (-) Lens/Insert Colors Available: AT3004 Square (15.0) Sq .591 (12.2) .480 (4.0) .157 AT3006 Rectangular (21.0) .827 JB JC JD JF (15.0) .591 Transparent Clear Lens (12.2) .480 (4.0) .157 Clear/White Clear/Red Clear/Amber Clear/Green Translucent Colored Insert AT3005 Round (15.0) Dia .591 (12.2) .480 (4.0) .157 Translucent White Seal/Diffuser Materials: Polycarbonate (Lens & Insert) Thermoplastic Elastomer (Seal/Diffuser) Finish: Glossy Bright LEDs AT628 AT634 03-07 NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com Complement to YB Pushbuttons SUPER BRIGHT LEDS & LED CAPS YB Indicators The electrical specifications shown are determined at a basic temperature of 25C. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. Super Bright AT625G Blue AT631B White AT632F Green Electrostatic Sensitive Devices Attention (+) (-) 6B Colors: IFM IF VF VRM IF White 30 20 3.6 5 6F Green 30 20 3.5 5 0.50 -25 ~ +50 6G Blue 30 20 3.6 5 Unit mA mA V V mA/C C Forward Peak Current Continuous Forward Current Forward Voltage Reverse Peak Voltage Current Reduction Rate Above 25C Ambient Temperature Range T-1 Bi-pin Cap for Super Bright LED AT3014 Square AT3015 Round AT3016 Rectangular (15.0) Sq .591 (12.2) .480 (4.0) .157 (15.0) Dia .591 (12.2) .480 (4.0) .157 (15.0) .591 (21.0) .827 (12.2) .480 (4.0) .157 Transparent Clear Lens Lens/Insert Colors Available: Translucent White Insert JB Clear/White Translucent White Seal/Diffuser Materials: Polycarbonate (Lens & Insert) Thermoplastic Elastomer (Seal/Diffuser) Super Bright LEDs AT625 AT631 AT632 NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07 Complement to YB Pushbuttons BICOLOR LED & LED CAPS YB Indicators The electrical specifications shown are determined at a basic temperature of 25C. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. Bicolor AT621 Bicolor LED is translucent white in OFF state. Forward Peak Current Continuous Forward Current Forward Voltage Current Reduction Rate Above 25C T-112 Bi-pin 2CF Red/Green 02 IFM IF VF IF 60 45 2.1 0.80 05 60 45 5 ---- 12 20 15 12 ---- 24 12 10 24 ---- Unit mA mA V mA/C C Ambient Temperature Range -25 ~ +50 AT621 Bicolor LED 2-volt 6-element w/o Resistor (+) (-) AT621 Bicolor LED 5-volt 6-element with Resistor (+) (-) AT621 Bicolor LED 12 & 24-volt 6-element with Resistor (+) (-) As shown for Red; Reverse polarity for Green LED Caps AT3004 Square (15.0) Sq .591 (12.2) .480 (4.0) .157 AT3005 Round AT3006 Rectangular (21.0) .827 (15.0) Dia .591 (12.2) .480 (4.0) .157 (15.0) .591 (12.2) .480 (4.0) .157 Transparent Clear Lens Lens/Insert Colors Available: Transparent White Insert JB Clear/White Translucent White Seal/Diffuser Materials: Polycarbonate (Lens & Insert) Thermoplastic Elastomer (Seal/Diffuser) Bicolor LED AT621 03-07 NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com Complement to YB Pushbuttons TYPICAL SWITCH DIMENSIONS Square * Bushing Mounting (9.4) .370 M15.8 P1 (1.2) x (2.0) Typ .047 x .079 YB Indicators NC NO NO L -+ COM (2.8) Typ .110 (15.0) Sq .591 (18.0) Sq .709 (10.9) .429 (7.3) .288 (0.5) Typ .020 (3.7) .146 (8.3) .327 (24.3) .957 0.2 (16.0) + 0.0 Dia - .630 YB01KW01-12-CB Panel Thickness .020" ~ .197" (0.5mm ~ 5.0mm) Round * Panel Seal NC (9.4) .370 M15.8 P1 (1.2) x (2.0) Typ .047 x .079 NO NO L -+ COM (2.8) Typ .110 (15.0) Dia .591 (18.0) Dia .709 (0.5) .020 (5.3) .209 (10.9) .429 (7.3) .288 (0.5) Typ .020 (3.7) .146 (3.0) .118 (24.3) .957 0.2 (16.0) + 0.0 Dia - .630 YB02WKW01-12-CB Panel Thickness .020" ~ .197" (0.5mm ~ 5.0mm) Rectangular * Snap-in Mounting NC (1.2) x (2.0) Typ .047 x .079 NO NO L -+ COM (15.0) .591 (18.0) .709 (2.8) Typ .110 (21.0) .827 (24.0) .945 (7.3) .288 (8.3) .327 (24.3) .957 (0.5) Typ .020 (3.7) .146 (1.2) R .047 0.2 (16.0) + 0.0 Dia - .630 YB06KW01-12-CB Panel Thickness .039" ~ .138" (1.0mm ~ 3.5mm) 03-07 NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com |
Price & Availability of YB03WKW01 |