Part Number Hot Search : 
MA3UD06 RG10GGF D187X APC77165 ER30011 UPA1874 HFC02 D187X
Product Description
Full Text Search
 

To Download XC1700E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
< B L
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
Product Specification
DS027 (v3.5) June 25, 2008
8
Features
* One-time programmable (OTP) read-only memory designed to store configuration bitstreams of Xilinx(R) FPGAs Simple interface to the FPGA; requires only one user I/O pin Cascadable for storing longer or multiple bitstreams Programmable reset polarity (active High or active Low) for compatibility with different FPGA solutions XC17128E/EL, XC17256E/EL, XC1701, and XC1700L series support fast configuration Low-power CMOS floating-gate process
* * *
XC1700E series are available in 5V and 3.3V versions XC1700L series are available in 3.3V only Available in compact plastic packages: 8-pin SOIC, 8pin VOIC, 8-pin PDIP, 20-pin SOIC, 20-pin PLCC, 44pin PLCC or 44-pin VQFP Programming support by leading programmer manufacturers Design support using the Xilinx Alliance and FoundationTM software packages Guaranteed 20 year life data retention Lead-free (Pb-free) packaging available
* * * * *
* * * *
Description
The XC1700 family of configuration PROMs provides an easy-to-use, cost-effective method for storing large Xilinx FPGA configuration bitstreams. See Figure 1 for a simplified block diagram. When the FPGA is in Master Serial mode, it generates a configuration clock that drives the PROM. A short access time after the rising clock edge, data appears on the PROM DATA output pin that is connected to the FPGA DIN pin. The FPGA generates the appropriate number of clock pulses to complete the configuration. After configured, it disables the PROM. When the FPGA is in Slave Serial mode, the PROM and the FPGA must both be clocked by an incoming signal. Multiple devices can be concatenated by using the CEO output to drive the CE input of the following device. The clock inputs and the DATA outputs of all PROMs in this chain are interconnected. All devices are compatible and can be cascaded with other members of the family. For device programming, either the Xilinx Alliance or Foundation software compiles the FPGA design file into a standard Hex format, which is then transferred to most commercial PROM programmers.
X-Ref Target - Figure 1
VCC
VPP
GND
RESET/ OE or OE/ RESET
CE
CEO
CLK
Address Counter
TC
EPROM Cell Matrix
Output
OE DATA
DS027_01_021500
Figure 1: Simplified Block Diagram (Does Not Show Programming Circuit)
(c) Copyright 1998-2008 Xilinx, Inc. XILINX, the Xilinx logo, Virtex, Spartan, ISE and other designated brands included herein are trademarks of Xilinx in the United States and other countries. All other trademarks are the property of their respective owners.
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 1
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
Pin Description
DATA
Data output is in a high-impedance state when either CE or OE are inactive. During programming, the DATA pin is I/O. Note that OE can be programmed to be either active High or active Low. operation, this pin must be connected to VCC. Failure to do so may lead to unpredictable, temperature-dependent operation and severe problems in circuit debugging. Do not leave VPP floating!
VCC and GND
Positive supply and ground pins.
CLK
Each rising edge on the CLK input increments the internal address counter, if both CE and OE are active.
PROM Pinouts
Pins not listed are "no connects."
"
RESET/OE
When High, this input holds the address counter reset and puts the DATA output in a high-impedance state. The polarity of this input pin is programmable as either RESET/OE or OE/RESET. To avoid confusion, this document describes the pin as RESET/OE, although the opposite polarity is possible on all devices. When RESET is active, the address counter is held at "0", and puts the DATA output in a high-impedance state. The polarity of this input is programmable. The default is active High RESET, but the preferred option is active Low RESET, because it can be driven by the FPGAs INIT pin. The polarity of this pin is controlled in the programmer interface. This input pin is easily inverted using the Xilinx HW-130 Programmer. Third-party programmers have different methods to invert this pin.
Pin Name
8-pin PDIP (PD8/ PDG8) SOIC (SO8/ SOG8) VOIC (VO8/ VOG8)
1 2 3 4 5 6 7 8
20-pin SOIC (SO20)
20-pin PLCC (PC20/ PCG20)
44-pin VQFP (VQ44)
44-pin PLCC (PC44)
DATA CLK RESET/OE (OE/RESET) CE GND CEO
1 3 8 10 11 13 18 20
2 4 6 8 10 14 17 20
40 43 13 15 18, 41 21 35 38
2 5 19 21 24, 3 27 41 44
CE
When High, this pin disables the internal address counter, puts the DATA output in a high-impedance state, and forces the device into low-ICC standby mode.
VPP VCC
Capacity
Devices
XC1704L XC1702L XC1701/L XC17512L XC1736E XC1765E/EL XC17128E/EL XC17256E/EL
CEO
Chip Enable output, to be connected to the CE input of the next PROM in the daisy chain. This output is Low when the CE and OE inputs are both active AND the internal address counter has been incremented beyond its Terminal Count (TC) value. In other words: when the PROM has been read, CEO follows CE as long as OE is active. When OE goes inactive, CEO stays High until the PROM is reset. Note that OE can be programmed to be either active High or active Low.
Configuration Bits
4,194,304 2,097,152 1,048,576 524,288 36,288 65,536 131,072 262,144
VPP
Programming voltage. No overshoot above the specified max voltage is permitted on this pin. For normal read
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 2
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
Pinout Diagrams
NC CLK NC GND DATA(D0) NC VCC NC NC CLK NC GND DATA(D0) NC VCC NC 39 38 37 36 35 34 33 32 31 30 29 NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC
VPP NC
6 5 4 3 2 1 44 43 42 41 40
NC NC NC NC NC NC NC NC NC NC NC
7 8 9 10 11 12 13 14 15 16 17
44 43 42 41 40 39 38 37 36 35 34
VPP NC
NC
NC
PC44 Top View
18 19 20 21 22 23 24 25 26 27 28
1 2 3 4 5 6 7 8 9 10 11
VQ44 Top View
33 32 31 30 29 28 27 26 25 24 23
NC NC NC NC NC NC NC NC NC NC NC
NC RESET/OE NC CE NC NC GND NC NC CEO NC
DS027_05_090602
NC RESET/OE NC CE NC NC GND NC NC CEO NC DATA(D0) NC CLK NC NC NC NC OE/RESET NC CE 1 2 3 4 5 6 7 8 9 10
12 13 14 15 16 17 18 19 20 21 22
DS027_07_090602
DATA(D0) CLK OE/RESET CE
1 2 3 4
8
PD8/PDG8 7 VO8/VOG8 SO8/SOG8 6
VCC VPP CEO GND
DS027_06_060705
Top View
5
SO20 Top View
20 19 18 17 16 15 14 13 12 11
VCC NC VPP NC NC NC NC CEO NC GND
DS027_08_110102
NC GND NC NC NC
9 10 11 12 13
CLK NC OE/RESET NC CE
18 4 5 PC20/PCG2017 6 Top View 16 15 7 14 8
3 2 1 20 19
NC DATA(D0) NC VCC NC
NC VPP NC NC CEO
DS027_09_060705
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 3
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
Xilinx FPGAs and Compatible PROMs
Device
XC4003E XC4005E XC4006E XC4008E XC4010E XC4013E XC4020E XC4025E XC4002XL XC4005XL XC4010XL XC4013XL/XLA XC4020XL/XLA XC4028XL/XLA XC4028EX XC4036EX/XL/XLA XC4036EX XC4044XL/XLA XC4052XL/XLA XC4062XL/XLA XC4085XL/XLA XC40110XV XC40150XV XC40200XV XC40250XV XC5202 XC5204 XC5206 XC5210 XC5215 XCV50 XCV100 XCV150 XCV200 XCV300 XCV400 XCV600 XCV800 XCV1000
Configuration Bits
53,984 95,008 119,840 147,552 178,144 247,968 329,312 422,176 61,100 151,960 283,424 393,632 521,880 668,184 668,184 832,528 832,528 1,014,928 1,215,368 1,433,864 1,924,992 2,686,136 3,373,448 4,551,056 5,433,888 42,416 70,704 106,288 165,488 237,744 559,200 781,216 1,040,096 1,335,840 1,751,808 2,546,048 3,607,968 4,715,616 6,127,744
PROM
XC17128E(1) XC17128E XC17128E XC17256E XC17256E XC17256E XC1701 XC1701 XC17128EL(1) XC17256EL XC17512L XC17512L XC17512L XC1701L XC1701 XC1701L XC1701 XC1701L XC1702L XC1702L XC1702L XC1704L XC1704L XC1704L + XC17512L XC1704L+ XC1702L XC1765E XC17128E XC17128E XC17256E XC17256E XC1701L XC1701L XC1701L XC1702L XC1702L XC1704L XC1704L XC1704L + XC1701L XC1704L + XC1702L
1.
Device
XCV50E XCV100E XCV200E XCV300E XCV400E XCV405E XCV600E XCV812E XCV1000E XCV1600E XCV2000E XCV2600E XCV3200E Notes:
Configuration Bits
630,048 863,840 1,442,016 1,875,648 2,693,440 3,340,400 3,961,632 6,519,648 6,587,520 8,308,992 10,159,648 12,922,336 16,283,712
PROM
XC1701L XC1701L XC1702L XC1702L XC1704L XC1704L XC1704L 2 of XC1704L 2 of XC1704L 2 of XC1704L 3 of XC1704L 4 of XC1704L 4 of XC1704L
The suggested PROM is determined by compatibility with the higher configuration frequency of the Xilinx FPGA CCLK. Designers using the default slow configuration frequency (CCLK) can use the XC1765E or XC1765EL for the noted FPGA devices.
Controlling PROMs
Connecting the FPGA device with the PROM: * * * * The DATA output(s) of the of the PROM(s) drives the DIN input of the lead FPGA device. The Master FPGA CCLK output drives the CLK input(s) of the PROM(s). The CEO output of a PROM drives the CE input of the next PROM in a daisy chain (if any). The RESET/OE input of all PROMs is best driven by the INIT output of the lead FPGA device. This connection assures that the PROM address counter is reset before the start of any (re)configuration, even when a reconfiguration is initiated by a VCC glitch. Other methods--such as driving RESET/OE from LDC or system reset--assume the PROM internal poweron-reset is always in step with the FPGA's internal power-on-reset. This may not be a safe assumption. The PROM CE input can be driven from either the LDC or DONE pins. Using LDC avoids potential contention on the DIN pin. The CE input of the lead (or only) PROM is driven by the DONE output of the lead FPGA device, provided that DONE is not permanently grounded. Otherwise, LDC can be used to drive CE, but must then be unconditionally High during user operation. CE can also be permanently tied Low, but this keeps the DATA output active and causes an unnecessary supply current of 10 mA maximum.
*
*
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 4
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs PROM does not reset its address counter, since it never saw a High level on its OE input. The new configuration, therefore, reads the remaining data in the PROM and interprets it as preamble, length count etc. Since the FPGA is the master, it issues the necessary number of CCLK pulses, up to 16 million (224) and DONE goes High. However, the FPGA configuration is then completely wrong, with potential contentions inside the FPGA and on its output pins. This method must, therefore, never be used when there is any chance of external reset during configuration.
FPGA Master Serial Mode Summary
The I/O and logic functions of the Configurable Logic Block (CLB) and their associated interconnections are established by a configuration program. The program is loaded either automatically upon power up, or on command, depending on the state of the three FPGA mode pins. In Master Serial mode, the FPGA automatically loads the configuration program from an external memory. The Xilinx PROMs have been designed for compatibility with the Master Serial mode. Upon power-up or reconfiguration, an FPGA enters the Master Serial mode whenever all three of the FPGA modeselect pins are Low (M0=0, M1=0, M2=0). Data is read from the PROM sequentially on a single data line. Synchronization is provided by the rising edge of the temporary signal CCLK, which is generated during configuration. Master Serial Mode provides a simple configuration interface. Only a serial data line and two control lines are required to configure an FPGA. Data from the PROM is read sequentially, accessed via the internal address and bit counters which are incremented on every valid rising edge of CCLK. If the user-programmable, dual-function DIN pin on the FPGA is used only for configuration, it must still be held at a defined level during normal operation. The Xilinx FPGA families take care of this automatically with an on-chip default pull-up resistor.
Cascading Configuration PROMs
For multiple FPGAs configured as a daisy-chain, or for future FPGAs requiring larger configuration memories, cascaded PROMs provide additional memory. After the last bit from the first PROM is read, the next clock signal to the PROM asserts its CEO output Low and disables its DATA line. The second PROM recognizes the Low level on its CE input and enables its DATA output. See Figure 2, page 6. After configuration is complete, the address counters of all cascaded PROMs are reset if the FPGA RESET pin goes Low, assuming the PROM reset polarity option has been inverted. To reprogram the FPGA with another program, the DONE line goes Low and configuration begins where the address counters had stopped. In this case, avoid contention between DATA and the configured I/O use of DIN.
Programming the FPGA With Counters Unchanged upon Completion
When multiple FPGA-configurations for a single FPGA are stored in a PROM, the OE pin should be tied Low. Upon power-up, the internal address counters are reset and configuration begins with the first program stored in memory. Since the OE pin is held Low, the address counters are left unchanged after configuration is complete. Therefore, to reprogram the FPGA with another program, the DONE line is pulled Low and configuration begins at the last value of the address counters. This method fails if a user applies RESET during the FPGA configuration process. The FPGA aborts the configuration and then restarts a new configuration, as intended, but the Table 1: Truth Table for XC1700 Control Inputs
Control Inputs RESET
Inactive Active Inactive Active Notes:
1. 2. 3. The XC1700 RESET input has programmable polarity. TC = Terminal Count = highest address value. TC + 1 = address 0. Pull DATA pin to GND or VCC to meet ICCS standby current.
Standby Mode
The PROM enters a low-power standby mode whenever CE is asserted High. The output remains in a high-impedance state regardless of the state of the OE input.
Programming
The devices can be programmed on programmers supplied by Xilinx or qualified third-party vendors. The user must ensure that the appropriate programming algorithm and the latest version of the programmer software are used. The wrong choice can permanently damage the device.
CE
Low Low High High
Internal Address
If address < TC(1): increment If address > TC(2): don't change Held reset Not changing Held reset
Outputs DATA
Active High-Z High-Z High-Z(3) High-Z(3)
CEO
High Low High High High
ICC
Active Reduced Active Standby Standby
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 5
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
X-Ref Target - Figure 2
VCC
DOUT
OPTIONAL Daisy-chained FPGAs with Different configurations OPTIONAL Slave FPGAs with Identical Configurations VCC
FPGA
MODES(1)
3.3V
4.7K
VCC DATA CLK CE OE/RESET
VPP DATA
DIN RESET RESET CCLK DONE INIT
PROM
CEO
CLK CE
Cascaded Serial Memory
OE/RESET
(Low Resets the Address Pointer) CCLK (Output)
DIN
DOUT (Output)
Notes: 1. For mode pin connections, refer to the appropriate FPGA data sheet. 2. The one-time-programmable PROM supports automatic loading of configuration programs. 3. Multiple devices can be cascaded to support additional FPGAs. 4. An early DONE inhibits the PROM data output one CCLK cycle before the FPGA I/Os become active.
DS027_02_111606
Figure 2: Master Serial Mode
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 6
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
XC1701, XC1736E, XC1765E, XC17128E and XC17256E
Absolute Maximum Ratings
Symbol
VCC VPP VIN VTS TSTG TJ Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those listed under Operating Conditions is not implied. Exposure to Absolute Maximum Ratings conditions for extended periods of time may affect device reliability.
Description
Supply voltage relative to GND Supply voltage relative to GND Input voltage relative to GND Voltage applied to High-Z output Storage temperature (ambient) Junction temperature
Conditions
-0.5 to +7.0 -0.5 to +12.5 -0.5 to VCC +0.5 -0.5 to VCC +0.5 -65 to +150 +125
Units
V V V V C C
Operating Conditions (5V Supply)
Symbol
VCC(1) Notes:
1. During normal read operation VPP must be connect to VCC.
Description
Supply voltage relative to GND (TA = 0C to +70C) Supply voltage relative to GND (TA = -40C to +85C) Commercial Industrial
Min
4.750 4.50
Max
5.25 5.50
Units
V V
DC Characteristics Over Operating Condition
Symbol
VIH VIL VOH VOL VOH VOL ICCA ICCA ICCS ICCS IL CIN COUT Notes:
1. ICCS standby current is specified for DATA pin that is pulled to VCC or GND.
Description
High-level input voltage Low-level input voltage High-level output voltage (IOH = -4 mA) Low-level output voltage (IOL = +4 mA) High-level output voltage (IOH = -4 mA) Low-level output voltage (IOL = +4 mA) Supply current, active mode at maximum frequency (XC1736E, XC1765E, XC17128E, and XC17256E) Supply current, active mode at maximum frequency (XC1701) Supply current, standby mode (XC1736E, XC1765E, XC17128E, and XC17256E) Supply current, standby mode (XC1701) Input or output leakage current Input capacitance (VIN = GND, f = 1.0 MHz) Output capacitance (VIN = GND, f = 1.0 MHz) Industrial Commercial
Min
2 0 3.86 - 3.76 - - - - - -10 - -
Max
VCC 0.8 - 0.32 - 0.37 10 20 50(1) 100(1) 10 10 10
Units
V V V V V V mA mA A A A pF pF
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 7
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
XC1704L, XC1702L, XC1701L, XC17512L, XC1765EL, XC17128EL and XC17256EL
Absolute Maximum Ratings
Symbol
VCC VPP VIN VTS TSTG Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those listed under Operating Conditions is not implied. Exposure to Absolute Maximum Ratings conditions for extended periods of time may affect device reliability.
Description
Supply voltage relative to GND Supply voltage relative to GND Input voltage relative to GND Voltage applied to High-Z output Storage temperature (ambient)
Conditions
-0.5 to +7.0 -0.5 to +12.5 -0.5 to VCC +0.5 -0.5 to VCC +0.5 -65 to +150
Units
V V V V C
Operating Conditions (3V Supply)
Symbol
VCC(1) Notes:
1. During normal read operation VPP must be connect to VCC.
Description
Supply voltage relative to GND (TA = 0C to +70C) Supply voltage relative to GND (TA = -40C to +85C) Commercial Industrial
Min
3.0 3.0
Max
3.6 3.6
Units
V V
DC Characteristics Over Operating Condition
Symbol
VIH VIL VOH VOL ICCA ICCA ICCS ICCS IL CIN COUT Notes:
1. ICCS standby current is specified for DATA pin that is pulled to VCC or GND.
Description
High-level input voltage Low-level input voltage High-level output voltage (IOH = -3 mA) Low-level output voltage (IOL = +3 mA) Supply current, active mode (at maximum frequency) (XC1700L) Supply current, active mode (at maximum frequency) (XC1765EL, XC17128EL, XC17256EL) Supply current, standby mode (XC1701L, XC17512L, XC17256L, X1765EL, XC17128EL) Supply current, standby mode (XC1702L, XC1704L) Input or output leakage current Input capacitance (VIN = GND, f = 1.0 MHz) Output capacitance (VIN = GND, f = 1.0 MHz)
Min
2 0 2.4 - - - - - -10 - -
Max
VCC 0.8 - 0.4 10 5 50(1) 350(1) 10 10 10
Units
V V V V mA mA A A A pF pF
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 8
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
AC Characteristics Over Operating Condition
CE
TSCE TSCE THCE
RESET/OE
TLC THC THOE TCYC
CLK
TOE TCE TCAC TOH TDF
DATA
TOH
DS027_03_021500
Symbol
Description
XC1701, XC17128E, XC17256E Min Max
25 45 45 50 - - - - - - -
XC17128EL, XC17256EL, XC1704L, XC1702L, XC1701L, XC17512L Min
- - - - 0 67 25 25 25 0 25
XC1736E, XC1765E
XC1765EL
Units
Max
30 45 45 50 - - - - - - -
Min
- - - - 0 100 50 50 25 0 100
Max
45 60 80 50 - - - - - - -
Min
- - - - 0 400 100 100 40 0 100
Max
40 60 200 50 - - - - - - - ns ns ns ns ns ns ns ns ns ns ns
TOE TCE TCAC TDF TOH TCYC TLC THC TSCE THCE THOE Notes:
1. 2. 3. 4.
OE to data delay CE to data delay CLK to data delay CE or OE to data float delay(2,3) Data hold from CE, OE, or CLK(3) Clock periods CLK Low time(3) CLK High time(3) CE setup time to CLK (to guarantee proper counting) CE hold time to CLK (to guarantee proper counting) OE hold time (guarantees counters are reset)
- - - - 0 67 20 20 20 0 20
AC test load = 50 pF. Float delays are measured with 5 pF AC loads. Transition is measured at 200 mV from steady state active levels. Guaranteed by design, not tested. All AC parameters are measured with VIL = 0.0V and VIH = 3.0V.
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 9
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
AC Characteristics Over Operating Condition When Cascading
RESET/OE
CE
CLK TCDF DATA (First PROM) TOOE CEO (First PROM)
First Bit Last Bit
TOCK
TOCE
TOCE
CE (Cascaded PROM) DATA (Cascaded PROM)
TCCE
First Bit
TCCE
n -1
n
n
n +1
Last Bit
DS027_04_071204
Symbol
Description
XC1701, XC17128E, XC17256E, XC1704L, XC1702L Min Max
50 30 35 30 45
XC17128EL, XC17256EL, XC1701L, XC17512L Min
- - - - -
XC1736E, XC1765E Min
- - - - -
XC1765EL
Units
Max
50 30 35 30 90
Max
50 30 35 30 60
Min
- - - - -
Max
50 30 35 30 110 ns ns ns ns ns
TCDF TOCK TOCE TOOE TCCE Notes:
1. 2. 3. 4. 5.
CLK to data float CLK to CEO CE to CEO
delay(2,3)
- - -
delay(3) delay(3)
delay(3)
RESET/OE to CEO
- -
CE to data delay when cascading
AC test load = 50 pF. Float delays are measured with 5 pF AC loads. Transition is measured at 200 mV from steady state active levels. Guaranteed by design, not tested. All AC parameters are measured with VIL = 0.0V and VIH = 3.0V. For cascaded PROMs: - TCYC min = TOCK + TCCE + FPGA data setup time (TDCC/TDSCK).
Example: If the XC1701L is cascaded to configure an FPGA TDCC = 5 sec, then the actual TCYC min = 30 ns + 90 ns + 5 ns = 125 ns, or max CLK frequency = 8 MHz. - TCAC max = TOCK + TCCE. Example: For the XC1701L when cascading, the actual TCAC max = 30 ns + 90 ns = 120 ns.
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 10
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
Ordering Information
XC1701L PC20 C
Device Number
XC1736E XC1765E XC1765EL XC17128E XC17128EL XC17256E XC17256EL XC17512L XC1701 XC1701L XC1704L XC1702L Notes:
1. G in the package-type codes designates Pb-free packaging.
Operating Range/Processing Package Type(1) PD8/PDG8 = 8-pin Plastic DIP SO8/SOG8 = 8-pin Plastic Small-Outline Package VO8/VOG8 = 8-pin Plastic Small-Outline Thin Package SO20 = 20-pin Plastic Small-Outline Package PC20/PCG20 = 20-pin Plastic Leaded Chip Carrier VQ44 = 44-pin Plastic Quad Flat Package PC44 = 44-pin Plastic Chip Carrier C = Commercial (TA = 0 to +70C) I = Industrial (TA = -40 to +85C)
Valid Ordering Combinations
XC1736EPD8C XC1736EPDG8C XC1736ESO8C XC1736ESOG8C XC1736EVO8C XC1736EVOG8C XC1736EPC20C XC1736EPD8I XC1736ESO8I XC1736EVO8I XC1736EPC20I XC1765EPD8I XC1765ESO8I XC1765EVO8I XC1765EPC20I XC1765ELPD8C XC1765ELSO8C XC1765ELSOG8C XC1765ELVO8C XC1765ELVOG8C XC1765ELPC20C XC1765ELPD8I XC1765ELSO8I XC1765ELVO8I XC1765ELPC20I XC17128ELPD8C XC17128ELVO8C XC17128ELPC20C XC17128ELPD8I XC17128ELVO8I XC17128ELPC20I XC17256ELPD8C XC17256ELVO8C XC17256ELPC20C XC17256ELPD8I XC17256ELVO8I XC17256ELPC20I XC1701LPD8C XC1701LPDG8C XC1701LPC20C XC1701LPCG20C XC1701LSO20C XC1701LPD8I XC1701LPDG8I XC1701LPC20I XC1701LPCG20I XC1701LSO20I XC1765EPD8C XC1765EPDG8C XC1765ESO8C XC1765ESOG8C XC1765EVO8C XC1765EPC20C XC17128EPD8C XC17128EPDG8C XC17128EVO8C XC17128EVOG8C XC17128EPC20C XC17128EPCG20C XC17128EPD8I XC17128EVO8I XC17128EPC20I XC17256EPD8I XC17256EVO8I XC17256EPC20I XC1701PC20I XC1701SO20I XC1702LVQ44I XC1702LPC44I XC1704LVQ44I XC1704LPC44I XC17512LPD8C XC17512LPC20C XC17512LSO20C XC17512LPD8I XC17512LPC20I XC17512LSO20I XC17256EPD8C XC17256EPDG8C XC17256EVO8C XC17256EPC20C XC17256EPCG20C XC1701PD8C XC1701PC20C XC1701SO20C XC1701PD8I XC1702LVQ44C XC1702LPC44C XC1704LVQ44C XC1704LPC44C
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 11
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
Marking Information
Due to the small size of the commercial serial PROM packages, the complete ordering part number cannot be marked on the package. The XC prefix is deleted and the package code is simplified. Device marking is as follows:
1701L J C
Device Number
1736E 1765E 1765X(1) 17128E 17128X(1) 17256E 17256X(1) 1704L 1702L 1701 1701L 17512L Notes:
1. 2. 3. When marking the device number on the EL parts, an X is used in place of an EL. For XC1700E/EL only. For XC1700L only.
Operating Range/Processing Package Type
P = 8-pin Plastic DIP H = 8-pin Plastic DIP, Pb-Free S(2) = 8-pin Plastic Small-Outline Package O = 8-pin Plastic Small-Outline Package, Pb-Free V = 8-pin Plastic Small-Outline Thin Package G = 8-pin Plastic Small-Outline Thin Package, Pb-Free S(3) = 20-pin Plastic Small-Outline Package J = 20-pin Plastic Leaded Chip Carrier E = 20-pin Plastic Leaded Chip Carrier, Pb-Free VQ44 = 44-pin Plastic Quad Flat Package PC44 = 44-pin Plastic Chip Carrier
C = Commercial (TA = 0 to +70C) I = Industrial (TA = -40 to +85C)
Revision History
The following table shows the revision history for this document.
.
Date
7/14/98
Version
1.1
Revision
Major revisions to include the XC1704L, XC1702L, and the XQ1701L devices, packages and operating conditions. Also revised the timing specifications under "AC Characteristics Over Operating Condition," page 9. Revised the marking information for the VQ44. Updated "DC Characteristics Over Operating Condition," page 7. Added references to the XC4000XLA and XC4000XV families in "Xilinx FPGAs and Compatible PROMs," page 4 and Figure 2, page 6. Added Virtex(R) FPGAs to "Xilinx FPGAs and Compatible PROMs," page 4. Added the PC44 package for the XC1702L and XC1704L products. Changed Military ICCS. Changed ICCS standby on XC1702/XC1704 from 50 A to 300 A. Combined data sheets XC1700E and XC1700L. Added DS027, removed Military Specs. Added VirtexE and EM references. Added 4.7K resistor to Figure 2, updated format. * Updated "Xilinx FPGAs and Compatible PROMs," page 4 and "Absolute Maximum Ratings," page 7. Added "Pinout Diagrams," page 3. * Added footnote to table in "AC Characteristics Over Operating Condition When Cascading," page 10, defining TCCE when cascading, and redrew associated timing diagram.
9/8/98
2.0
12/18/98 1/27/99 7/8/99 3/30/00 07/05/00 09/07/04
2.1 2.2 2.3 3.0 3.1 3.2
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 12
R
XC1700E, XC1700EL, and XC1700L Series Configuration PROMs
06/13/05
3.3
* Changed pinout diagrams to include Pb-free packages on "Pinout Diagrams," page 3. * Deleted TSOL from the under "Absolute Maximum Ratings," page 7. * Added VOG8 and PCG20 to "Ordering Information," page 11. Added XC1765ELVOG8C and XC17256EPCG20 to "Valid Ordering Combinations," page 11. Added new packages types under "Marking Information," page 12. * Added Pb-free packages to "PROM Pinouts," page 2. * Note added to Table 1, page 5. * Under "XC1701, XC1736E, XC1765E, XC17128E and XC17256E", note added to "DC Characteristics Over Operating Condition," page 7 and corrected XC1701 ICCA value. * Under "XC1704L, XC1702L, XC1701L, XC17512L, XC1765EL, XC17128EL and XC17256EL", note added to "DC Characteristics Over Operating Condition," page 8. * Added SOG package to "Ordering Information," page 11. * Added Pb-free order codes to "Valid Ordering Combinations," page 11. * Added package type E to "Marking Information," page 12. * * * * Updated "Absolute Maximum Ratings," page 7, added junction temperature rating. Updated document template. Updated copyright statement. Added "Notice of Disclaimer," page 13.
07/09/07
3.4
06/25/08
3.5
Notice of Disclaimer
THE XILINX HARDWARE FPGA AND CPLD DEVICES REFERRED TO HEREIN ("PRODUCTS") ARE SUBJECT TO THE TERMS AND CONDITIONS OF THE XILINX LIMITED WARRANTY WHICH CAN BE VIEWED AT http://www.xilinx.com/warranty.htm. THIS LIMITED WARRANTY DOES NOT EXTEND TO ANY USE OF PRODUCTS IN AN APPLICATION OR ENVIRONMENT THAT IS NOT WITHIN THE SPECIFICATIONS STATED IN THE XILINX DATA SHEET. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE. PRODUCTS ARE NOT DESIGNED OR INTENDED TO BE FAIL-SAFE OR FOR USE IN ANY APPLICATION REQUIRING FAIL-SAFE PERFORMANCE, SUCH AS LIFE-SUPPORT OR SAFETY DEVICES OR SYSTEMS, OR ANY OTHER APPLICATION THAT INVOKES THE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). USE OF PRODUCTS IN CRITICAL APPLICATIONS IS AT THE SOLE RISK OF CUSTOMER, SUBJECT TO APPLICABLE LAWS AND REGULATIONS.
DS027 (v3.5) June 25, 2008 Product Specification
www.xilinx.com 13


▲Up To Search▲   

 
Price & Availability of XC1700E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X