Part Number Hot Search : 
KJ10ETR SPI500MP 2CL2FJ SM103 TS4604 CYPRESS ZTX753 SMBJ11
Product Description
Full Text Search
 

To Download X700123206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Incremental encoders
EX approval ATEX EEx d IIC T4 Resolution 5...5000 pulses
X 700 - incremental
Features - Encoder incremental / ATEX - Optical sensing - Resolution max. 5000 ppr - Clamping flange / shaft o10 mm - Explosion-proof in line with EEx d IIC T4 - Area of application: EX I/II 2 GD / ATEX 133213X - Material stainless steel
X 700 with EX-proof housing Technical data - electrical ratings Voltage supply Consumption w/o load Resolution (steps/turn) Reference signal Sensing method Output frequency Output signals Output circuit Interference immunity Emitted interference 4.75...30 VDC 50 mA 5...5000 Zero pulse, width 90 Optical 300 kHz A 90 B, N + inverted Push-pull short-circuit proof DIN EN 61000-6-2 DIN EN 61000-6-4 Reverse polarity protection Yes Technical data - mechanical design Housing Shaft Flange Protection DIN EN 60529 Operating speed Starting torque Admitted shaft load Materials Operating temperature Relative humidity Resistance o70 mm o10 mm (clamping flange) Clamping flange IP 67 6000 rpm 0.04 Nm 60 N axial 50 N radial Housing: stainless steel Flange: stainless steel -25...+70 C 95 % non-condensing DIN EN 60068-2-6 Vibration 10 g, 12-2000 Hz DIN EN 60068-2-27 Shock 100 g, 6 ms 1300 g Cable 2 m (other length upon request)
Output signals Clockwise rotating direction when looking at flange. Track A Track A
Weight approx. E-connection
Track B Track B 90
Zero pulse Zero pulse Optional: other reference impulse.
1
www.baumerivo.com
29/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
EX approval ATEX EEx d IIC T4 Resolution 5...5000 pulses
Incremental encoders
X 700 - incremental
Part number X 700.I 1 See part number (pulses) E-connection 32 Cable 2 m, axial 34 Cable 5 m, axial Voltage supply / signals 1 4.75...30 VDC / push-pull 2 5 VDC / RS422 Flange / Shaft 1 Clamping flange / o10 mm IP 67 Part number (pulses) 49 36 50 39 (5) (10) (25) (50) 40 41 57 06 (60) (100) (128) (200) 09 13 14 15 (250) (360) (400) (500) 22 23 26 28 (1000) (1024) (1500) (2000) Terminal assignment Core no. #1 #2 #3 #4 #5 #6 #7 #8 Trigger level Outputs Output level High Output level Low Load High Load Low Push-pull short-circuit proof >UB -1.4 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA Core colour white brown green yellow grey pink blue red Assignment GND UB Track A Track B Track N Track A inv. Track B inv. Track N inv.
Other pulse numbers upon request. Example: ordering key 23 = 1024 pulses
Dimensions ~40 o50 M5x10 (6x60) 68 10 (21.5) 20 15
3 3 www.baumerivo.com
2
29/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
o10 g6
o40 g6
o30
o64 o70
9.5


▲Up To Search▲   

 
Price & Availability of X700123206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X