Part Number Hot Search : 
OT12N5 KBU1002 GE3012 12864 2412WI WITCH TN6610 0TRPBF
Product Description
Full Text Search
 

To Download WBD-DSOT23V-470-K-470-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wire Bondable Resistor/Capacitor Circuits
WBC-RC Series
* Integrated resistor and capacitor * Proven IRC TaNSil(R) technology * 3 types - AC Terminator, Tapped and T-Filter
Electrical Data
AC Termination Resistance Value Capacitance Value Resistance Absolute Tolerance Capacitance Resistance Absolute TCR Capacitance Package Power Rating Resistor Element Power Rating Capacitor Breakdown Voltage Operating Temperature Resistor Noise Substrate Material Substrate Thickness Bond Pad Metallization Backside Passivation 200ppm/C 250mW 125mW 25V -55C to +125C <-25dB Silicon 0.010 0.001 (0.254mm 0.025) Aluminum: 10KA minimum 3KA Gold minimum Silicon Dioxide or Silicon Nitride 20% 150ppm/C 47 47pF T-Filter 100 80pF 10% Tapped Filter 33 47pF
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc WBC-RC Series Issue January 2009 Sheet 1 of 3
Wire Bondable Resistor/Capacitor Circuits
Physical and Schematic Data
1
0.029 0.001 0.635mm 0.025
2 1
DSOT23V AC Termination
Back of chip
0.035 0.001 0.889mm 0.025
1
DSOT23T T-Filter
2 2
Back of chip
1
DSOT23R Tapped Filter
2
Back of chip
Power Derating Data
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
WBC-RC Series Issue January 2009 Sheet 2 of 3
Wire Bondable Resistor/Capacitor Circuits
Environmental Data (Resistor)
Test Method MIL-STD-202 Method 107 Test condition F MIL-STD-883 Method 1008 150C, 1000 hours -55C, 1000 hours MIL-STD-202 Method 108 70C, 1000 hours MIL-STD-202 Method 108 125C, 1000 hours Max R Typical R
Thermal Shock High Temperature Exposure Low Temperature Storage Life Life at Elevated Temperature
0.1%
0.02%
0.1% 0.03% 0.5%
0.05% 0.01% 0.01%
0.5%
0.05%
Environmental Data (Capacitor)
Test Thermal Shock Moisture Resistance Short Time Overload Life at Elevated Temperature High Temperature Exposure Method MIL-STD-202 Method 107 Test condition F MIL-STD-202 Method 106 +25C, 5 seconds 1.5 X rated voltage MIL-STD-202 Method 108 125C, 1000 hours 100 hours @ 150C ambient Max C 0.25% + 0.25pF max 1.0% + 0.25pF max 0.25% + 0.25pF max 0.25% + 0.25pF max 0.25% + 0.25pF max
Ordering Data
WBD Prefix Style
DSOT23V = AC terminator DSOT23T = T-Filter DSOT23R = Tapped Filter
- DSOT23V
- 470 - K
- 470 - M Absolute Capacitance Tolerance
M = 20%
Capacitance Code (C)
3-Digit Capacitance Code Ex: 470 = 47pF
Resistance Code (R)
3-Digit Resistance Code Ex: 470 = 47
Absolute Resistance Tolerance M = 20%; K = 10%
Packaging
Standard packaging is 2 x 2 chip tray. For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
WBC-RC Series Issue January 2009 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of WBD-DSOT23V-470-K-470-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X