Part Number Hot Search : 
GS816 HD41529B PQG20 IRHE3230 GRM188R TK20D60 MAX651 R1E10
Product Description
Full Text Search
 

To Download VYPY1104B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Product features
Package Product features PLCC-2 Bathtub Type. Water clear epoxy Outer Dimension 3.5 x 2.8 x 1.9mm( L x W x H ) Wide operation temperature range Storage Temperature : -40110 Operating Temperature : -40100 Operation Guarantee Ramification of luminosity group sorting. It is possible to have a uniform transmission with little irregularities even when several are lined up. Systematization of luminosity groups and color tone groups. Unified to a simple standard. Corresponding to a use requiring high reliability in cars etc... Spatial distribution characteristics. (21/2 : 120deg) Lead-free soldering compatible RoHS compliant Blue Green Yellow Green Yellow Orange Red 120 deg. VUB,VUG : InGaN VUB : 4.4lm/W VYBG : 1.9lm/W VFY : 15.0lm/W VFV : 18.4lm/W VYBG, VYPY, VFY, VFA, VFV, VFR :AlGaInP VUG : 17.6lm/W VYPY : 7.1lm/W VFA : 15.0lm/W VFR : 13.8lm/W : : : : : : 470nm (VUB) 530nm (VUG) , 562nm(VYBG) 572nm (VYPY) 590nm (VFY) 605nm (VFA) 615nm (VFV) , 626nm (VFR)
Dominant wavelength
Spatial distribution Die materials Optical efficiency
Rank grouping parameter Assembly methods (customer) Soldering methods Taping dimensions ESD
Sorted by luminous intensity and wavelength and taped according to rank. Corresponding to surface mounter. Corresponding to reflow soldering and manual soldering. 2,000pcs(standard) per reel in a 8mm width tape. Reel diameter : 180mm AlGaInP:2kV (HBM) InGaN:1kV (HBM)
Recommended Applications
SW lighting for car indicators, meter panel, car audio and heater control, etc...
2006.7.31
Page 1
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Color Variations and Luminous Intensity
Dominant Wavelength d (nm)
TYP. IF MIN.
(Ta=25)
Part No.
Material
Emitted Color
Lens Color
Luminous Intensity Iv (mcd)
MAX. IF
Luminous Flux v(mlm)
TYP. IF
VUB1104B VUG1104B VYBG1104B VYPY1104B VFY1104B VFA1104B VFV1104B VFR1104B
InGaN InGaN
Blue
470 530
20 20 20 20 20 20 20 20
33 120 10 33 100 82 120 100
150 470 47 220 330 270 390 330
20 20 20 20 20 20 20 20
300 1,200 80 300 600 600 700 550
20 20 20 20 20 20 20 20
Green AlGaInP AlGaInP AlGaInP AlGaInP AlGaInP Red AlGaInP 626
Note : The luminous intensity(Iv) and dominant wavelength (d) above are the setup values of the sorting machine. (Tolerance : IV... 10%, d ... 1nm)
562 Yellow Green Yellow Orange Water Clear 572 590 605 615
2008.11.17
Page 2
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Absolute Maximum Ratings
Absolute Maximum Ratings VUB 78 20 50 0.4 2 1.0 2 5 VUG 78 20 50 0.4 2 1.0 2 5 VYBG 81 30 100 0.8 2.67 5 VYPY 81 30 100 0.8 2.67 5 VFY 81 30 100 0.8 2.67 5 VFA 81 30 100 0.8 2.67 5 VFV 81 30 100 0.8 2.67 5
(Ta=25)
Item Power Dissipation Forward Current Pulse Forward Current 1 Derating (Ta=72.5 or higher) Reverse Voltage Operating Temperature Storage Temperature
Symbol Pd IF I FRM I F I FRM VR Topr Tstg
VFR 81 30 100 0.8 2.67 5
Unit mW mA mA mA/ mA/ V
-40+100 -40+110
1 I FRM Measurement condition : Pulse Width 1ms., Duty 1/ 20. 2 Temperature Condition: Ta=60 or higher.
Thermal Characteristics
Ratings VUB 110 VUG 110 VYBG 110 VYPY 110 VFY 110 VFA 110 VFV 110 VFR 110
Item J unction Temperature (MAX.) Thermal Resistance (TYP.)
(Junction/ ambient)
Symbol
Unit
Tj
R(th j-a)
350
350
400
400
400
2
400
400
400
/ W
Rth(j-a) Measurement Condition / Substrate: FR4(t=1.6mm) Pattern Size: 16mm .
2006.3.31
Page 3
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Electro-Optical Characteristics VUB,VUG)
Item Conditions TYP. Forward Voltage IF=20mA VF MAX. Reverse Current Peak Wavelength Dominant Wavelength Spectral Line Half Width Half Intensity Angle VR=5V IF=20mA IF=20mA IF=20mA IF=20mA IR p d 21/ 2 MAX. TYP. TYP. TYP. TYP. 3.9 100 465 470 26 120 3.9 100 517 530 35 120 A nm nm nm deg. Symbol Characteristic Ratings VUB 3.4 VUG 3.4 V Unit
(Ta=25)
Note: The dominant wave length (d) above is the setup value of the sorting machine. Tolerance : d...1nm
(Ta=25) Electro-Optical CharacteristicsVYBG, VYPY, VFY, VFA, VFV, VFR)
Characteristic Rating VYBG TYP. Forward Voltage IF=20mA VF MAX. Reverse Current Peak Wavelength Dominant Wavelength Spectral Line Half Width Half Intensity Angle VR=5V IF=20mA IF=20mA IF=20mA IF=20mA IR p d 21/ 2 MAX. TYP. TYP. TYP. TYP. 2.5 100 565 562 15 120 2.5 100 575 572 15 120 2.5 100 592 590 15 120 2.5 100 609 605 15 120 2.4 100 624 615 15 120 2.5 100 635 626 15 120 A nm nm nm deg. 2.1 VYPY 2.1 VFY 2.0 VFA 2.0 VFV 1.9 VFR 2.0 V
Item
Conditions
Symbol
Unit
Note: The dominant wave length (d) above is the setup value of the sorting machine. Tolerance : d...1nm
2006.10.30
Page 4
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Luminous Intensity Rank Standard ChartUnit: mcd
Rank A9 AX AY AZ B1 B2 B3 B4 B5 B6 B7 B8 B9 BX BY BZ C1 C2 C3 C4 C5 C6 C7 C8 C9 CX CY CZ IVmcd MIN. MAX. 4.7 5.6 5.6 6.8 6.8 8.2 8.2 10 10 12 12 15 15 18 18 22 22 27 27 33 33 39 39 47 47 56 56 68 68 82 82 100 100 120 120 150 150 180 180 220 220 270 270 330 330 390 390 470 470 560 560 680 680 820 820 1,000
VUB VUG VYBG VYPY VFY VFA VFV
(Ta=25)
VFR
IF=20mA
B1
B7 B8
B7
BZ C1 C2 C2 C4 C5 C6 C6 C1
C2
C7
C8
Limited width of luminous intensity rank is from Min.4 rank width.
2008.11.17
Page 5
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Color Tone Groups (d)
450nm
(Ta=25) ( unit: nm ) Tolerance: +/-1nm
VUB Type 470nm
VUB Type (I F=20mA) A B MIN. 460.0 464.0 MAX. 464.0 468.0 VUG Type (I F=20mA) A B MIN. 515.0 520.0 MAX. 520.0 525.0
C 468.0 472.0
D 472.0 476.0
500nm
C 525.0 530.0
D 530.0 535.0
VUG Type 530nm
550nm
VYBG Type (I F=20mA) B C D MIN. 555.0 558.0 561.0 MAX. 558.0 561.0 564.0 VYPY Type (I F=20mA) A B C MIN. 567.0 570.0 573.0 MAX. 570.0 573.0 576.0 VFY Type (I F=20mA) D E MIN. 586.0 589.0 MAX. 589.0 592.0 VFA Type (I F=20mA) B C MIN. 600.0 603.0 MAX. 603.0 606.0 VFV Type (I F=20mA) B C MIN. 613.0 616.0 MAX. 616.0 619.0 VFR Type (I F=20mA) A B MIN. 620.0 626.0 MAX. 626.0 632.0
VYBG Type 562nm VYPY Type 572nm
F 592.0 595.0
VFY Type 590nm
600nm
D 606.0 609.0
VFA Type 605nm VFV Type 615nm VFR Type 626nm
650nm
D 619.0 622.0
C 632.0 638.0
Limited width of color tone rank is from Min.3 to Min.4 rank width. (It changes with product.)
2008.9.12 Page 6
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Characteristic Graph VUB,VUG)
Spectral Distribution
Relative Intensity vs. wavelength
1.2
Condition:IF=20mA Ta=25
Spatial Distribution Example
X-direction
VUB VUG
Condition: Ta=25
1.0
Relative Intensity
0.8
0.6
0.4
0.2
0.0 400 450 500 550 600
Wavelength[nm]
Forward Voltage vs. Forward Current
Condition: Ta=25
Forward Current vs. Relative Intensity
Condition:Ta=25
100
1.5
Forward Current I F (mA)
10
VUB,VUG
R elative Intensity
1.0
1
0.5
0.1
0.01 1.5 2.0 2.5 3.0 3.5 4.0 4.5
0.0 0 5 10 15 20 25
Forward Voltage : VF(V)
Forward Current IF(mA)
2004.06.23
Page 7
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Characteristics ChartVUB,VUG)
Derating
Ambient Temp. vs. Maximum Forward Current
Repetition Frequencyf 50Hz
60
Ambient Temp. vs. Relative Intensity
Condition:IF=20mA
10.0
Duty=5%
Maximum Forward Current : I F MAX. (mA)
50
40
Duty=20%
30
Relative Intensity
Duty=10%
VUB
1.0
VUG
Duty=50%
20
DC
10
0 -40
0.1
-20 0 20 40 60 80 100 120
-40
-20
0
20
40
60
80
100
Ambient Temperature : Ta ()
Ambient Temp. Ta ( )
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Pulse Width vs. Maximum Tolerable Peak Current
10
Ambient Temp. : Ta=25
Maximum Forward Current : IF MAX.(mA)
IF Peak MAX./IF DC MAX.
10kHz
1kHz
100Hz
50Hz
1 1 10 100 1000 10000 100000
Duty (%)
Pulse Width : tw (s )
2008.1.18
Page 8
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Characteristics ChartVYBG,VYPY)
Spectral Distribution
Relative Intensity vs. wavelength
Condition:IF=20mA
1.2
Spatial Distribution Example
Ta=25
X-direction
VYBG
1.0
Condition: Ta=25
VYPY
Relative Intensity
0.8
0.6
0.4
0.2
0.0 500 520 540 560 580 600 620
Wavelength[nm]
Forward Voltage vs. Forward Current
Condition: Ta=25
100
Forward Current vs. Relative Intensity
Condition: Ta=25
2.0
Forward Current I F (mA)
Relative Intensity
1.5
10
VYBG
VYBG VYPY
1
1.0
VYPY
0.5
0.1 1.5 1.7 1.9 2.1 2.3 2.5
0.0 0 10 20 30 40 50
Forward Voltage: VF(V)
Forward Current : IF (mA)
2004.06.23
Page 9
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Characteristics ChartVYBG,VYPY)
Derating
Ambient Temp. vs. Maximum Forward Current
Repetition Frequencyf 50Hz
120
Ambient Temp. vs. Relative Intensity
10.0
Condition:IF=20mA
Maximum Forward Current : I F MAX. (mA)
Duty=5%
100
80
Duty=10% Duty=20% Duty=50% DC
Relative Intensity
60
1.0
VYBG
40
VYPY
20
0 -40
-20
0
20
40
60
80
100
120
0.1 -40 -20 0 20 40 60 80 100 120
Ambient Temp. : Ta ( )
Ambient Temp. : Ta ( )
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
100
Pulse Width vs. Maximum Tolerable Peak Current
Ambient Temp. : Ta=25
10
Maximum Forward Current : IF MAX.(mA)
10
IF Peak MAX./IF DC MAX.
10kHz
1kHz
100Hz
50Hz
1 1 10 Duty (%) 100
1 1 10 10 0 1 00 0 1 00 00 1 00 00 0
Pulse Width : tw (s )
2004.06.23
Page 10
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Characteristics ChartVFY,VFA,VFV,VFR)
Spectral Distribution
Relative Intensity vs. Wavelength
Condition:IF=20mA Ta=25
Spatial Distribution Example
X-direction
Condition: Ta=25
Relative Intensity
Wavelength[nm]
Forward Voltage vs. Forward Current
100
Condition: Ta=25
Forward Current vs. Relative Intensity
Condition: Ta=25
2.0
Forward Current I F (mA)
10
Relative Intensity
1.5
VFY,VFA,VFV,VFR
1.0
VFY,VFA,VFV,VFR
1
0.5
0.1 1.0 1.5 2.0 2.5 3.0
0.0 0 10 20 30
Forward Voltage : VF(V)
Forward Current : IF (mA)
2006.10.30
Page 11
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Characteristics ChartVFY,VFA,VFV,VFR)
Derating
Ambient Temp. vs. Maximum Forward Current
Repetition Frequencyf 50Hz
120
Ambient Temp. vs. Relative Intensity
Condition:IF=20mA
10.0
Maximum Forward Current : I F MAX. (mA)
Duty=5%
100
80
Duty=10% Duty=20% Duty=50% DC
Relative Intensity
60
1.0
VFA
VFV,VFR
40
VFY
20
0 -40
0.1
-20 0 20 40 60 80 100 120
-40
-20
0
20
40
60
80
100
Ambient Temp. : Ta ( )
Ambient Temp. : Ta ( )
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
100
Pulse Width vs. Maximum Tolerable Peak Current
Ambient Temp. : Ta=25
10
Maximum Forward Current : IF MAX.(mA)
10
IF Peak MAX./IF DC MAX.
10kHz
1kHz
100Hz
50Hz
1 1 10 100
1 1 10 100 1000 10000 100000
Duty (%)
Pulse Width : tw (s )
2006.3.31
Page 12
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Package Dimensions
(Unit: mm) Weight: (36.30)mg
Recommended Soldering Pattern
(Unit: mm)
Taping Specification
Quantity: 2,000pcs/ reel (standard)
(Unit: mm)
2005.9.28
Page 13
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Reflow Soldering Conditions
1) The above profile temperature gives the maximum temperature of the LED resin surface. Please set the temperature so as to avoid exceeding this range. 2) Total times of reflow soldering process shall be no more than 2 times. When the second reflow soldering process is performed, intervals between the first and second reflow should be short as possible (while allowing some time for the component to return to normal temperature after the first reflow) in order to prevent the LED from absorbing moisture. 3) Temperature fluctuation to the LED during the pre-heating process shall be minimized. (6 maximum)
Manual Soldering Conditions
Iron tip temp. Soldering time and frequency 350 3s 1 time (MAX.) (MAX.) (MAX.)
2004.09.06
Page14
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Reliability Testing Result
Reliability Testing Result Applicable Standard Room Temp. Operating Life High Temp. Operating Life Low Temp. Operating Life Wet High Temp. Operating Life Wet High Temp. Storage Life Thermal Shock Thermal Shock Operating High Temp. Storage Life Low Temp. Storage Life Cycled Temp. Humidity Life Resistance to Reflow Soldering Electric Static Discharge (ESD)1 Vibration, Variable Frequency EIAJ ED4701/ 100(101) EIAJ ED4701/ 100(101) EIAJ ED4701/ 100(101) EIAJ ED4701/ 100(102) EIAJ ED4701/ 100(103) EIAJ ED4701/ 100(105) EIAJ ED4701/ 100(105) EIAJ ED4701/ 200(201) EIAJ ED4701/ 200(202) EIAJ ED4701/ 200(203) EIAJ ED4701/ 300(301) EIAJ ED4701/ 300(304) EIAJ ED4701/ 400(403) Testing Conditions Ta = 25, IF = Maxium Rated Current Ta = Maximum Rated Operating Temperature, IF = Derating Value Ta = -40, IF = Maxium Rated Current Ta = 60, 90%, IF = Maxium Rated Current Ta = 60, 90% Ta = -40 Maximum Rated Storage Temperature (each 15min.) Ta = -40(off) 85 (IF = Derating Value on), (each 15min.) Ta = Maximum Rated Storage Temperature Ta = Minimum Rated Storage Temperature Ta = -30(2h) 80, 95%(2h), 8h/ cycle, IF = Derating Value, 5min on-off Moisture Soak : 30, 70%, 72h Preheat : 150 180(120s Max.) Soldering Temp. : 260(5s) C = 100pF, R2 = 1.5K, 2,000V 98.1m/ s (10G), 100 2KHz, 20min, XYZ each direction
2
Duration
Failure
1,000 h 0/ 20 1,000 h 0/ 20 1,000 h 0/ 20 1,000 h 0/ 20 1,000 h 0/ 20 1,000 cycles 0/ 20 1,000 cycles 0/ 20 1,000 h 0/ 20 1,000 h 0/ 20 30 cycles 0/ 20 Twice 0/ 20 once each polarity 0/ 10 2 h 0/ 10
1 Reference test
Failure Criteria
Items
Luminous Intensity Forward Voltage Reverse Current Cosmetic Appearance
Symbols
Iv VF IR -
Conditions
IF Value of each product Luminous Intensity IF Value of each product Forward Voltage VR = Maximum Rated Reverse Voltage V -
Failure criteria
Testing Min. Value Spec. Min. Value x 0.5 Testing Max. Value Spec. Max. Value x 1.2 Testing Max. Value Spec. Max. Value x 2.5 Occurrence of notable decoloration, deformation and cracking
2007.8.31
Page 15
1104B Series
Single Color PLCC-2 Bathtub Type
(High Reliability type, V-Series)
Special Notice to Customers Using the Products and Technical Information Shown in This Data Sheet
1) The technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. It does not constitute the warranting of industrial property nor the granting of any license. 2) For the purpose of product improvement, the specifications, characteristics and technical data described in the data sheets are subject to change without prior notice. Therefore it is recommended that the most updated specifications be used in your design. 3) When using the products described in the data sheets, please adhere to the maximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. We are not responsible for any damage which may occur if these specifications are exceeded. 4) The products that have been described to this catalog are manufactured so that they will be used for the electrical instrument of the benchmark (OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument). The application of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. needs a high reliability and safety, and the breakdown and the wrong operation might influence the life or the human body. Please consult us beforehand if you plan to use our product for the usages of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. except OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument. 5) In order to export the products or technologies described in this data sheet which are under the "Foreign Exchange and Foreign Trade Control Law," it is necessary to first obtain an export permit from the Japanese government. 6) No part of this data sheet may be reprinted or reproduced without prior written permission from Stanley Electric Co., Ltd. 7) The most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com
2007.8.31
Page 16


▲Up To Search▲   

 
Price & Availability of VYPY1104B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X