Part Number Hot Search : 
TLE8264E AT88S TLE8264E E170CA 7100R BDV65 CD4583 HC125
Product Description
Full Text Search
 

To Download VCXO-D3LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V, HCMOS, Thru-Hole VCXO
Model: VCXO-DLF
Page 1 of 1
RoHS Compliant / Pb Free
Rev. 9/19/2006
http://www.foxonline.com/need_a_sample.htm
FEATURES
* * * * 3.3V Operation HCMOS Output Low Power Consumption Rugged Resistance Weld
OPTIONS
* Many Stability/Pullability Options * -40C ~ +85C Option ('RLF' Version) * 1/2 Size Version Available Learn more about: Part Marking Identification
Internet required
* PART NUMBER SELECTION Learn More - Internet Required
Frequency Frequency Stability1 Pullability 459-Frequency-xxxxx VCXO-D3LF 50PPM 100PPM 463-Frequency-xxxxx VCXO-D3RLF 50PPM 100PPM 460-Frequency-xxxxx VCXO-D4LF 25PPM 100PPM 671-Frequency-xxxxx VCXO-D4RLF 25PPM 100PPM 461-Frequency-xxxxx VCXO-D7LF 25PPM 50PPM 462-Frequency-xxxxx VCXO-D8LF 100PPM 100PPM 464-Frequency-xxxxx VCXO-D8RLF 100PPM 100PPM
Part Number
Model Number
Operating Temperature -10 ~ +70 (C) -40 ~ +85 (C) -10 ~ +70 (C) -40 ~ +85 (C) -10 ~ +70 (C) -10 ~ +70 (C) -40 ~ +85 (C)
Frequency Range (MHz) 1.000 ~ 40.500 1.000 ~ 40.500 1.000 ~ 40.500 1.000 ~ 40.500 1.000 ~ 40.500 1.000 ~ 40.500 1.000 ~ 40.500
* ELECTRICAL CHARACTERISTICS
PARAMETERS
Frequency Range (Fo) Storage Temperature Range (Tstg) Supply Voltage (Vdd) Control Voltage (Vc) Input Current (Idd) 1.000 ~ 24.000 MHz 24.000+ ~ 35.000 MHz 35.000+ ~ 40.500 MHz Output Symmetry (50% Vdd) Rise Time (10% ~ 90% Vdd) (Tr) Fall Time (90% ~ 10% Vdd) (Tf) Output Voltage (Vol) (Voh) Output Current (Iol) (Ioh) Output Load (HCMOS) Start-up Time (Ts) Frequency Linearity
1 2
MAX (unless otherwise noted)
1.000 ~ 40.5002 MHz -55C ~ +125C 3.3V 5% 1.65V 1.65V 10mA 15mA 25mA 40% ~ 60% 10nS 10nS 10% Vdd 90% Vdd Min 4.0mA Min -1.0mA Min 15pF 10mS 10%
All dimensions are in millimeters.
Inclusive of 25C tolerance, operating temperature range, input voltage change, load change, aging, shock, vibration, and Vc = 1.65V. Higher frequencies available on an individual inquiry basis. All specifications subject to change without notice.
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2006 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +888.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221


▲Up To Search▲   

 
Price & Availability of VCXO-D3LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X