Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download UMSA04A03T1V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UMS Ultra-Low Capacitance MAX Guard(R) ESD Suppressor (High Frequency Type)
The content of this specification may change without notification 10/12/07
FEATURES
* * * * * Low capacitance (<0.2pF) Ultra low leakage current (<1nA) Zero signal distortion Fast response time Bi-direction device
HOW TO ORDER
APPLICATIONS
UMSA
Product Code
Ultra-Low Capacitance MAX Guard Suppressor
06
Size
A
Tolerance
05
Operating Voltage
T
Packaging
T: Paper Tape (5K/10K)
1
Typical Clamping Voltage
1: 17V 2: 25V
V1
Typical Trigger Voltage
V1: 150V V2: 250V
* * * * * * * *
04: 0402 (1005) 06: 0603 (1608)
A: Suit For IEC6100-4-2 C: Suit For IEC6100-42&AEC-Q200
03: 3.3V 05: 5.5V 12: 12V 24: 24V
Cell / smart phone Computers / Laptops Digital cameras PDA's Plasma display panels / LCD / TVs/ HDTVs Mp3 / Multimedia players Scanner / Printer Ultra-high speed data ports USB 2.0, IEEE1394, DVI HDMI, High Speed Ethernet.
SCHEMATIC
DIMENSIONS (mm)
Size UMS04 (0402) UMS06 (0603) L 1.000.1 1.550.1 W 0.500.05 0.800.1 C 0.200.1 0.300.2 D 0.250.1 0.300.2 T 0.350.05 0.450.1
ELECTRICAL CHARACTERISTICS
Type UMS04A03T1V1 UMS06A03T1V1 UMS04A03T2V2 UMS06A03T2V2 UMS04A05T1V1 UMS06A05T1V1 UMS04A05T2V2 UMS06A05T2V2 UMS04A12T2V2 UMS06A12T2V2 UMS06A12T1V1 UMS06A12T2V2 UMS04A24T1V1 UMS06A24T2V2 UMS06A24T1V1 UMS06A24T2V2 * * * * Continuous Operating Voltage (Max.) 3.3 VDC 250v Direct Discharge: 8KV Air Discharge: 15KV 150v 250v 150v 250v 150v 250v 150v 250v 150v 250v 25v 17v 25v 17v 25v 17v 25v 17v 25v 17v 25v <0.05pF <1nA <1ns >1000 pulses ESD Capability1 Trigger Voltage (Typ.)2 150v Clamping Voltage (Typ.)2 17v Capacitance3 Leakage Current (Typ.) Response Time ESD Pulse Withstand (Typ.)4
5.5 VDC
12 VDC
24 VDC
The function meets with the requirement of IEC 61000-4-2 specification. Trigger measurement made using Transmission Line Pulse method. Capacitance measured at 1 M~1.8 GHz. Performing under IEC 61000-4-2 level 4 (8KV contact discharge, 15KV air discharge).
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889
1


▲Up To Search▲   

 
Price & Availability of UMSA04A03T1V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X