Part Number Hot Search : 
C3788 AL5DA142 FC65PE PL20W BF1009 KK74HC 512B1 A50BD
Product Description
Full Text Search
 

To Download TRB2G1CB1C00000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPBG1LX
Pb
Product Description The TRPBG1LX modules are single fiber, bi-directional SFP transceivers that provide a quick and reliable interface for 1000BASE-BX10-D/U Gigabit Ethernet applications. Two types of modules are available: the 1310nm Fabry Perot laser-based transceiver (BX10-U) and the 1490nm DFB laserbased transceiver (BX10-D). The transceivers are integrated with digital diagnostics monitoring, which provides features to detect a problem before system performance is impacted. The diagnostic functions, alarms and warning features are provided via an I2C serial interface as described per the Multi-Source Agreement (MSA) document, SFF-8472 (Rev. 9.4). All modules meet Class I Laser Safety requirements in accordance with the U.S. and international standards as described in the FDA/CDRH and IEC-60825 documents, respectively. The TRPBG1LX transceivers connect to standard 20-pad SFP connectors for hot plug capability. This allows the system designer to make configuration or maintenance changes by simply plugging in different types of transceivers without removing the power supply from the host system. The transceivers have color-coded latches that identify the TX wavelength. The MSA compliant latch offers an easy and convenient way to release the module. The transmitter and receiver DATA interfaces are AC-coupled internally. LVTTL Transmitter Disable control input and Loss of Signal output interfaces are also provided. The transceivers operate from a single +3.3V power supply over an operating case temperature range of -5C to +70C or -40C to +85C. The package is made of metal.
Features Compatible with SFP MSA Compliant with IEEE 802.3ah Draft 3.3 Gigabit Ethernet 1000BASE-BX10 PMD Specifications Wavelengths of 1310nm and 1490nm Digital Diagnostics through Serial Interface Internal Calibration for Digital Diagnostics Distances up to 10km Eye Safe (Class I Laser Safety) Duplex LC Optical Interface Hot-pluggable TX Fault & Loss of Signal Outputs TX Disable Input Single +3.3V Power Supply
Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature1 Supply Voltage Input Voltage
1
Symbol TST Commercial Industrial TOP VCC VIN
Minimum - 40 -5 - 40 0 0
Maximum + 85 + 70 + 85 + 4.5 VCC
Units C C V V
Measured on top side of SFP module at the front center vent hole of the cage.
An Oplink Company
RevC.2008.04.01
TRPBG1LX
Transmitter Performance Characteristics
All parameters guaranteed only at typical data rate Parameter Operating Data Rate
1 2
(Over Operating Case Temperature. VCC = 3.13 to 3.47V)
Symbol B PO
Minimum - 9.0 1260 1480 6 - 8.2 -
Typical 1250 1310 1490 -
Maximum - 3.0 1360 1500 2.09 2.58 0.88 - 45 - 113 12 - 12 80 227
Units Mb/s dBm nm nm dB dB dBm dBm dB/Hz dB dB ps ps
Optical Output Power Center Wavelength Spectral Width (RMS)
BX10-U BX10-D BX10-U BX10-U
1310nm FP 1490nm DFB 1260 - 1280nm 1281 - 1360nm 1480 - 1500nm
C RMS 20 Phi /Plo OMA RIN 12OMA ORLT TR DJ TJ
Spectral Width (-20dB) Extinction Ratio
Optical Modulation Amplitude Transmitter OFF Output Power Relative Intensity Noise Optical Return Loss Tolerance Transmitter Reflectance Deterministic Jitter Total Jitter Transmitter Output Eye
1 2
Compliant with Eye Mask Defined in IEEE 802.3ah Standard
Data rate ranges from 125Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance. Measured average power coupled into single mode fiber. (Over Operating Case Temperature. VCC = 3.13 to 3.47V)
Receiver Performance Characteristics
All parameters guaranteed only at typical data rate Parameter Operating Data Rate 1 Minimum Input Optical Power (10-12 BER) 2 Maximum Input Optical Power (10 Sensitivity as OMA LOS Thresholds LOS Hysteresis 2 Stressed Sensitivity Stressed Sensitivity as OMA Vertical Eye-Closure Penalty Deterministic Jitter Total Jitter Wavelength of Operation Receiver Reflectance Electrical 3dB Upper Cutoff Frequency
1 2
Symbol B Pmin
2
Minimum - 20.0 - 3.0 - 18.7 - 30.0 0.5 - 15.4 - 14.6 2.6 1260 1480 -
Typical 1250 - 22.0 -
Maximum - 20.0 170 266 1360 1560 - 12 1500
Units Mb/s dBm dBm dBm dBm dB dBm dBm dB ps ps nm dB MHz
-10
BER)
Pmax OMA Plos+ PlosDJ TJ
3
Increasing Light Input Decreasing Light Input
BX10-D BX10-U
-
Data rate ranges from 125Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance. Measured at 1250Mb/s with 27-1 PRBS and 1310nm & 1490nm wavelengths. 3 Specified with minimum extinction ratio of 6dB.
Laser Safety: All transceivers are Class I Laser products per FDA/CDRH and IEC-60825 standards. They must be operated under specified operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE: This product complies with 21 CFR 1040.10 and 1040.11 Meets Class I Laser Safety Requirements
Oplink Communications, Inc.
2
RevC.2008.04.01
TRPBG1LX
Transmitter Performance Characteristics
Parameter Input Voltage Swing (TD+ & TD-) 1 Input HIGH Voltage (TX Disable) 2 Input LOW Voltage (TX Disable) Output HIGH Voltage (TX Fault)
1 2 3
(Over Operating Case Temperature. VCC = 3.13 to 3.47V) Minimum 0.25 2.0 0 2.0 0 Typical Maximum 2.4 VCC 0.8 VCC + 0.3 0.8 Units V V V V V
Symbol VPP-DIF VIH VIL VOH VOL
2 3
Output LOW Voltage (TX Fault) 3
Differential peak-to-peak voltage. There is an internal 4.7 to 10k pull-up resistor to VccT. Open collector compatible, 4.7 to 10k pull-up resistor to Vcc (Host Supply Voltage).
Receiver Electrical Interface
Parameter Output Voltage Swing (RD+ & RD-) 1 Output HIGH Voltage (LOS) 2 Output LOW Voltage (LOS)) 2
1 2
(Over Operating Case Temperature. VCC = 3.13 to 3.47V)) Symbol VPP-DIF VOH VOL Minimum 0.6 2.0 0 Typical Maximum 2.0 VCC + 0.3 0.5 Units V V V
Differential peak-to-peak voltage across external 100 load. Open collector compatible, 4.7 to 10k pull-up resistor to Vcc (Host Supply Voltage).
Electrical Power Supply Characteristics
Parameter Supply Voltage Supply Current Commercial Industrial VCC ICC
(Over Operating Case Temperature. VCC = 3.13 to 3.47V)) Minimum 3.13 Typical 3.3 175 175 Maximum 3.47 245 285 Units V mA
Symbol
Module Definition
MOD_DEF(0) pin 6 MOD_DEF(1) pin 5 MOD_DEF(2) pin 4 Interpretation by Host
TTL LOW
SCL
SDA
Serial module definition protocol
Electrical Pad Layout
20 19 18 17 16 15 14 13 12 11
TX GND TD- (TX DATA IN-) TD+ (TX DATA IN+) TX GND VccTX VccRX RX GND RD+ (RX DATA OUT+) RD- (RX DATA OUT-) RX GND
Host Board Connector Pad Layout
20 19 18 17 16 15 14 13 12 11
Toward ASIC
1 2 3 4 5 6 7 8 9 10
TX GND TX Fault TX Disable MOD_DEF(2) MOD_DEF(1) MOD_DEF(0) NO CONNECTION LOS RX GND RX GND
1 2 3
Toward Bezel
4 5 6 7 8 9 10
Top of Board
Bottom of Board (as viewed thru top of board)
Oplink Communications, Inc.
3
RevC.2008.04.01
TRPBG1LX
Example of SFP host board schematic
TRPBG1LX
R: 4.7 to 10k
Application Notes
Electrical interface: All signal interfaces are compliant with the SFP MSA specification. The high speed DATA interface is differential AC-coupled internally with 0.1F and can be directly connected to a 3.3V SERDES IC. All low speed control and sense output signals are open collector TTL compatible and should be pulled up with a 4.7 - 10k resistor on the host board Loss of Signal (LOS): The Loss of Signal circuit monitors the level of the incoming optical signal and generates a logic HIGH when an insufficient photocurrent is produced. TX_Fault: The output indicates LOW when the transmitter is operating normally, and HIGH with a laser fault including laser end-of-life. TX Fault is an open collector/drain output that should be pulled up with a 4.7 - 10k resistor on the host board. TX Fault is latched per SFP MSA. TX_Disable: When the TX Disable pin is at logic HIGH, the transmitter optical output is disabled (less than -45dBm). Serial Identification and Monitoring: The module definition of SFP is indicated by the three module definition pins, MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2).
Upon power up, MOD_DEF(1:2) appear as NC (no connection), and MOD_DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol (standard two-wire I2C serial interface) and generates the serial clock signal (SCL). The positive edge clocks data into the EEPROM segments of the SFP that are not write protected, and the negative edge clocks data from the SFP. The serial data signal (SDA) is for serial data transfer. The host uses SDA in conjunction with SCL to mark the startand end of serial protocol activation. The supported monitoring functions are internal temperature, supply voltage, bias current, transmitter power, average receiver signal, all alarms and warnings and software monitoring of TX Fault/LOS. The device is internally calibrated. The data transfer protocol and the details of the mandatory and vendor specific data structures are defined in the SFP MSA, and SFF-8472, Rev. 9.4 Power supply and grounding: The power supply line should be well-filtered. All 0.1F power supply bypass capacitors should be as close to the transceiver module as possible.
Oplink Communications, Inc.
4
RevC.2008.04.01
TRPBG1LX
Mechanical Package
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Dimensions in inches [mm] Default tolerances:
.xxx = + .005", .xx = + .01"
Ordering Information
Model Name
Oplink Order Number Reference OCP P/N
Temperature Range
Latch Color
Typical Wavelength Tx Rx Distance
TRB2G1CB1C00000 TRB2G1CB2C00000 TRB2G1CB1I00000 TRB2G1CB2I00000
TRPBG1LXDBBSH TRPBG1LXDBVS2 TRPBG1LXDABSH TRPBG1LXDAVS2
- 5 C to + 70C - 10 C to + 85C - 40 C to + 85C - 40 C to + 85C
Blue Violet Blue Violet
1310nm 1490nm 1310nm 1490nm
1490nm 1310nm 1490nm 1310nm
10km 10km 10km 10km
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Communications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc. RevC. 2008.04.01 (c) 2006, Oplink Communications, Inc. 5


▲Up To Search▲   

 
Price & Availability of TRB2G1CB1C00000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X