Part Number Hot Search : 
74HC4067 MAX9550 SEMD4 HA11465A 93CX56PM CS400F4 AS5115 HMC313
Product Description
Full Text Search
 

To Download TES5-1210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TES 5 Series, 5 Watt
compliant
RoHS
Features Compact low Profile SMD Package Wide 2: Input Voltage Range I/O Isolation 500VDC Operating Temp. Range -40C to 85C max. Short Circuit Protection Remote On/Off High Accuracy of Pin Co-Planarity Lead free Design - RoHS compliant 3 Years Product Warranty
UL 60950-1
The TES-5 series is a new range of high performance 5W dc-dc converter modules in low profile SMD package with compact dimensions of only 33.4 x 20.6 x 10.2 mm. The 18 available models feature wide 2:1 input voltage range and tightly regulated output voltage. High efficiency allows operating temperatures up to 71C at full load. Further features are built-in EMI-filter to meet EN 55022,class A and FCC, level A without additional components and remote On/Off control. The products are qualified for soldering in a high temperature lead-free reflow solder process. Typical applications for these converters are battery powered equipment, instrumentation, communication systems and industrial controls.
Models
Ordercode TES 5-20 TES 5-2 TES 5-22 TES 5-23 TES 5-22 TES 5-222 TES 5-223 TES 5-240 TES 5-24 TES 5-242 TES 5-243 TES 5-242 TES 5-2422 TES 5-2423 TES 5-480 TES 5-48 TES 5-482 TES 5-483 TES 5-482 TES 5-4822 TES 5-4823 http://www.tracopower.com 36 - 75 VDC (48 VDC nominal) 8 - 36 VDC (24 VDC nominal) 9 - 8 VDC (12 VDC nominal) Input voltage range Output voltage 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output current max. 1200 mA 1000 mA 420 mA 335 mA 500 mA 210 mA 165 mA 1200 mA 1000 mA 420 mA 335 mA 500 mA 210 mA 165 mA 1200 mA 1000 mA 420 mA 335 mA 500 mA 210 mA 165 mA Efficiency typ. 76 % 80 % 83 % 83 % 80 % 83 % 83 % 78 % 82 % 85 % 85 % 82 % 85 % 85 % 78 % 82 % 85 % 85 % 82 % 85 % 85 % Page of 3
DC/DC Converters
TES 5 Series Input Specifications
Input current no load 12 Vin models 20 mA 24 Vin models 5 mA 48 Vin models 3 mA 12 Vin models 500 mA typ. 24 Vin models 250 mA typ. 48 Vin models 125 mA typ. 12 Vin models 8 VDC / 7 VDC typ. 24 Vin models 16 VDC / 15 VDC typ. 48 Vin models 33 VDC / 31 VDC typ. 12 Vin models 25 V max. 24 Vin models 50 V max. 48 Vin models 100 V max. 1.0 A max. EN 55022 level A, FCC part 15, class A 1% - Input variation Vin min. to Vin max. 0.3 % max. - Load variation 20 - 100 % single output models 1 % max. dual output models balanced load 2 % max. 85 mVpk-pk max. 0.02 % / C >115 % of Iout max., constant current indefinite, automatic recovery single output models 680 F max. dual output models 100 F max. (esch output) - Operating - Case temperature - Storage - 40C ... + 85 C + 100C max. - 40C ... + 125 C 3.5%/K above 70C 95 % rel H max. >1 Mio. h @ + 25 C 1'500 VDC 650 pF typ. >1`000 MOhm 260 kHz typ. UL 60950-1 , IEC 60950-1, EN 60950-1 CSA (pending) - On: - Off: - Off idle current: 2.5 ... 5.5 VDC or open circuit -0.7 ... 0.8 VDC or short circuit pin 1 and 2(/3) 10 mA - Input/Output - Input/Output - Input/Output (500 VDC)
5 Watt
Input current full load
Start-up voltage / under voltage shut down Surge voltage (1 sec. max.)
Reverse voltage protection Conducted noise (input)
Output Specifications
Voltage set accuracy Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Output current limitation Short circuit protection Capacitive load
General Specifications
Temperature ranges
Derating Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217F ground benign) Isolation voltage (60sec.) Isolation capacity Isolation resistance Switching frequency Safety standards Safety approvals Remote On/Off
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TES 5 Series Physical Specifications
Case material Potting material Weight Reflow soldering profile non conductive plastic epoxy (UL 94V-0 rated) 14 g (0.55 oz) as per IPC/JEDEC J-STD-020C peak temp. 245C (+0C) for 20sec. max.
5 Watt
Outline Dimensions
33.4 (1.31)
S
Seating Plane
Detail A
Pin-Out
Pin 2 3 Single -Vin (GND) -Vin (GND) No con. No con. No con. No con. No con. +Vout No con. -Vout +Vin (Vcc) +Vin (Vcc) No con. Dual -Vin (GND) -Vin (GND) Common No con. -Vout No con. No con. +Vout No con. Common +Vin (Vcc) +Vin (Vcc) No con. Remote On/Off Remote On/Off
10.2
(0.40)
(0.016)
0.4
20.6 (0.81) 22.6 (0.89) 25.6 (1.01)
13
9 0 2 3 4 5 6 22
0.15
24
Detail A Top View
1.
(0
.0
6)
5
23 24
1
12
2.7
(0.11)
15.24
(0.6)
2.54
(0.1)
1.5
(0.06)
(0.006)
0.15
Pin Patterns:
2 x 2.54
(2 x 0.1)
Dimensions in [mm], () = Inch Tolerances 0.25 (0.02) Pin pich tolerances 0.13 (0.005)
15.24
(0.6)
3 x 2.54
(3 x 0.1)
27.0 (1.06)
2.7
(0.11)
1.9 (0.059)
(0.12)
Specifications can be changed any time without notice
Rev. 02/07
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
3.0
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TES5-1210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X