Part Number Hot Search : 
NZ2520S SP3223EU IMB9A TFI02 MAX9218 MBRD660 FR2S1030 PG1019
Product Description
Full Text Search
 

To Download TCRT1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCRT1000/TCRT1010
Vishay Semiconductors
Reflective Optical Sensor with Transistor Output
Description
The TCRT1000 and TCRT1010 are reflective sensors which include an infrared emitter and phototransistor in a leaded package which blocks visible light.
TCRT1000
TCRT1010
Features
* Package type: Leaded * Detector type: Phototransistor * Dimensions: L 7 mm x W 4 mm x H 2.5 mm * Peak operating distance: 1 mm * * * * * *
e4
Applications
A
C
E
C
19155
Operating range: 0.2 mm to 4 mm Typical output current under test: IC = 0.5 mA Daylight blocking filter Emitter wavelength 950 nm Lead (Pb)-free soldering released Lead (Pb)-free component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Optoelectronic scanning and switching devices i.e., index sensing, coded disk scanning etc. (optoelectronic encoder assemblies for transmissive sensing).
Order Instructions
Part Number TCRT1000 TCRT1010 Remarks Straight leads Bent leads Minimum Order Quantity 1000 pcs, 1000 pcs/bulk 1000 pcs, 1000 pcs/bulk
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified
Coupler
Parameter Total power dissipation Ambient temperature range Storage temperature range Soldering temperature 2 mm distance to package, t5s Test condition Tamb 25 C Symbol Ptot Tamb Tstg Tsd Value 200 - 40 to + 85 - 40 to + 100 260 Unit mW C C C
Document Number 83752 Rev. 1.6, 04-Sep-06
www.vishay.com 1
TCRT1000/TCRT1010
Vishay Semiconductors Input (Emitter)
Parameter Reverse voltage Forward current Forward surge current Power dissipation Junction temperature tp 10 s Tamb 25 C Test condition Symbol VR IF IFSM PV Tj Value 5 50 3 100 100 Unit V mA A mW C
Output (Detector)
Parameter Collector emitter voltage Emitter collector voltage Collector current Power dissipation Junction temperature Tamb 25 C Test condition Symbol VCEO VECO IC PV Tj Value 32 5 50 100 100 Unit V V mA mW C
300 P - Power Dissipation (mW)
Coupled device 200
Phototransistor 100 IR - diode
0 0
95 11071
25
50
75
100
Tamb - Ambient Temperature (C)
Figure 1. Power Dissipation Limit vs. Ambient Temperature
Electrical Characteristics
Tamb = 25 C, unless otherwise specified
Coupler
Parameter Collector current Cross talk current Collector emitter saturation voltage
1) 2)
Test condition VCE = 5 V, IF = 20 mA, d = 1 mm (figure 2) VCE = 5 V, IF = 20 mA (figure 1) IF = 20 mA, IC = 0.1 mA, d = 1 mm (figure 2)
Symbol IC1) ICX2) VCEsat1)
Min 0.3
Typ. 0.5
Max
Unit mA
1 0.3
A V
Measured with the `Kodak neutral test card", white side with 90% diffuse reflectance Measured without reflecting medium
www.vishay.com 2
Document Number 83752 Rev. 1.6, 04-Sep-06
TCRT1000/TCRT1010
Vishay Semiconductors Input (Emitter)
Parameter Forward voltage Radiant intensity Peak wavelength Virtual source diameter Test condition IF = 50 mA IF = 50 mA, tP = 20 ms IF = 100 mA Method: 63 % encircled energy Symbol VF Ie P O 940 1.2 Min Typ. 1.25 Max 1.6 7.5 Unit V mW/sr nm mm
Output (Detector)
Parameter Collector emitter voltage Emitter collector voltage Collector dark current Test condition IC = 1 mA IE = 100 A VCE = 20 V, IF = 0, E = 0 Symbol VCEO VECO ICEO Min 32 5 200 Typ. Max Unit V V nA
Reflecting medium (Kodak neutral test card)
~ ~ ~
d
~ ~ ~
Detector
Emitter
A
C
E
C
95 10893
Figure 2. Test Condition
Document Number 83752 Rev. 1.6, 04-Sep-06
www.vishay.com 3
TCRT1000/TCRT1010
Vishay Semiconductors Typical Characteristics
Tamb = 25 C, unless otherwise specified
1000
CTR - Current Transfer Ratio (%)
100 d = 1 mm VCE = 5 V 10
I F - Forward Current (mA)
100
10
1
1
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
96 11862
0.1 0.1
95 11076
1
10
100
V F - Forward Voltage (V)
I F - Forward Current (mA)
Figure 3. Forward Current vs. Forward Voltage
Figure 6. Current Transfer Ratio vs. Forward Current
CTR rel - Relative Current Transfer Ratio
2.0
I C - Collector Current (mA)
10 VCE = 5 V I F = 20 mA 1
1.5
1.0
0.1
0.5 VCE = 5 V I F = 20 mA d = 1 mm 0 25 50 75 100
0 - 25
0.01 0
95 11077
2
4
6
8
10
95 11074
Tamb - Ambient Temperature (C)
d - Distance (mm)
Figure 4. Relative Current Transfer Ratio vs. Ambient Temperature
Figure 7. Collector Current vs. Distance
10.0
I Crel - Relative Collector Current
120
I C - Collector Current (mA)
Kodak Neutral Card (White Side) d = 1 mm 1.0
Sensing Object 100 s 80 60 40 20 0 d = 1 mm VCE = 5 V I F = 20 mA 1 2 3 4 5 6 d
I F = 50 mA 20 mA 10 mA 5 mA
0.1 2 mA
0.01 0.1
95 11075
1
10
100
V CE - Collector Emitter Voltage (V)
95 11078
s - Displacement (mm)
Figure 5. Collector Current vs. Collector Emitter Voltage
Figure 8. Relative Collector Current vs. Displacement
www.vishay.com 4
Document Number 83752 Rev. 1.6, 04-Sep-06
TCRT1000/TCRT1010
Vishay Semiconductors Package Dimensions in mm
14768
14769
Document Number 83752 Rev. 1.6, 04-Sep-06
www.vishay.com 5
TCRT1000/TCRT1010
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 6
Document Number 83752 Rev. 1.6, 04-Sep-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TCRT1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X