Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download TCLLZ5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TAK CHEONG
SEM ICON DU CTO R
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
SURFACE MOUNT LL34
Absolute Maximum Ratings
Parameter Power Dissipation Storage Temperature Range Operating Junction Temperature
TA = 25C unless otherwise noted Value 500 -65 to +200 +200 Units mW C C
DEVICE MARKING DIAGRAM
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.4 to 56 Volts LL-34 (Mini-MELF) Package Surface Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable RoHS Compliant Matte Tin (Sn) Lead Finish Color band Indicates Negative Polarity
Cathode Band Color Brown Blue Orange Yellow
Tolerance 10% 5% 2% 1%
Cathode
Anode
ELECTRICAL SYMBOL
Electrical Characteristics
Device Type TCLLZ5221B TCLLZ5222B TCLLZ5223B TCLLZ5224B TCLLZ5225B TCLLZ5226B TCLLZ5227B TCLLZ5228B TCLLZ5229B TCLLZ5230B TCLLZ5231B TCLLZ5232B TCLLZ5233B TCLLZ5234B TCLLZ5235B TCLLZ5236B TCLLZ5237B TCLLZ5238B TCLLZ5239B TCLLZ5240B TCLLZ5241B VZ @ IZT (Volts) Nominal 2.4 2.5 2.7 2.8 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6 6.2 6.8 7.5 8.2 8.7 9.1 10 11
TA = 25C unless otherwise noted IZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 ZZT @ IZT () Max 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 ZZK @ IZK = 0.25mA () Max 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 IR @ VR (A) Max 100 100 75 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 2 VR (Volts) 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4
November 2006/ D Page 1
TCLLZ5221B through TCLLZ5263B
(R)
TAK CHEONG
SEM ICON DU CTO R Electrical Characteristics
Device Type VZ @ IZT (Volts) Nominal TA = 25C unless otherwise noted IZT (mA) ZZT @ IZT () Max ZZK @ IZK = 0.25mA () Max 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 700 800 900 1000 1100 1300 IR @ VR (A) Max 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR (Volts) 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 27 30 33 36 39 43
TCLLZ5242B 12 20 30 TCLLZ5243B 13 9.5 13 TCLLZ5244B 14 9 15 TCLLZ5245B 15 8.5 16 TCLLZ5246B 16 7.8 17 TCLLZ5247B 17 7.4 19 TCLLZ5248B 18 7 21 TCLLZ5249B 19 6.6 23 TCLLZ5250B 20 6.2 25 TCLLZ5251B 22 5.6 29 TCLLZ5252B 24 5.2 33 TCLLZ5253B 25 5 35 TCLLZ5254B 27 4.6 41 TCLLZ5255B 28 4.5 44 TCLLZ5256B 30 4.2 49 TCLLZ5257B 33 3.8 58 TCLLZ5258B 36 3.4 70 TCLLZ5259B 39 3.2 80 TCLLZ5258B 36 3.4 70 TCLLZ5259B 39 3.2 80 TCLLZ5260B 43 3 93 TCLLZ5261B 47 2.7 105 TCLLZ5262B 51 2.5 125 TCLLZ5263B 56 2.2 150 VF Forward Voltage = 1.1 V Maximum @ IF = 200 mA for all types Notes: 1. 2. 3.
The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of 5% in Blue marking, suffix A=10% in Brown marking, C= 2% in Orange marking and D = 1% in Yellow marking. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest Tak Cheong Electronics representative. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
November 2006/ D Page 2
(R)
TAK CHEONG
SEM ICON DU CTO R Package Outline
Package Case Outline
B LL-34 DIM LL34 A A B C C Min 3.302 1.397 0.350 Millimeters Max 3.505 1.499 0.500 Min 0.130 0.055 0.014 Inches Max 0.138 0.059 0.020
Notes: 1. 2. All dimensions are within DO213AC JEDEC standard. LL-34 polarity denoted by cathode band.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
November 2006/ D Page 3


▲Up To Search▲   

 
Price & Availability of TCLLZ5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X