Part Number Hot Search : 
MC68HC55 SYOGG C74AC 74210 TDA100 TINY1 TEL185E T1608
Product Description
Full Text Search
 

To Download SWFA1118P00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single Window Fixed In-line Attenuators (1310, S, C, L, and C+L band)
SWFA Series
Features Wavelength Independent Low Insertion Loss and PDL High Power Handling Guaranteed Reliability
Single Window Fixed In-line Attenuators (1310, S, C, L, and C+L band)
The Oplink fused single window wideband Fixed In-line Attenuators provide accurate attenuation over wide bandwidth with high performance and high reliability. These attenuators have excellent temperature stability, very good wavelength flatness, very low polarization sensitivity and are available with various attenuation ratios, wavelength ranges, and connector options. All devices are shown to be able to handle high optical power up to 4W and are tested according to industry standard procedures. Reliability is guaranteed through stringent tests to fully meet Telcordia GR-1221 requirements. Oplink can provide customized designs to meet specialized feature applications. Also,Oplink offers modular assemblies that integrate other components to form a full functionmodule or subsystem.
Applications Flatness Adjustment Power Management Testing Instruments Laboratory R&D
L
Input
Output
O
Performance Specifications
Parameter
Operating Wavelength Range Fiber Type Insertion Loss1 Return Loss Temperature Dependent Loss2 Optical Power Handling Operating Temperature Range 3 Storage Temperature Range Package Dimension 4 Qualifications
nm
min min max
C band L band C+L band 1530~1565 1570~1605 1530~1610 Corning SMF-28 See Insertion Loss Table I, II, III 50 dB < 0.15 dB 4W -40 to 75 C -40 to 58 C P1: 250m SMF-28 bare fiber (O)3.0 x (L)47 mm (O)3.0 x (L)60 mm P2: 900m loose tube (L)96 x(W)12 x (H)6.4mm P3: 3mm cable Telcordia GR-1221
1310nm 1270~1350
S band 1420~1500
1. Values are referenced without connector loss. 2. Temperature Sensitivity Coefficient ~0.002dB/C at the range of -5 to 75C 3. Operating temperature range changes to -5 to 75C in P2, P3 package and all package with connectors 4. The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Oplink Communications, Inc.
R1.20070731
Single Window Fixed In-line Attenuators (1310, S, C, L, and C+L band)
SWFA Series
Insertion Loss Tables
Insertion Loss (IL) I : C or L band coupler
Attenuation Atte 20dB 18dB 17dB 15dB 13dB 11dB 10dB 9dB 8dB 7dB 6dB 5dB 4dB 3dB 2dB 1dB
IL1 (dB) 19.0-21.0 17.50-19.0 15.5-17.5 13.5-15.5 11.5-13.5 10.5-11.5 9.50-10.50 8.50-9.50 7.50-8.50 6.50-7.50 5.50-6.50 4.60-5.50 3.70-4.30 2.70-3.30 1.70-2.30 0.85-1.15
WDL 2 (dB) 0.45 0.45 0.40 0.30 0.25 0.25 0.25 0.25 0.25 0.20 0.20 0.20 0.20 0.20 0.15 0.15
PDL3 (dB) 0.12 0.15 0.15 0.15 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10
1. Insertion loss over operating wavelength range at ~23C (excluding PDL and TDL). 2. Insertion loss change over the specified wavelength range. 3. Insertion loss change over the all input polarization states.
Insertion Loss (IL) II : 1310nm, S Atte Attenuation 20dB 18dB 17dB 15dB 13dB 11dB 10dB 9dB 8dB 7dB 6dB 5dB 4dB 3dB 2dB 1dB IL 1 (dB) 18.5-21.5 17.5-18.8 16.0-17.5 13.8-16.0 12.0-13.8 10.5-12.0 9.90-10.5 8.70-9.90 7.60-8.70 6.50-7.60 5.40-6.50 4.40-5.40 3.40-4.40 2.60-3.40 1.70-2.30 0.80-1.20
2
or C+L band coupler PDL 3 (dB) 0.20 0.15 0.15 0.15 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10
WDL 2 (dB) 0.90 0.80 0.70 0.60 0.50 0.50 0.50 0.50 0.50 0.45 0.45 0.40 0.35 0.35 0.25 0.20
1. Insertion loss over operating wavelength range at ~23C (excluding PDL and TDL). For S-band product, add 0.1dB due to water absorption peak of fiber. 2. Insertion loss change over the specified wavelength range. For S-band product, add 0.1dB in WDL due to water absorption peak of fiber. 3. Insertion loss change over the all input polarization states.
Oplink Communications, Inc.
R1.20070731
Single Window Fixed In-line Attenuators (1310, S, C, L, and C+L band)
SWFA Series
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
SWFA
1
P
0
0
Wavelength
1310nm= 3 C band= 5 S band= 4 L band= 6 C+L band= 1
TapRatio
20dB= 20 18dB= 18 17dB= 17 15dB= 15 13dB= 13 11dB= 11 10dB= 10 9dB= 09 8dB= 08 7dB= 07 6dB= 06 5dB= 05 4dB= 04 3dB= 03 2dB= 02 1dB= 01
Package & Fiber Type
P1+ 250m bare fiber= 11 P2+ 900m loose tube= 22 P3+ 3mm cable= 33
Fiber Length
1.0 1.5 2.0 0.5 meter= 1 meter= 5 meter= 2 meter= H
Connector Type
None= 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A
46335 Landing Parkway Fremont, CA 94538-6407 Tel: (510 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
R1.20070731
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Amplification
Interconnect
RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of SWFA1118P00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X