Part Number Hot Search : 
SD120 S3P44D10 CPC7582 2SA1235A DS2436ZT RJK03 PT100 BFP67W
Product Description
Full Text Search
 

To Download SUF101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUF101A THRU SUF105A
Elektronische Bauelemente VOLTAGE 50V ~ 600V
1.0AMP Surface Mount Super Fast Recovery Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free
SMA
FEATURES
* Ideal for surface mount applications * Easy pick and place * Built-in strain relief * Super Fast switching speed under 35ns
Dimensions in Dimensions in Inches 0.049 0.157 0.098 0.078 0.002 0.188 0.030 0.006 0.065 0.181 0.114 0.096 0.008 0.208 0.060 0.012
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Metallurgically bonded construction * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.063 grams
A B D
C
A B
Millimeters 1.25 3.99 2.50 1.98 0.051 4.78 0.76 0.152 1.65 4.60 2.90 2.44 0.203 5.28 1.52 0.305
H
C D E F G H
E G F
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Maximum Maximum Maximum Recurrent Peak Reverse Voltage RMS Voltage DC Blocking Voltage Average Forward Rectified Current
SUF101A
SUF102A
SUF103A
SUF104A
SUF105A
UNITS
50 35 50
100 70 100
200 140 200 1.0 30
400 280 400
600 420 600
V V V A A V
.375"(9.5mm) Lead Length at Ta=55 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage T a=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
0.95
5.0 80 35 15 -65 +175
1.25
1.7
A A
nS pF C
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2006 Rev. C
Page 1 of 2
SUF101A THRU SUF105A
Elektronische Bauelemente VOLTAGE 50V ~ 600V
1.0AMP Surface Mount Super Fast Recovery Rectifiers
RATING AND CHARACTERISTIC CURVES (SUF101A THRU SUF105A)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
SUF101A~103A SUF104A
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
10 3.0
SUF105A
1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
0.1
.01
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE,(V)
40
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50W NONINDUCTIVE 10W NONINDUCTIVE
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
35 30 25 20 15 10 5
trr +0.5A
| | | | | | | |
0 -0.25A
JUNCTION CAPACITANCE,(pF)
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0
.01
.05
.1
.5
1
5
10
50
100
REVERSE VOLTAGE,(V)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2006 Rev. C
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SUF101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X