|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ST650C..L Series Vishay High Power Products Phase Control Thyristors (Hockey PUK Version), 790 A FEATURES * Center amplifying gate * Metal case with ceramic insulator * International standard case TO-200AC (B-PUK) * Lead (Pb)-free TO-200AC (B-PUK) RoHS COMPLIANT TYPICAL APPLICATIONS PRODUCT SUMMARY IT(AV) 790 A * DC motor control * Controlled DC power supplies * AC controllers MAJOR RATINGS AND CHARACTERISTICS PARAMETER IT(AV) TEST CONDITIONS VALUES 790 Ths 55 1557 IT(RMS) Ths 50 Hz ITSM 60 Hz 50 Hz 60 Hz VDRM/VRRM tq TJ Typical 25 10 100 A 10 700 510 475 2000 to 2400 200 - 40 to 125 V s C kA2s UNITS A C A C I2 t ELECTRICAL SPECIFICATIONS VOLTAGE RATINGS TYPE NUMBER VOLTAGE CODE 20 ST650C..L 22 24 VDRM/VRRM, MAXIMUM REPETITIVE PEAK AND OFF-STATE VOLTAGE V 2000 2200 2400 VRSM, MAXIMUM NON-REPETITIVE PEAK VOLTAGE V 2100 2300 2500 80 IDRM/IRRM MAXIMUM AT TJ = TJ MAXIMUM mA Document Number: 93738 Revision: 13-Aug-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 1 ST650C..L Series Vishay High Power Products Phase Control Thyristors (Hockey PUK Version), 790 A ABSOLUTE MAXIMUM RATINGS PARAMETER Maximum average on-state current at heatsink temperature Maximum RMS on-state current SYMBOL IT(AV) IT(RMS) TEST CONDITIONS 180 conduction, half sine wave Double side (single side) cooled DC at 25 C heatsink temperature double side cooled t = 10 ms Maximum peak, one-cycle non-repetitive surge current t = 8.3 ms ITSM t = 10 ms t = 8.3 ms t = 10 ms Maximum I2t for fusing I2t t = 8.3 ms t = 10 ms t = 8.3 ms Maximum I2t for fusing I2t VT(TO)1 VT(TO)2 rt1 rt2 VTM IH IL No voltage reapplied 100 % VRRM reapplied No voltage reapplied 100 % VRRM reapplied VALUES 790 (324) 55 (85) 1857 10 100 10 700 8600 Sinusoidal half wave, initial TJ = TJ maximum 9150 510 475 370 347 5100 1.04 V 1.13 0.61 m 0.35 2.07 600 TJ = 25 C, anode supply 12 V resistive load mA 1000 V kA2s kA2s A UNITS A C t = 0.1 to 10 ms, no voltage reapplied (16.7 % x x IT(AV) < I < x IT(AV)), TJ = TJ maximum (I > x IT(AV)), TJ = TJ maximum (16.7 % x x IT(AV) < I < x IT(AV)), TJ = TJ maximum (I > x IT(AV)), TJ = TJ maximum Ipk = 1700 A, TJ = TJ maximum, tp = 10 ms sine pulse Low level value of threshold voltage High level value of threshold voltage Low level value of on-state slope resistance High level value of on-state slope resistance Maximum on-state voltage Maximum holding current Typical latching current SWITCHING PARAMETER Maximum non-repetitive rate of rise of turned-on current Typical delay time Maximum turn-off time SYMBOL dI/dt td tq TEST CONDITIONS Gate drive 20 V, 20 , tr 1 s TJ = TJ maximum, anode voltage 80 % VDRM Gate current 1 A, dIg/dt = 1 A/s Vd = 0.67 % VDRM, TJ = 25 C ITM = 750 A, TJ = TJ maximum, dI/dt = 60 A/s VR = 50, dV/dt = 20 V/s, Gate 0 V 100 , tp = 500 s VALUES 1000 1.0 s 200 UNITS A/s BLOCKING PARAMETER Maximum critical rate of rise of off-state voltage Maximum peak reverse and off-state leakage current SYMBOL dV/dt IRRM, IDRM TEST CONDITIONS TJ = TJ maximum linear to 80 % rated VDRM TJ = TJ maximum, rated VDRM/VRRM applied VALUES 500 80 UNITS V/s mA www.vishay.com 2 For technical questions, contact: ind-modules@vishay.com Document Number: 93738 Revision: 13-Aug-08 ST650C..L Series Phase Control Thyristors Vishay High Power Products (Hockey PUK Version), 790 A TRIGGERING PARAMETER Maximum peak gate power Maximum average gate power Maximum peak positive gate current Maximum peak positive gate voltage Maximum peak negative gate voltage SYMBOL PGM PG(AV) IGM + VGM - VGM TJ = - 40 C DC gate current required to trigger IGT TJ = 25 C TJ = 125 C TJ = - 40 C DC gate voltage required to trigger VGT TJ = 25 C TJ = 125 C DC gate current not to trigger IGD TJ = TJ maximum DC gate voltage not to trigger VGD Maximum gate current/voltage not to trigger is the maximum value which will not trigger any unit with rated VDRM anode to cathode applied Maximum required gate trigger/ current/voltage are the lowest value which will trigger all units 12 V anode to cathode applied 200 100 50 2.5 1.8 1.1 10 TJ = TJ maximum, tp 5 ms TEST CONDITIONS TJ = TJ maximum, tp 5 ms TJ = TJ maximum, f = 50 Hz, d% = 50 VALUES TYP. MAX. 10.0 2.0 3.0 20 5.0 200 3.0 mA V mA UNITS W A V 0.25 V THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER Maximum operating temperature range Maximum storage temperature range Maximum thermal resistance, junction to heatsink SYMBOL TJ TStg RthJ-hs DC operation single side cooled DC operation double side cooled DC operation single side cooled DC operation double side cooled TEST CONDITIONS VALUES - 40 to 125 - 40 to 150 0.073 0.031 0.011 0.006 14 700 (1500) 255 See dimensions - link at the end of datasheet N (kg) g K/W UNITS C Maximum thermal resistance, case to heatsink Mounting force, 10 % Approximate weight Case style RthC-hs TO-200AC (B-PUK) RthJ-hs CONDUCTION CONDUCTION ANGLE 180 120 90 60 30 SINUSOIDAL CONDUCTION SINGLE SIDE 0.009 0.011 0.014 0.020 0.036 DOUBLE SIDE 0.009 0.011 0.014 0.020 0.036 RECTANGULAR CONDUCTION SINGLE SIDE 0.006 0.011 0.015 0.021 0.036 DOUBLE SIDE 0.006 0.011 0.015 0.021 0.036 TJ = TJ maximum K/W TEST CONDITIONS UNITS Note * The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC Document Number: 93738 Revision: 13-Aug-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 3 ST650C..L Series Vishay High Power Products Phase Control Thyristors (Hockey PUK Version), 790 A 1 30 M a x im u m A llo w a b le H e a t sin k T e m p e ra t u re ( C ) M a x im u m A llo w a b le H e a tsin k Te m p e ra tu re ( C ) 1 20 1 10 1 00 90 80 70 60 0 50 1 00 1 50 20 0 2 5 0 3 0 0 35 0 4 00 A v e ra g e O n -s ta t e C u rre n t (A ) 30 60 9 0 1 2 0 1 8 0 C o nduc tion An g le 1 30 ST 6 5 0 C ..L Se rie s (Sin g le Sid e C o o le d ) R th J-hs (D C ) = 0 .0 7 3 K / W 1 20 1 10 1 00 90 80 70 60 50 40 30 20 0 2 00 4 00 60 0 80 0 10 0 0 1 2 00 1 40 0 A v e ra g e O n -st a t e C u rre n t (A ) 30 9 0 6 0 1 2 0 180 DC Co nd uc tio n Pe rio d S T 6 5 0 C ..L S e rie s (D o u b le S id e C o o le d ) R th J-hs (D C ) = 0 .0 3 1 K / W Fig. 1 - Current Ratings Characteristics Fig. 4 - Current Ratings Characteristics 13 0 M a xim u m A llo w a b le H e a t sin k T e m p e ra t u re (C ) 12 0 11 0 10 0 90 80 70 60 50 40 30 20 0 10 0 2 00 3 0 0 4 0 0 5 00 6 00 7 0 0 80 0 A v e ra g e O n - sta t e C u rre n t (A ) 60 30 90 1 8 0 1 2 0 C o nduc tion A ng le M a xim u m A v e ra g e O n -st a te P o w e r Lo ss (W ) ST 6 5 0 C ..L Se rie s (D o u ble S id e C o o le d ) R thJ-h s (D C ) = 0 .0 3 1 K / W 20 0 0 17 5 0 15 0 0 12 5 0 10 0 0 750 500 250 0 0 1 0 0 2 00 3 0 0 4 0 0 50 0 6 0 0 70 0 8 00 A v e ra g e O n -st a t e C u rre n t (A ) C o nd uc tio n A ng le 1 8 0 1 2 0 90 60 30 R M S Lim it S T 6 5 0 C ..L S e rie s T J = 1 2 5C Fig. 2 - Current Ratings Characteristics Fig. 5 - On-State Power Loss Characteristics 13 0 M a xim u m A llo w a b le H e a t sin k T e m p e ra t u re (C ) M ax im u m A v e ra g e O n - st a t e P o w e r Lo ss (W ) 12 0 11 0 10 0 90 80 70 60 50 40 30 20 0 10 0 2 00 3 0 0 4 0 0 5 00 6 00 7 0 0 80 0 A v e ra g e O n - sta t e C u rre n t (A ) 60 30 90 1 8 0 1 2 0 C o nduc tion A ng le ST 6 5 0 C ..L Se rie s (D o u ble S id e C o o le d ) R thJ-h s (D C ) = 0 .0 3 1 K / W 2 40 0 2 20 0 2 00 0 1 80 0 1 60 0 DC 1 8 0 1 2 0 90 60 30 1 40 0 R M S Lim it 1 20 0 1 00 0 8 00 6 00 4 00 2 00 0 0 20 0 4 00 600 80 0 10 0 0 1 20 0 1 4 00 A v e ra g e O n -st a te C urre n t (A ) S T 6 5 0 C ..L S e rie s TJ = 1 2 5C C o ndu ct io n P erio d Fig. 3 - Current Ratings Characteristics Fig. 6 - On-State Power Loss Characteristics www.vishay.com 4 For technical questions, contact: ind-modules@vishay.com Document Number: 93738 Revision: 13-Aug-08 ST650C..L Series Phase Control Thyristors Vishay High Power Products (Hockey PUK Version), 790 A 10 0 00 P e a k H a lf Sin e W a v e O n -st a te C u rre n t (A ) 9 00 0 8 00 0 7 00 0 6 00 0 5 00 0 ST 6 5 0 C ..L S e r ie s 4 00 0 1 10 10 0 Nu m be r O f Equ al Am p litud e H alf C yc le C urren t Pulse s (N ) 1 2 00 0 P e a k H a lf Sin e W a v e O n -st a t e C u rre n t (A ) A t A ny R at e d L o a d C o nd itio n A n d W ith R at e d V RR M A p plie d Fo llo w in g Su rge . In itia l TJ = 1 2 5C @ 6 0 H z 0 .0 0 8 3 s @ 5 0 H z 0 .0 1 0 0 s M a x im u m N o n R e p e t it iv e S u rg e C u rre n t V e rsu s P u lse T ra in D u ra tio n . C o n t ro l O f C o n d u c t io n M a y N o t B e M a in t a in e d . In it ia l TJ = 1 2 5 C 1 0 00 0 N o V o lt a g e R e a p p lie d R a te d V R RM Re a p p lie d 90 0 0 1 1 00 0 80 0 0 70 0 0 60 0 0 50 0 0 S T6 5 0 C ..L S e rie s 40 0 0 0 .0 1 0. 1 P u lse T ra in D u ra t io n (s) 1 Fig. 7 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled 10000 Instan tan eous On -stat e Current (A) TJ = 25C 1000 T = 125C J ST650C..L Series 100 0. 5 1 1.5 2 2.5 3 Instan tan eous O n -stat e V oltage (V ) Fig. 9 - On-State Voltage Drop Characteristics 0. 1 T ra n sie n t T h e rm a l Im pe d a nc e Z thJ- hs (K / W ) St e a d y St a te V a lu e R thJ-hs = 0 .0 7 3 K/ W (Sin gle Sid e C o o le d) R thJ-hs = 0 .0 3 1 K/ W ( D o u ble Sid e C o o le d ) 0 .0 1 ( D C O p e ra t io n ) ST 6 5 0 C ..L Se rie s 0 .0 0 1 0 .00 1 0.0 1 0 .1 S q ua re W a v e P u lse D u ra t io n ( s) 1 10 Fig. 10 - Thermal Impedance ZthJ-hs Characteristics Document Number: 93738 Revision: 13-Aug-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 5 ST650C..L Series Vishay High Power Products Phase Control Thyristors (Hockey PUK Version), 790 A 100 Re c t a n g u la r g a t e p ulse a ) R e c o m m e n d e d lo a d lin e f o r ra t e d d i/ dt : 2 0 V , 1 0 o h m s; t r<= 1 s b ) Re c o m m e n d e d lo a d lin e fo r < = 3 0 % ra te d d i/d t : 1 0 V , 1 0 o h m s 10 t r< = 1 s (b ) Tj=-40 C In st a nt an e o us G a te V o lta g e (V ) (1) (2) (3) (4) (a ) PG M PG M PG M PG M = = = = 10W , 20W , 40W , 60W , tp tp tp tp = = = = 4m s 2m s 1m s 0 .6 6 m s Tj=25 C Tj=125 C 1 VG D IG D 0 .1 0 .0 0 1 0 .0 1 (1) (2) (3) (4) ST 6 5 0 C ..L Se rie s 0 .1 1 F re q u e n c y L im ite d b y P G ( A V ) 10 1 00 In st a n t an e o us G a t e C u rre n t ( A ) Fig. 11 - Gate Characteristics ORDERING INFORMATION TABLE Device code ST 1 1 2 3 4 5 6 7 65 2 - 0 3 C 4 24 5 L 6 1 7 8 Thyristor Essential part number 0 = Converter grade C = Ceramic PUK Voltage code x 100 = VRRM (see Voltage Ratings table) L = PUK case TO-200AC (B-PUK) 0 = Eyelet terminals (gate and auxiliary cathode unsoldered leads) 1 = Fast-on terminals (gate and auxiliary cathode unsoldered leads) 2 = Eyelet terminals (gate and auxiliary cathode soldered leads) 3 = Fast-on terminals (gate and auxiliary cathode soldered leads) 8 - Critical dV/dt: None = 500 V/s (standard selection) L = 1000 V/s (special selection) LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95076 www.vishay.com 6 For technical questions, contact: ind-modules@vishay.com Document Number: 93738 Revision: 13-Aug-08 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of ST650C24L0 |