|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 1 SHIELDED SMD POWER INDUCTOR CONFIGURATION & DIMENSIONSG ABC'S DWG NO. ABC'S ITEM NO. SS1206L- O Marking Inductance code A C A B C E F G H I F : 12.70.3 : 12.70.3 : 6.00.5 : 2.30.2 : 5.00.2 : 6.0 ref. : 7.0 ref. : 4.0 ref. m/m m/m m/m m/m m/m m/m m/m m/m 101 E B I G I ( PCB Pattern ) O SCHEMATIC DIAGRAMG O MATERIALSG aO CoreG Ferrite DR core bO CoreG Ferrite RI core cO Wire G Enamelled copper wire ] dO BaseG LCP eO TerminalG Cu/Ni/Sn fO AdhesiveG Epoxy resin gO RemarkG Products comply with RoHS' requirements Peak TempG 260J max. Max time above 230J G 50sec max. Max time above 200J G 70sec max. Temperature Rising Area +4.0 J / sec max. Preheat Area 150 ~ 200 J / 60 ~ 120sec a b class F^ c d e f Reflow Area +2.0 ~ 4.0J / sec max. H Forced Cooling Area -(1.0 ~ 5.0)J / sec max. Peak Temperature: 260J 50sec max. 230J 1/4O GENERAL SPECIFICATIONG bO Rated current G Base on t emp. rise & L / LOA=10% max. cO Storage temp.G -40J ----+125J dO Operating temp.G -40J ----+105J eO Resisance to solder heatG 260J . 10 secs. Temperature ( J ) 250 200 150 7 0sec max. aO Temp. rise G 40J max. 100 50 0 50 100 150 Time ( seconds ) 200 250 AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 2 SHIELDED SMD POWER INDUCTOR ELECTRICAL CHARACTERISTICS G DWG No. Inductance ( H ) 2.520% 5.020% 7.520% 10.020% 12.020% 15.020% 18.020% 22.020% 27.020% 33.015% 39.015% 47.015% 56.015% 68.015% 82.015% 100.015% 120.015% 150.010% 180.010% 220.010% 270.010% 330.010% 390.010% 470.010% 560.010% 680.010% 820.010% 1000.010% 1200.010% 1500.010% ABC'S DWG NO. ABC'S ITEM NO. SS1206L- 1/2O Test Freq. ( Hz ) 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K BG Taping Reel SS12062R5ML- SS12065R0ML- SS12067R5ML- SS1206100ML- SS1206120ML- SS1206150ML- SS1206180ML- SS1206220ML- SS1206270ML- SS1206330YL- SS1206390YL- SS1206470YL- SS1206560YL- SS1206680YL- SS1206820YL- SS1206101YL- SS1206121YL- SS1206151KL- SS1206181KL- SS1206221KL- SS1206271KL- SS1206331KL- SS1206391KL- SS1206471KL- SS1206561KL- SS1206681KL- SS1206821KL- SS1206102KL- SS1206122KL- SS1206152KL- 1). 2)."- RDC ( m ) max 16.0 22.0 25.0 35.0 38.0 42.0 50.0 62.0 68.0 90.0 100.0 130.0 155.0 170.0 185.0 220.0 260.0 320.0 380.0 460.0 520.0 660.0 870.0 970.0 1320.0 1500.0 1700.0 2300.0 2650.0 3500.0 IDC (A) max 6.20 4.70 3.80 3.30 3.00 2.80 2.50 2.30 2.00 1.90 1.75 1.60 1.45 1.30 1.20 1.10 1.00 0.90 0.80 0.70 0.65 0.60 0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 Packaging information... AG Bulk ":Reference code AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 3 SHIELDED SMD POWER INDUCTOR CURVEG ABC'S DWG NO. ABC'S ITEM NO. SS1206L- 3/4O 10 3 7 5 3 2 10 2 7 5 3 2 10 1 7 5 3 2 10 0 101 @ Inductance VS. DC Current Curve 102 331 uH^ 101 Inductance] 100 2R5 23 5 7 10 2 2 3 5 7 10 3 2 3 5 7 104 DC Current (mA) @ DC Current VS. Temp. Rise Curve 10 3 7 5 3 2 10 2 7 5 3 2 10 1 7 5 3 2 10 0 10 1 102K 331K 101Y 100M 2R5M ] J ^ 23 5 7 102 2 3 5 7 10 3 2 3 5 7 10 4 DC Current (mA) AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 4 SHIELDED SMD POWER INDUCTOR PACKAGING INFORMATIONG ( 1 ) Configuration T ABC'S DWG NO. ABC'S ITEM NO. SS1206L- O Cover tape 2.00.5 A B i C i C N G P:16 m/m 4 m/m D Embossed carrier Carrier tape width : D End Start 101 Leader no component 200 m/m Min. 101 101 101 101 Trailer no compoment 400 m/m Min. Components User direction of feed ( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 13 D 24 G 26 +0 N 50 -0 Unit:m/m T 30.4 ( 3 ) Q'TY & G.W. Per package Inner : Reel Series SS1206 AE-001A Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) Outer : Carton G.W. (Kg) Size (cm) 600 2,200 13 - 24 2,400 11.0 40 x 40 x 24 SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 5 SHIELDED SMD POWER INDUCTOR DWGING NUMBER EXPRESSIONG S 1 2 0 6 ABC'S DWG NO. ABC'S ITEM NO. SS1206L- AO S Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements Appendix code 2G Package Information Code A B T.B.D. T /R (Reel package) Inner package Inner package Q'TY T.B.D. 600 pcs Remark AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 6 SHIELDED SMD POWER INDUCTOR RELIABILITY TESTG Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder. ABC'S DWG NO. ABC'S ITEM NO. SS1206L- AO Test condition Preheat : 15025J for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355J Flux : Rosin Dip time : 41 seconds Solderability Thermal shock test ( Temp. cycle ) Inductance shall not change more than 20% Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles -252 J 30 minutes 852 J 30 minutes Humidity Resistance test Temperature : 402J Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours High temp. Resistance test Temperature : 1052J Applied current : Per spec. Time : 500 hours AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 7 SHIELDED SMD POWER INDUCTOR UL CARDG ABC'S DWG NO. ABC'S ITEM NO. SS1206L- AO OBMW2 Magnet Wire-Component September 8, 2000 E174837 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN Mtl Dsg Mark Dsg ____ ____ ____ ____ ____ AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002 Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane BC Coat Typ ____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____ OC MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79 ANSI Type Temp Class 220 130 200 180 200 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155 Page 1 of 2 A not-for-profit organization dedicated to public safety and com mitted to quality service Mtl Dsg SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2 Mark Dsg ____ ____ ____ ____ ____ ____ BC Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Coat Typ OC Polyamide ____ ____ ____ Nylon Polyamide ANSI Type MW80C MW2-C ___ MW75C MW28-C MW28-C Temp Class 155 105 130 130 130 130 @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or aP q1/2u , material designation or marked designation on packaed or reel, and See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. 287806002 Page 2 of 2 OBMW2E174837 September 8 , 2000 AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 8 SHIELDED SMD POWER INDUCTOR ABC'S DWG NO. ABC'S ITEM NO. SS1206L- E54705 (M) RTI H D Elec Mech H H V 4 Min UL94 with w/o A T 9 Thk Flame W Imp Imp I I R 5 Mtl Dsg Col mm Class Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd) E4008 , E400X NC , BK 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 130 130 130 130 130 220 220 220 130 220 220 220 130 130 130 130 130 130 130 130 130 130 130 130 130 180 200 200 130 180 200 200 130 130 130 130 130 130 130 130 130 130 130 130 130 220 240 240 130 220 240 240 130 130 130 130 130 130 130 130 ___ 3 2 1 ___ 3 2 1 ___ 3 2 1 ___ 3 2 1 ___ 0 0 1 ___ 4 4 4 ___ 4 4 4 ___ 4 4 4 ___ 4 4 4 ___ 4 4 4 ___ ___ ___ 0 ___ ___ ___ 0 ___ ___ ___ 0 ___ ___ ___ 0 ___ ___ ___ 0 ___ ___ ___ 5 ___ ___ ___ 5 ___ ___ ___ 5 ___ ___ ___ 5 ___ ___ ___ 5 C T I ___ ___ ___ 4 ___ ___ ___ 4 ___ ___ ___ 4 ___ ___ ___ 4 ___ ___ ___ 4 E4008 NC , WT , BK E4010 NC , BK E400(Y)L , E4008L NC , BK E4810 NC , BK AE-001A |
Price & Availability of SS1206270ML |