Part Number Hot Search : 
12VDC 1A105 44000 PS300R RFN16T2D CDH07 TPC30A A1147
Product Description
Full Text Search
 

To Download SR0604220YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : 20090728-B PROD. NAME ABC'S DWG NO. SR0604L- PAGE: 1
SMD POWER INDUCTOR
ABC'S ITEM NO.
CONFIGURATION & DIMENSIONS
A : : : : : : 5.60.2 4.50.3 2.3 ref. 5.8 ref. 6.0 ref. 1.7 ref. m/m m/m m/m m/m m/m m/m
101
B A C D E
Marking
Dot is start winding & Inductance code
A
F
B
D C
( PCB Pattern )
SCHEMATIC DIAGRAM
a
E
F
MATERIALS
aCoreFerrite DR core bWire Enamelled Copper wire ( class H ) cTerminalAg/Ni/Sn dRemarkProducts comply with RoHS' requirements
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max.
b
c
Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 230
GENERAL SPECIFICATION
aTemp. rise 40 max. bRated currentBase on temp. rise & L / LOA=10% max. cStorage temp.-40 ----+125 dOperating temp.-40----+105 eResistance to solder heat260.10 secs.
Temperature ( )
250
50sec max.
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090728-B PROD. NAME ABC'S DWG NO. SR0604L- PAGE: 2
SMD POWER INDUCTOR
ABC'S ITEM NO.
ELECTRICAL CHARACTERISITCS
DWG No. SR06041R2ML- SR06041R5ML- SR06042R2ML- SR06042R7ML- SR06043R3ML- SR06043R9ML- SR06044R7ML- SR06045R6ML- SR06046R8ML- SR06048R2ML- SR0604100ML- SR0604120ML- SR0604150YL- SR0604180YL- SR0604220YL- SR0604270YL- SR0604330KL- SR0604390KL- SR0604470KL- SR0604560KL- SR0604680KL- SR0604820KL- SR0604101KL- SR0604121KL- SR0604151KL- SR0604181KL- SR0604221KL- SR0604271KL- SR0604331KL- SR0604391KL- SR0604471KL- SR0604561KL- SR0604681KL- SR0604821KL- Inductance ( H ) 1.220% 1.520% 2.220% 2.720% 3.320% 3.920% 4.720% 5.620% 6.820% 8.220% 10.020% 12.020% 15.015% 18.015% 22.015% 27.015% 33.010% 39.010% 47.010% 56.010% 68.010% 82.010% 100.010% 120.010% 150.010% 180.010% 220.010% 270.010% 330.010% 390.010% 470.010% 560.010% 680.010% 820.010% Q ref. 35 32 33 22 22 22 20 20 20 20 30 30 30 30 30 28 24 24 22 22 22 20 20 22 22 20 20 26 25 25 25 24 26 25 Test Freq. ( Hz ) Q L 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 7.960M 7.960M 7.960M 7.960M 7.960M 7.960M 7.960M 7.960M 7.960M 7.960M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 796K 796K 796K 796K 796K 796K 796K 796K 796K 796K 796K 796K SRF ( MHz ) nom. 155.0 108.0 79.0 65.0 60.0 40.0 34.0 30.0 28.0 26.0 23.0 22.0 20.0 18.0 16.0 14.0 13.0 13.0 12.0 11.0 10.0 9.0 8.5 6.6 6.2 6.0 5.6 3.9 3.3 3.1 2.9 2.5 2.3 2.0 RDC () max. 0.020 0.024 0.031 0.055 0.060 0.065 0.070 0.075 0.080 0.090 0.100 0.120 0.140 0.150 0.190 0.220 0.250 0.320 0.370 0.420 0.520 0.600 0.700 0.930 1.100 1.380 1.570 1.880 2.250 2.480 3.300 4.000 4.650 5.200 IDC (A) max. 4.20 3.60 2.80 2.30 2.00 1.90 1.80 1.70 1.60 1.50 1.45 1.40 1.30 1.25 1.10 1.00 0.88 0.80 0.72 0.68 0.62 0.58 0.52 0.48 0.40 0.38 0.35 0.32 0.27 0.25 0.21 0.18 0.16 0.14
1). Packaging information... ABulk BTaping Reel 2)."":Reference code 3). IDC base on temp. rise 40 max. & L/L0A=10% max.
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090728-B PROD. NAME ABC'S DWG NO. SR0604L- PAGE: 3
SMD POWER INDUCTOR
ABC'S ITEM NO.
INDUCTANCE VS. DC CURRENT CURVE
103 7 5 3 2 391
InductanceuH
102 7 5 3 2 101 7 5 3 2 100 101
121
330
100
3R3
23
5 7 102 2 3 5 7 103 2 3 DC Current (mA)
5 7 104
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090728-B PROD. NAME ABC'S DWG NO. SR0604L- PAGE: 4
SMD POWER INDUCTOR
ABC'S ITEM NO.
PACKAGING INFORMATION
( 1 ) Configuration T
Cover tape
2.00.5
A
B
C
C
N
G
D
Embossed carrier
Carrier tape width : D P:8 m/m End 4 m/m Start
101
101
101
101
101
101
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 12 13 - 12 A 178 330 B 210.8 210.8 C 13 130.5 D 12 12 G 14 14 +0 +0 N 50 50 -0 -0
Unit:m/m T 16.5 18.4
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SR0604 SR0604
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
400 1500
300 1180
07 - 12 13 - 12
16,000 12,000
10.0 11.5
42 x 41 x 24 40 x 40 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090728-B PROD. NAME ABC'S DWG NO. SR0604L- PAGE: 5
SMD POWER INDUCTOR
ABC'S ITEM NO.
DWGING NUMBER EXPRESSION
S
R
0
6
0
4 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information
Code A B C Bag
Inner package
Inner package Q'TY 400 400 1500 pcs pcs pcs
Remark
T / R ( Reel package ) T / R ( Reel package )
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090728-B PROD. NAME ABC'S DWG NO. SR0604L- PAGE: 6
SMD POWER INDUCTOR
ABC'S ITEM NO.
RELIABILITY TEST
Test item
Specification
Test condition Preheat : 155 / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 50.5 seconds
Solderability
More than 95% of the terminal electrode Shall be covered With fresh solder.
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-40 30 minutes +105 30 minutes
Humidity test
Temperature : 402 Humidity : 905% Time : 1000 hours
High temp. Resistance test
Temperature : 1055 Applied current : Per spec. Time : 96 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090728-B PROD. NAME ABC'S DWG NO. SR0604L- PAGE: 7
SMD POWER INDUCTOR
ABC'S ITEM NO.
UL CARD
OBMW2 Magnet Wire-Comporent
October 06, 2005 E143312
ELEKTRISOLA (MALAYSLA) SDN BHD JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA
Coating Type Mtl Dsg
Estersol 180 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180 Polysol P155p
Mark Dsg
E180 A200 PN155 P155, G155 Pg155 Pp155,Gp155 P160 P180,G180 P170 or G170 PN180 P155p
BC
Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane
OC
____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon ____
ANSI Typ
MW-77 MW-74 MW-80, MW-28 MW-79, MW-75 MW-75 MW-79 MW-79 MW-82 MW-79 MW-79 MW-83 MW-79
Temp Class
180 200 155, 130 155, 130 130 155 155 180 155 155 180 155
MarkingCompany name, material designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A


▲Up To Search▲   

 
Price & Availability of SR0604220YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X