Part Number Hot Search : 
2160B WITCH BR5200 ULCE13 HV9860 6CUT04 MPR032 SF2N5601
Product Description
Full Text Search
 

To Download SR0502122ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
SMD POWER INDUCTOR CONFIGURATION & DIMENSIONSG
A
ABC'S DWG NO. ABC'S ITEM NO.
SR0502L-
O
Marking
A: B: C: D: G: H: I:
5.00.30 4.50.30 2.00.15 2.0 ref. 1.9 ref. 5.0 ref. 1.8 ref.
m/m m/m m/m m/m m/m m/m m/m
101
D
C
B
I
G
I
( PCB Pattern )
O
SCHEMATIC DIAGRAMG
a b
O
MATERIALSG
aO CoreG Ferrite DR core bO Wire G Enamelled copper wire (class F) cO TerminalG Ag/Ni/Sn dO RemarkG Products comply with RoHS' requirements
Peak TempG 260J max. Max time above 230J G 50sec max. Max time above 200J G 70sec max.
Temperature Rising Area +4.0J / sec max. Preheat Area 150 ~ 200J / 60 ~ 120sec Reflow Area +2.0 ~ 4.0J / sec max. Forced Cooling Area -(1.0 ~ 5.0)J / sec max.
Peak Temperature: 260J 50sec max. 230J
c
1/4O
GENERAL SPECIFICATIONG
bO Rated currentG Base on temp. rise & L / LOA=10% typ. cO Storage temp.G -40J ----+125J dO Operating temp.G -40J ----+105J eO Resistance to solder heatG 260J .10 secs.
Temperature ( J )
250 200 150
70sec max.
aO Temp. rise G 20J max.
100 50
H
200
0
50
100
150 Time ( seconds )
250
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
SMD POWER INDUCTOR ELECTRICAL CHARACTERISTICSG
DWG No. Inductance ( H ) 100.020% 120.020% 150.020% 180.020% 220.020% 270.020% 330.020% 390.020% 470.020% 560.020% 680.020% 820.020% 1000.020% 1200.020% 1500.020% 1800.020% 2200.020% 2700.020% Q ref. 20 27 28 25 32 30 40 40 32 45 40 35 42 44 40 40 40 40
ABC'S DWG NO. ABC'S ITEM NO.
SR0502L-
1/2O
SR0502101ML- SR0502121ML- SR0502151ML- SR0502181ML- SR0502221ML- SR0502271ML- SR0502331ML- SR0502391ML- SR0502471ML- SR0502561ML- SR0502681ML- SR0502821ML- SR0502102ML- SR0502122ML- SR0502152ML- SR0502182ML- SR0502222ML- SR0502272ML- 1). 2)."-
Test Freq. ( Hz ) Q L 796K 100K/0.1V 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 796K 100K/0.1V 252K 100K/0.1V 252K 100K/0.1V 252K 100K/0.1V 252K 100K/0.1V 252K 100K/0.1V 252K BG Taping Reel
RDC () max. 1.5 1.7 2.2 2.5 3.2 3.9 5.0 5.4 6.5 8.8 10.5 12.0 16.0 18.5 22.0 28.5 34.5 40.0
Irms Isat (mA)max. (mA)typ. T=20 L/L0A=10% J 270 265 252 245 237 232 220 215 204 200 190 182 174 165 156 148 140 130 125 120 110 105 97 95 85 85 76 80 70 72 65 68 60 62 53 55
Packaging information... AG Bulk ":Reference code
@ Inductance VS. DC Current curve
10 4 7 5 3 2 222 102 471 221 101
Inductance] uH^
10 3 7 5 3 2 10 2 7 5 3 2 10 1 10 0
2
3
5 7 10 1
2
3
5 7 10 2
2
3
5 7 10 3
DC Current (mA)
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
SMD POWER INDUCTOR PACKAGING INFORMATION
( 1 ) Configuration T
ABC'S DWG NO. ABC'S ITEM NO.
SR0502L-
3/4O
Cover tape
2.00.5
A
B
i C
i
C
N
G P:8 m/m End 4 m/m
D
Embossed carrier
Carrier tape width : D
Start
101
101
101
101
101
101
Leader no component 160 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 12 A 178 B 210.8 C 130.5 D 12 G +0 14 N -0 50
Unit:m/m T 16.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SR0502
Q'TY (PCS) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
800
416
07 - 12
32,000
16.6
42 x 41 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
SMD POWER INDUCTOR DWGING NUMBER EXPRESSIONG
ABC'S DWG NO. ABC'S ITEM NO.
SR0502L-
S
R
0
5
0
2 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements
Appendix code 2G Package Information Code A B Inner package T.B.D. T / R ( Reel package ) 800 Inner package Q'TY T.B.D. pcs Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SMD POWER INDUCTOR RELIABILITY TESTG
Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder.
ABC'S DWG NO. ABC'S ITEM NO.
SR0502L-
AO
Test condition Preheat : 15025J for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355J Flux : Rosin Dip time : 41 seconds
Solderability
Thermal shock test ( Temp. cycle )
Inductance shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-252 J 30 minutes 852 J 30 minutes
Humidity Resistance test
Temperature : 402J Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours
High temp. Resistance test
Temperature : 1052J Applied current : Per spec. Time : 500 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SR0502L-
AO
UL CARDG
OBMW2 Magnet Wire-Component
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Mark Dsg ____
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
BC
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
Coat Typ
____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
ANSI Type
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
Temp Class
220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
Mtl Dsg
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mark Dsg ____
____ ____ ____ ____ ____
BC
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
Coat Typ
OC
Polyamide ____ ____ ____ Nylon Polyamide
ANSI Type
MW80C MW2-C ___ MW75C MW28-C MW28-C
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or aPq1/2u , material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AR-001A


▲Up To Search▲   

 
Price & Availability of SR0502122ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X