Part Number Hot Search : 
1615S48 7805CD2 X55C11 P6KE600 2SC4132 5933B SPT7910 211NC
Product Description
Full Text Search
 

To Download SM0320102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Miniature Slides
Series SM
Distinctive Characteristics
Very compact dimensions allow for high density, side-by-side or end-to-end mounting within tight dimensional applications. Detent mechanism provides positive actuation to indicate circuit status. Visible indication of position by spot on top of red actuator and through window on side. Twin sliding contact mechanism with self-cleaning action provides smooth actuation and produces high contact reliability. .100" x .100" (2.54mm x .2.54mm) center-to-center inch terminal spacing allows standard PC board mounting in side-by-side or end-to-end arrangements. Insert molded terminals lock out flux, solvents, and other contaminants.
Actual Size
POLES & CIRCUITS
Slide Position Right Model SM0320102 ON NONE ON 1-2 OPEN 1-3 Center Left Connected Terminals Right Center Left Throw & Schematics Note: Terminal numbers are on the switch.
1 (COM)
SPDT
2
3
TYPICAL SWITCH DIMENSIONS
Single Pole * Straight PC
(1.6) Travel .063 (0.6) Dia Typ .024
2 1 2
(2.54) Typ .100
(10.0) .394
1 3
(1.4) .055 (6.4) .252
(0.5) .020 (5.0) .197
(2.54) Typ .100
3
(0.8) Dia Typ .031 (2.5) .098
SM0320102
Actuator shown in RIGHT position
03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Ultra-Miniature Slides
Series SM
General Specifications
Electrical Capacity (Resistive Load)
Maximum Level: Minimum Level: 500mA @ 12V DC 1.0mA maximum @ 10mV AC/DC maximum
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Nominal Operating Force: Contact Timing: Total Travel:
30 milliohms maximum 100 megohms minimum @ 500V DC 500V AC for 1 minute minimum 1,000 operations minimum 1,000 operations minimum 2.0N Nonshorting (Break-before-make) .063" (1.6mm)
Materials & Finishes
Actuator: Case: Lower Case: Movable Contacts: Stationary Contacts Terminals:
Glass fiber reinforced polyester (UL94V-0) Glass fiber reinforced polyamide (UL94V-0) Glass fiber reinforced polyester (UL94V-0) Brass with gold plating over nickel Brass with gold plating over nickel Brass with gold plating over nickel
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock:
-40C through +85C (-40F through +185F) 90-95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering: Cleaning:
Wave Soldering Recommended: See Profile A in Supplement section. Manual Soldering: See Profile B in Supplement section. These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards: UL Recognition or CSA Certification:
Actuator and lower case of glass fiber reinforced polyester and case of glass fiber reinforced polyamide UL94V-0 The SM series devices have not been tested for UL recognition and CSA certification. These switches are designed for use in a low-voltage, low-current circuit. When used as intended in a low-voltage, low-current circuit, the results do not produce hazardous energy.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07


▲Up To Search▲   

 
Price & Availability of SM0320102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X