Part Number Hot Search : 
101KL M51V1 330M1 SLA608L 1H473K STK5314 A950Y 298060
Product Description
Full Text Search
 

To Download SER2013-801ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 349-1
SMT Power Inductor - SER2000 Series
* Designed for high current power supply applications * Flat wire windings provide exceptionally low DCR * Isat ratings as high as 100 A
Designer's Kit C374 contains 2 each of nine part Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant tin-silver over copper. Other terminations available at additional cost. Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 PCB washing Only pure water or alcohol recommended
Recommended Land Pattern
0.755 0.02 19,18 0,51 0.160 4,06 0.290 7,37
1
2
3 0.210 5,33
C L
3
Caution: Terminal 3 is provided for mounting stability only. This terminal is connected to the winding of the inductor and must not be connected to ground or any circuitry.
0.736 0.034 18,70 0,85
SER20xx-xxx Coilcraft XXXX
0.365 0.02 9,27 0,51
0.470 11,94 0.015 0,38 1 2
0.185 4,70 0.150 3,81 Maximum height 0.34 / 8,64 0.37 / 9,40 0.42 / 10,67 0.47 / 11,94 0.51 / 12,95 0.55 / 13,97 Weight 6.65 - 6.89 g 7.46 - 7.90 g 8.63 - 9.08 g 9.92 - 10.3 g 10.8 - 11.4 g 11.7 - 12.4 g
0.311 0.015 7,90 0,38
0.100 0.003 typ 2,54 0,76
0.150 3,81
0.260 6,60
Height (See table) 0.004/0,102 0.125 3,18 0.5150.015 13,08 0,37 0.100 2,54
SER2009 SER2010 SER2011 SER2012 SER2013 SER2014 0.130* 3,30
Dimensions are in
*Width of flat area on winding
inches mm
Packaging SER2009 200 SER2010 200 SER2011 170 SER2012 150 SER2013 150 SER2014 125
per per per per per per
13 13 13 13 13 13
reel; reel; reel; reel; reel; reel;
Plastic Plastic Plastic Plastic Plastic Plastic
tape: tape: tape: tape: tape: tape:
44 44 44 44 44 44
mm mm mm mm mm mm
wide, wide, wide, wide, wide, wide,
0.4 0.4 0.4 0.4 0.5 0.5
mm mm mm mm mm mm
thick, thick, thick, thick, thick, thick,
4 4 4 4 4 4
mm mm mm mm mm mm
pocket pocket pocket pocket pocket pocket
spacing, spacing, spacing, spacing, spacing, spacing,
9.25 10.5 11.6 13.0 14.0 15.0
pocket pocket pocket pocket pocket pocket
depth depth depth depth depth depth Revised 10/20/08
Specifications subject to change without notice. Please check our website for latest information. Document 349-1
(c) Coilcraft, Inc. 2009
Document 349-2
SMT Power Inductors - SER2000 Series
Inductance DCR 20%2 max3 Part number1 (H) (m ) SER2009-301ML_ 0.30 0.740 SER2010-301ML_ 0.30 1.00 SER2009-501ML_ 0.50 0.740 SER2010-501ML_ 0.50 1.00 SER2011-501ML_ 0.50 1.34 SER2009-601ML_ 0.60 0.740 SER2010-601ML_ 0.60 1.00 SER2011-601ML_ 0.60 1.34 SER2012-601ML_ 0.60 1.60 SER2009-681ML_ 0.68 0.740 SER2010-681ML_ 0.68 1.00 SER2011-681ML_ 0.68 1.34 SER2012-681ML_ 0.68 1.60 SER2013-681ML_ 0.68 1.82 SER2009-801ML_ 0.80 0.740 SER2010-801ML_ 0.80 1.00 SER2011-801ML_ 0.80 1.34 SER2012-801ML_ 0.80 1.60 SER2013-801ML_ 0.80 1.82 SER2014-801ML_ 0.80 2.15 SER2009-901ML_ 0.90 0.740 SER2010-901ML_ 0.90 1.00 SER2011-901ML_ 0.90 1.34 SER2012-901ML_ 0.90 1.60 SER2013-901ML_ 0.90 1.82 SER2014-901ML_ 0.90 2.15 SER2009-102ML_ 1.0 0.740 SER2010-102ML_ 1.0 1.00 SER2011-102ML_ 1.0 1.34 SER2012-102ML_ 1.0 1.60 SER2013-102ML_ 1.0 1.82 SER2014-102ML_ 1.0 2.15 SER2009-122ML_ 1.2 0.740 SER2010-122ML_ 1.2 1.00 SER2011-122ML_ 1.2 1.34 SER2012-122ML_ 1.2 1.60 SER2013-122ML_ 1.2 1.82 SER2014-122ML_ 1.2 2.15 SER2009-202ML_ 2.0 0.740 SER2010-202ML_ 2.0 1.00 SER2011-202ML_ 2.0 1.34 SER2012-202ML_ 2.0 1.60 SER2013-202ML_ 2.0 1.82 SER2014-202ML_ 2.0 2.15 SER2013-362ML_ 3.6 1.82 SER2013-402ML_ 4.0 1.82 SER2014-402ML_ 4.0 2.15 SER2013-472ML_ 4.7 1.82 DCR SRF typ 3 typ4 (m ) (MHz) 0.630 550 0.900 182 0.630 544 0.900 148 1.20 161 0.630 648 0.900 115 1.20 124 1.44 115 0.630 454 0.900 136 1.20 135 1.44 103 1.70 104 0.630 567 0.900 92 1.20 113 1.44 91 1.70 93 1.94 104 0.630 557 0.900 96 1.20 104 1.44 85 1.70 98 1.94 102 0.630 488 0.900 81 1.20 97 1.44 75 1.70 98 1.94 88 0.630 81 0.900 69 1.20 81 1.44 73 1.70 82 1.94 78 0.630 40 0.900 48 1.20 56 1.44 51 1.70 61 1.94 62 1.70 38 1.70 35 1.94 36 1.70 30 Irms (A)6 Isat5 20C 40C Height (A) rise rise (mm) 100 41 54 8,64 100 36 45 9,40 60 41 54 8,64 81 36 45 9,40 100 30 40 10,67 49 41 54 8,64 70 36 45 9,40 90 30 40 10,67 97 25 35 11,94 45 41 54 8,64 62 36 45 9,40 78 30 40 10,67 85 25 35 11,94 98 23 30 12,95 38 41 54 8,64 53 36 45 9,40 70 30 40 10,67 75 25 35 11,94 85 23 30 12,95 98 21 27 13,97 33 41 54 8,64 48 36 45 9,40 62 30 40 10,67 69 25 35 11,94 73 23 30 12,95 87 21 27 13,97 29 41 54 8,64 42 36 45 9,40 56 30 40 10,67 64 25 35 11,94 68 23 30 12,95 70 21 27 2713,97 28 41 54 8,64 37 36 45 9,40 49 30 40 10,67 54 25 35 11,94 58 23 30 12,95 63 21 27 13,97 16 41 54 8,64 27 36 45 9,40 37 30 40 10,67 35 25 35 11,94 40 23 30 12,95 45 21 27 13,97 25 23 30 12,95 20 23 30 12,95 25 21 27 13,97 18 23 30 12,95
1. Please specify termination and packaging codes: SER2014-202MLD Termination: L = RoHS compliant tin-silver over copper. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape. B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4263B LCR meter or equivalent. 3. DCR measured on a Keithley 580 micro-ohmmeter. 4. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 5. DC current at which the inductance drops 10% (typ) from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Temperature Rise vs Current
Temperature rise (from 25C)
70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70
SE R2 014 SE R2 013 SE R2 012 SE R2 01 1 SE R2 01 0 SE R2 00 9
Current (A rms)
Current Derating
120 110
Percent of rated current
100 90 80 70 60 50 40 30 20 10 0 -40 -20 Isat Irms 0 20
25C
40
60
80
100
120 140
Parts shown in bold are included in Coilcraft Designer's Kit C374.
Ambient temperature (C)
Specifications subject to change without notice. Please check our website for latest information. Document 349-2
Revised 10/20/08
(c) Coilcraft, Inc. 2009
Document 349-3
SMT Power Inductors - SER2000 Series
L vs Frequency
10.0 8.0 6.0 4.0 10.0 8.0 6.0 4.0
Inductance (H)
Inductance (H)
2.0
2.0 H 1.2 H 1.0 H 0.9 H 0.8 H 0.68 H 0.6 H 0.5 H 0.3 H
2.0
2.0 H 1.2 H 1.0 H 0.9 H 0.8 H 0.68 H 0.6 H
1.0 0.8 0.6 0.4
1.0 0.8 0.6 0.4
0.2 0.1
0.2
SER2009
0.1 1 10 100
0.1 0.1
SER2012
1 10 100
Frequency (MHz)
Frequency (MHz)
10.0 8.0 6.0 4.0
10.0 8.0 6.0 4.0 2.0 H 1.2 H 1.0 H 0.9 H 0.8 H 0.68 H 0.6 H 0.5 H 0.3 H
4.7 H 3.6 H 2.0 H 1.2 H 1.0 H 0.9 H 0.8 H 0.68 H
Inductance (H)
2.0
Inductance (H)
2.0
1.0 0.8 0.6 0.4
1.0 0.8 0.6 0.4
0.2 0.1
0.2
SER2010
0.1 1 10 100
0.1 0.1
SER2013
1 10 100
Frequency (MHz)
Frequency (MHz)
10.0 8.0 6.0 4.0
10.0 8.0 6.0 4.0 2.0 H 1.2 H 1.0 H 0.9 H 0.8 H 0.68 H 0.6 H 0.5 H 4.0 H 2.0 H 1.2 H 1.0 H 0.9 H 0.8 H
Inductance (H)
2.0
Inductance (H)
2.0
1.0 0.8 0.6 0.4
1.0 0.8 0.6 0.4
0.2 0.1
0.2
SER2011
0.1 1 10 100
0.1 0.1
SER2014
1 10 100
Frequency (MHz)
Frequency (MHz)
Specifications subject to change without notice. Please check our website for latest information. Document 349-2 Revised 10/20/08
(c) Coilcraft, Inc. 2009
Document 349-4
SMT Power Inductors - SER2000 Series
L vs Current
10.0 8.0 6.0 4.0 10.0 8.0 6.0 4.0
Inductance (H)
2.0
Inductance (H)
2.0 H 1.2 H
2.0
2.0 H 1.2 H
1.0 0.8 0.6 0.4 1.0 H 0.90 H 0.80 H 0.68 H 0.60 H 0.50 H 0.30 H SER2009 0.1 1 10 100
1.0 0.8 0.6 0.4 1.0 H 0.90 H 0.80 H 0.68 H 0.60 H
0.2 0.1
0.2 0.1 0.1
SER2012
1 10 100
Current (A)
Current (A)
10.0 8.0 6.0 4.0
10.0 8.0 6.0 4.0
4.7 H 3.6 H 2.0 H
Inductance (H)
2.0
2.0 H 1.2 H
Inductance (H)
2.0 1.2 H 1.0 0.8 0.6 0.4 1.0 H 0.90 H 0.80 H 0.68 H
1.0 0.8 0.6 0.4 1.0 H 0.90 H 0.80 H 0.68 H 0.60 H 0.50 H 0.30 H SER2010 0.1 1 10 100
0.2 0.1
0.2 0.1 0.1
SER2013
1 10 100
Current (A)
Current (A)
10.0 8.0 6.0 4.0
10.0 8.0 6.0 4.0 4.0 H 2.0 H 2.0 1.2 H 1.0 0.8 0.6 0.4 1.0 H 0.90 H 0.80 H
Inductance (H)
2.0 1.2 H 1.0 0.8 0.6 0.4 1.0 H 0.90 H
0.80 H
0.68 H
0.2 0.1 0.1
0.60 H
Inductance (H)
0.50 H
2.0 H
0.2 0.1
SER2011
1 10 100
SER2014
0.1 1 10 100
Current (A)
Current (A)
Specifications subject to change without notice. Please check our website for latest information. Document 349-2 Revised 10/20/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of SER2013-801ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X