Part Number Hot Search : 
USM6J48 6407A IRFB4 D1761 D1761 LS353 87663 SMBTA64
Product Description
Full Text Search
 

To Download SEMIX101GD12E4S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMIX101GD12E4S
Absolute Maximum Ratings Symbol
IGBT VCES IC ICnom ICRM ICRM = 3xICnom VCC = 800 V VGE 20 V VCES 1200 V VGES tpsc Tj Inverse diode IF
SEMIX101GD12E4S
Conditions
Values
1200
Unit
V A A A A V s C A A A A A C A C V
Tj = 175 C
Tc = 25 C Tc = 80 C
160 123 100 300 -20 ... 20
SEMiX(R)13
Trench IGBT Modules
Tj = 150 C
10 -40 ... 175
Tj = 175 C
Tc = 25 C Tc = 80 C
121 91 100 300 550 -40 ... 175 600 -40 ... 125
IFnom
Features
* Homogeneous Si * Trench = Trenchgate technology * VCE(sat) with positive temperature coefficient * High short circuit capability * UL recognised file no. E63532
IFRM IFSM Tj Module It(RMS) Tstg Visol
IFRM = 3xIFnom tp = 10 ms, sin 180, Tj = 25 C
Typical Applications
* AC inverter drives * UPS * Electronic Welding
AC sinus 50Hz, t = 1 min
4000
Characteristics Symbol
IGBT VCE(sat) VCE0 rCE VGE(th) ICES Cies Coes Cres QG RGint td(on) tr Eon td(off) tf Eoff Rth(j-c) IC = 100 A VGE = 15 V chiplevel Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C VGE = 15 V Tj = 25 C Tj = 150 C 5 Tj = 25 C Tj = 150 C f = 1 MHz f = 1 MHz f = 1 MHz 6.2 0.41 0.34 565 7.50 Tj = 150 C Tj = 150 C Tj = 150 C 187 35 10.8 467 94 13.3 0.27 1.8 2.2 0.8 0.7 10.0 15.0 5.8 0.1 2.05 2.4 0.9 0.8 11.5 16.0 6.5 0.3 V V V V m m V mA mA nF nF nF nC ns ns mJ ns ns mJ K/W
Conditions
min.
typ.
max.
Unit
Remarks
* Case temperature limited to TC=125C max. * Product reliability results are valid for Tj=150C
VGE=VCE, IC = 3.8 mA VGE = 0 V VCE = 1200 V VCE = 25 V VGE = 0 V VGE = - 8 V...+ 15 V Tj = 25 C VCC = 600 V IC = 100 A
RG on = 1 Tj = 150 C RG off = 1 di/dton = 3100 A/s Tj = 150 C di/dtoff = 1200 A/s Tj = 150 C per IGBT
GD (c) by SEMIKRON Rev. 1 - 20.02.2009 1
SEMIX101GD12E4S
Characteristics Symbol Conditions
Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C rF Tj = 25 C Tj = 150 C IF = 100 A Tj = 150 C di/dtoff = 3000 A/s T = 150 C j VGE = -15 V Tj = 150 C VCC = 600 V per diode 1.1 0.7 8.0 10.5
min.
typ.
2.2 2.1 1.3 0.9 9.0 12.5 95 16 6.5
max.
2.52 2.5 1.5 1.1 10.2 13.7
Unit
V V V V m m A C mJ
Inverse diode VF = VEC IF = 100 A VGE = 0 V chip VF0
SEMiX(R)13
Trench IGBT Modules
SEMIX101GD12E4S
IRRM Qrr Err Rth(j-c) Module LCE RCC'+EE'
0.48 20
K/W nH m m K/W
Features
* Homogeneous Si * Trench = Trenchgate technology * VCE(sat) with positive temperature coefficient * High short circuit capability * UL recognised file no. E63532 Rth(c-s) Ms Mt w
res., terminal-chip per module to heat sink (M5)
TC = 25 C TC = 125 C 3 to terminals (M6) 2.5
0.7 1 0.04 5 5 350
Nm Nm Nm g K
Typical Applications
* AC inverter drives * UPS * Electronic Welding
Temperatur Sensor R100 B100/125 Tc=100C (R25=5 k) R(T)=R100exp[B100/125(1/T-1/T100)]; T[K]; 493 5% 3550 2%
Remarks
* Case temperature limited to TC=125C max. * Product reliability results are valid for Tj=150C
GD 2 Rev. 1 - 20.02.2009 (c) by SEMIKRON
SEMIX101GD12E4S
Fig. 1: Typ. output characteristic, inclusive RCC'+ EE'
Fig. 2: Rated current vs. temperature IC = f (TC)
Fig. 3: Typ. turn-on /-off energy = f (IC)
Fig. 4: Typ. turn-on /-off energy = f (RG)
Fig. 5: Typ. transfer characteristic
Fig. 6: Typ. gate charge characteristic
(c) by SEMIKRON
Rev. 1 - 20.02.2009
3
SEMIX101GD12E4S
Fig. 7: Typ. switching times vs. IC
Fig. 8: Typ. switching times vs. gate resistor RG
Fig. 9: Typ. transient thermal impedance
Fig. 10: Typ. CAL diode forward charact., incl. RCC'+EE'
Fig. 11: Typ. CAL diode peak reverse recovery current
Fig. 12: Typ. CAL diode recovery charge
4
Rev. 1 - 20.02.2009
(c) by SEMIKRON
SEMIX101GD12E4S
SEMiX 13
GD
This is an electrostatic discharge sensitive device (ESDS), international standard IEC 60747-1, Chapter IX This technical information specifies semiconductor devices but promises no characteristics. No warranty or guarantee expressed or implied is made regarding delivery, performance or suitability.
(c) by SEMIKRON
Rev. 1 - 20.02.2009
5


▲Up To Search▲   

 
Price & Availability of SEMIX101GD12E4S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X