Part Number Hot Search : 
X1692 TDA3803A CCF6069 1N3911A NKA0303S 8160C AD627BNZ SLD10UAY
Product Description
Full Text Search
 

To Download SBL13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SemiWell Semiconductor
SBL13003
High Voltage Fast-Switching NPN Power Transistor
Features
- Very High Switching Speed (Typical 120ns@1.0A) - Minimum Lot-to-Lot hFE Variation - Low VCE(sat) (Typical 200mV@1.0A/0.25A) - Wide Reverse Bias S.O.A
Symbol
2.Collector
1.Base
3.Emitter
General Description
This devices is designed for high voltage, high speed switching characteristic required such as lighting system, switching regulator, inverter and deflection circuit.
TO-92L
1
2
3
Absolute Maximum Ratings
Symbol
VCES VCEO VEBO IC ICM IB IBM PC TSTG TJ
Parameter
Collector-Emitter Voltage ( VBE = 0 ) Collector-Emitter Voltage ( IB = 0 ) Emitter-Base Voltage ( IC = 0 ) Collector Current Collector Peak Current ( tP 5 ms ) Base Current Base Peak Current ( tP 5 ms ) Total Dissipation at TA = 25 C Storage Temperature Max. Operating Junction Temperature
Value
700 400 9.0 1.5 3.0 0.75 1.5 1.5 - 65 ~ 150 150
Units
V V V A A A A W C C
Thermal Characteristics
Symbol
RJA
Parameter
Thermal Resistance, Junction-to-Ambient
Value
83
Units
C/W
Oct, 2002. Rev. 2
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved
1/5
SBL13003
Electrical Characteristics
Symbol
ICEV VCEO(sus) ( TC = 25 C unless otherwise noted )
Parameter
Collector Cut-off Current ( VBE = - 1.5V ) Collector-Emitter Sustaining Voltage ( IB = 0 )
Condition
VCE = 700V VCE = 700V IC = 10 mA IC = 0.5A IC = 1.0A IC = 1.5A IC = 0.5A IC = 1.0A IC = 0.5A IC = 1.0A IC = 1.0A IB1 = 0.2A TP = 25 VCC = 15V IB1 = 0.2A L = 0.35mH VCC = 15V IB1 = 0.2A L = 0.35mH IC = 1.0A IB2 = -0.5A Vclamp = 300V IC = 1.0A IB2 = -0.5A Vclamp = 300V TC = 100 C IB = 0.1A IB = 0.25A IB = 0.5A IB = 0.1A IB = 0.25A VCE = 2V VCE = 2V VCC = 125V IB2 = - 0.2A TC = 100 C
Min
-
Typ
-
Max
1.0 5.0
-
Units
mA
400
-
V
VCE(sat)
Collector-Emitter Saturation Voltage
-
-
0.3 0.5 1.0 1.0 1.2 30 25
V
VBE(sat)
Base-Emitter Saturation Voltage
-
-
V
hFE
DC Current Gain Resistive Load Turn-On Time Storage Time Fall Time Inductive Load Storage Time Fall Time Inductive Load Storage Time Fall Time
10 5
-
ton ts tf ts tf
-
0.2 1.5 0.15
1.0 3.0 0.4
-
2.0 0.12
4.0 0.3
ts tf
-
2.4 0.15
5.0 0.4
Notes : Pulse Test : Pulse width 300, Duty cycle 2%
2/5
SBL13003
Fig 1. Static Characteristics
3.0 2.7 2.4 IB = 500mA IB = 400mA IB = 250mA IB = 200mA IB = 150mA IB = 100mA IB = 50mA IB = 300mA 30 40
Fig 2. DC Current Gain
IC, Collector Current [A]
1.8 1.5 1.2 0.9 0.6 0.3 0.0 0 1 2 3 4
hFE, DC Current Gain
2.1
TJ = 125 C
o
20
TJ = 25 C
o
10
Notes : VCE = 5V VCE = 1V
IB = 0mA 5 0 0.01
0.1
1
VCE, Collector-Emitter Voltage [V]
IC, Collector Current [A]
Fig 3. Collector-Emitter Saturation Voltage
10 1.2 1.1 1
Fig 4. Base-Emitter Saturation Voltage
VCE, Collector-Emitter Voltage [V]
VBE, Base-Emitter Voltage [V]
TJ = 125 C
0.1
o
1.0
TJ = 25 C
0.9 0.8 0.7 0.6 0.5 0.1
o
TJ = 25 C
0.01
o
TJ = 125 C
Note : hFE = 5
o
Note : hFE = 5
0.1
1
1
IC, Collector Current [A]
IC, Collector Current [A]
Fig 5. Resistive Load Fall Time
1000 10
Fig 6. Resistive Load Storage Time
100
Notes : VCC = 125V hFE = 5 IB1 = - IB2
tstg, Time [us]
tf, Time [ns]
TJ = 25 C
o
TJ = 25 C
o
Notes : VCC = 125V hFE = 5 IB1 = - IB2
1
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IC, Collector Current [A]
IC, Collector Current [A]
3/5
SBL13003
Fig 7. Safe Operation Areas
10
1
Fig 8. Reverse Biased Safe Operation Areas
1.6
IC, Collector Current [A]
10
-1
IC, Collector Current [A]
10
0
1.2
Notes : TJ 100 C IB1 = 1 A RBB = 0 LC = 0.35mH
DC
0.8
VBE(off) = -9V
10
-2
0.4
-5V -3V -1.5V
Single Pulse
10
-3
10
0
10
1
10
2
10
3
0.0
0
100
200
300
400
500
600
700
800
VCE, Collector-Emitter Clamp Voltage [V]
VCE, Collector-Emitter Clamp Voltage [V]
Fig 9. Power Derating Curve
125
Power Derating Factor (%)
100
75
50
25
0
0
50
100
150
o
200
TC, Case Temperature ( C)
4/5
SBL13003
Inductive Load Switching & RBSOA Test Circuit
LC
IB1
IC IB
VCE
D.U.T
RBB VBE(off) VClamp VCC
Resistive Load Switching Test Circuit
RC
IB1
IC IB
VCE
D.U.T
RBB VBE(off) VCC
5/5


▲Up To Search▲   

 
Price & Availability of SBL13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X