![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Low Voltage Detector with Built-in Delay Circuit R3130N/R3131N SERIES OUTLINE NO. EA-073-0311 R3130N/R3131N Series are CMOS-based low voltage detector ICs with built-in delay circuit, high Detector Threshold accuracy and ultra low supply current which can be operated at low voltage. These ICs can be used as system reset generator, and each of these ICs consists of a voltage reference, a comparator, resistors for setting voltage detector threshold, an output driver transistor, and an output delay generator. Detector threshold is fixed internally with high accuracy and requires no adjustment. When Supply Voltage crosses a setting detector threshold voltage from a high value to a lower value, this IC generates reset signal. R3130N Series output "L" at detection mode, while R3131N Series output "H". Further, each of R3130N/R3131N Series embeds an output delay generator, when Supply Voltage crosses a setting detector threshold voltage from a low value to a higher value, during a setting delay time which is fixed in the IC, this IC keeps the reset condition. Output Delay Time can be selected. (Typ. 240ms is standard.) Two output types, Nch open drain type and CMOS type, are available. Since the package for these ICs is SOT23-3 (Mini-mold) package, high density mounting of the ICs on board is possible. FEATURES * * * * * * * * * * Pin to Pin compatible with MAX 809/810 (R3130Nxxxx: MAX 809, R3131Nxxxx: MAX 810) Ultra-low supply Current ................................................... Typ. 1.25A (R313xN27xx: VDD=3.0V) Operating Voltage Range .................................................. 1.0V to 6.0V (Topt=25C) Detector Threshold ............................................................. Setting with a step of 0.1V in the range of 1.6V to 4.8V is possible. Embedded Power on Reset Delay Time Circuit ................ Delay Time can be designated. Refer to Selection Guide. High Accuracy Detector Threshold ..................................... 1.5% High Accuracy Output Delay Time ...................................... 10.0% Low Temperature-Drift Coefficient of Detector Threshold .. Typ. 100ppm/C Two Output Types ............................................................... Nch Open Drain and CMOS Small Package .................................................................... SOT-23-3 APPLICATIONS * * * * * * CPU & Logic Circuit Reset Battery Checker Window Comparator Wave Shaping Circuit Battery Back-Up Circuit Power Failure Detector 1 R3130N/R3131N BLOCK DIAGRAMS R3130NxxxA Nch Open Drain Output VDD VDD R3130NxxxC CMOS Output + Vref GND Delay Circuit OUT + Vref GND Delay Circuit OUT R3131NxxxA Nch Open Drain Output VDD R3131NxxxC CMOS Output VDD + Vref GND Delay Circuit OUT + Vref GND Delay Circuit OUT 2 R3130N/R3131N TIMING CHART Supply Voltage (VDD) Detector Threshold VDET Minimum Operating Voltage VSS Supply Voltage (VDD) Detector Threshold VDET Minimum Operating Voltage VSS Output Voltage VSS Tdelay Output Voltage VSS Tdelay R3130N Operation Diagram R3131N Operation Diagram * Output Delay Operation Output Delay Time, or Tdelay is specified as follows: 1. In the case of Nch open drain output: The time interval from rising edge of VDD pulse (1.0V(VDET)+1.0V) to the time at which the output reaches 2.5V under the condition that the output pin (OUT) is pulled up to 5V through a 470k resistor. 2. In the case of CMOS output The time interval from rising edge of VDD pulse (1.0V(VDET)+1.0V) to the time at which the output reaches VDD/2. VDET+1.0V Input Voltage (VDD) VDET+1.0V Input Voltage (VDD) 1.0V GND 1.0V GND 5.0V VDET+1.0V Output Voltage Output Voltage 2.5V (VDET+1.0V)/2 GND Trst Tdelay GND Trst Tdelay Nch Open Drain Output CMOS Output 3 R3130N/R3131N SELECTION GUIDE The detector threshold , the output type, and Output delay time of R3130N/R3131N series can be designated at the user's request by specifying the part number as follows: R3130Nxxxx(x)-TR R3131Nxxxx(x)-TR a bc d Code a e Part Number Part Number Contents Setting Detector Threshold (VDET) Stepwise setting with a step of 0.1V in the range of 1.6V to 4.8V is possible. The following 4 kinds of voltage are also standard. 2.63V, 2.93V, 3.08V, 4.65V Selection of Output Delay Time E: 240ms (Standard) A: 50ms B: 100ms D: 200ms H: 400ms A, B, D, H versions can be produced only for 6 kinds of standard voltage items. Designation Output type A: Nch Open Drain C: CMOS Description of last one digit of 4 kinds of standard voltage items. Designation of Taping Direction (Refer to Taping Specification) b c d e PIN CONFIGURATION SOT-23-3 3 MARK SIDE 1 2 PIN DESCRIPTION Pin No 1 2 3 Symbol GND OUT VDD Ground Pin Output Pin R3130N: Output "L" at detection mode, Output "H" at release mode R3131N: Output "H" at detection mode, Output "L" at release mode Input Pin Description 4 R3130N/R3131N ABSOLUTE MAXIMUM RATINGS Symbol VDD VOUT IOUT PD Topt Tstg Tsolder Supply Voltage Output Voltage Output Current Power Dissipation Operating Temperature Range Storage Temperature Range Soldering Temperature ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are threshold limit values that must not be exceeded even for a moment under any conditions. Moreover, such values for any items must not be reached simultaneously. Operation above these absolute maximum ratings may cause degradation or permanent damage to the device. These are just stress ratings and do not necessarily imply to guarantee operation below these limits. CMOS Nch Item Rating 6.5 VSS-0.3 to VDD+0.3 VSS-0.3 to 6.5 20 150 -40 to +85 -55 to +125 260C, 10s Unit V V V mA mW C C ELECTRICAL CHARACTERISTICS * R3130N26xx3-TR [Topt=25C] Symbol VDDH VDDL 1 VDET ISS1 ISS2 ISS3 VOH VOL Tdelay 2 Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Detector Threshold Temperature Coefficient Conditions Min. Typ. Max. 6.0 Unit V V V A A A V V IOL=50A 2.591 VDD=6.00V VDD=2.73V VDD=2.53V VDD=2.73V, IOUT=-500A VDD=2.53V, IOUT=1.2Ma 0.8xVDD 0.75 2.630 1.40 1.25 1.10 0.93xVDD 0.16 1.00 2.669 5.00 4.00 3.50 0.30 Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release -40C < = VDET/ Topt Topt < = 85C 100 ppm/C 5 R3130N/R3131N * R3130N29xx3-TR [Topt=25C] Symbol VDDH VDDL 1 VDET ISS1 ISS2 ISS3 VOH VOL Tdelay VDET/ Topt 2 Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Detector Threshold Temperature Coefficient Conditions Min. Typ. Max. 6.0 Unit V V V A A A V V IOL=50A 2.887 VDD=6.00V VDD=3.03V VDD=2.83V VDD=3.03V, IOUT=-500A VDD=2.83V, IOUT=1.2mA 0.75 2.930 1.40 1.25 1.10 0.8xVDD 0.93xVDD 0.16 1.00 2.973 5.00 4.00 3.50 0.30 Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release -40C < = Topt < = 85C 100 ppm/C * R3130N30xx8-TR [Topt=25C] Symbol VDDH VDDL ISS1 ISS2 ISS3 VOH VOL Tdelay 2 1 Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Detector Threshold Temperature Coefficient Conditions IOL=50A Min. Typ. 0.75 Max. 6.0 1.00 3.126 5.00 4.00 3.50 0.30 Unit V V V A A A V V VDET 3.034 VDD=6.00V VDD=3.18V VDD=2.98V VDD=3.18V, IOUT=-500A VDD=2.98V, IOUT=1.2mA 3.080 1.40 1.25 1.10 0.8xVDD 0.93xVDD 0.16 Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release -40C < = VDET/ Topt Topt < = 85C 100 ppm/C 6 R3130N/R3131N * R3130N40xx-TR [Topt=25C] Symbol VDDH VDDL 1 VDET ISS1 ISS2 ISS3 VOH VOL Tdelay 2 Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Output Delay Time for release Detector Threshold Temperature Coefficient Conditions Min. Typ. Max. 6.0 Unit V V V A A A V V IOL=50A 3.940 VDD=6.00V VDD=4.10V VDD=3.90V VDD=4.10V, IOUT=-800A VDD=3.90V, IOUT=3.2mA 0.8xVDD 0.75 4.000 1.40 1.30 1.15 0.95xVDD 0.18 1.00 4.060 5.00 4.00 3.50 0.40 Refer to electrical characteristics by Output Delay Time for release -40C < = VDET/ Topt Topt < = 85C 100 ppm/C * R3130N44xx-TR [Topt=25C] Symbol VDDH VDDL ISS1 ISS2 ISS3 VOH VOL Tdelay 2 1 Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Output Delay Time for release Detector Threshold Temperature Coefficient Conditions IOL=50A Min. Typ. 0.75 Max. 6.0 1.00 4.466 5.00 4.00 3.50 0.40 Unit V V V A A A V V VDET 4.334 VDD=6.00V VDD=4.50V VDD=4.30V VDD=4.50V, IOUT=-800A VDD=4.30V, IOUT=3.2mA 0.8xVDD 4.400 1.40 1.30 1.15 0.95xVDD 0.18 Refer to electrical characteristics by Output Delay Time for release -40C < = VDET/ Topt Topt < = 85C 100 ppm/C 7 R3130N/R3131N * R3130N46xx5-TR [Topt=25C] Symbol VDDH VDDL ISS1 ISS2 ISS3 VOH VOL Tdelay 2 1 Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Detector Threshold Temperature Coefficient Conditions IOL=50A Min. Typ. 0.75 Max. 6.0 1.00 4.719 5.00 4.00 3.50 0.40 Unit V V V A A A V V VDET 4.581 VDD=6.00V VDD=4.75V VDD=4.55V VDD=4.75V, IOUT=-800A VDD=4.55V, IOUT=3.2mA 0.8xVDD 4.650 1.40 1.30 1.15 0.95xVDD 0.18 Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release -40C < = VDET/ Topt Topt < = 85C 100 ppm/C * R3131N26xx3-TR [Topt=25C] Symbol VDDH VDDL 3 Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Conditions CMOS IOH=-10A Output Nch Open VDS=6.5V Drain Output Min. Typ. Max. 6.0 Unit V V V A A A V V 0.90 2.591 2.630 1.40 1.25 1.10 0.8xVDD 0.93xVDD 0.16 1.00 2.669 5.00 4.00 3.50 0.30 VDET ISS1 ISS2 ISS3 VOH VOL Tdelay 2 VDD=6.00V VDD=2.73V VDD=2.53V VDD=2.73V, IOUT=-500A VDD=2.53V, IOUT=1.2mA Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release Detector Threshold Temperature Coefficient -40C < = VDET/ Topt Topt < = 85C 100 ppm/C 8 R3130N/R3131N * R3131N29xx3-TR [Topt=25C] Symbol VDDH VDDL 3 Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Conditions CMOS Output Nch Open Drain Output VDD=6.00V VDD=3.03V VDD=2.83V VDD=2.83V, IOUT=-500A VDD=3.03V, IOUT=1.2mA Min. Typ. Max. 6.0 Unit V V V A A A V V IOH=-10A 0.90 VDS=6.5V 2.887 2.930 1.40 1.25 1.10 0.8xVDD 0.93xVDD 0.16 0.30 2.973 5.00 4.00 3.50 1.00 VDET ISS1 ISS2 ISS3 VOH VOL Tdelay 2 Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release Detector Threshold Temperature Coefficient -40C < = VDET/ Topt Topt < = 85C 100 ppm/C * R3131N30xx8-TR [Topt=25C] Symbol VDDH VDDL 3 VDET ISS1 ISS2 ISS3 VOH VOL VDET/ Topt Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Detector Threshold Temperature Coefficient Conditions CMOS Output Nch Open Drain Output VDD=6.00V VDD=3.18V VDD=2.98V VDD=2.98V, IOUT=-500A VDD=3.18V, IOUT=1.2mA Min. Typ. Max. 6.0 Unit V V V A A A V V IOH=-10A 0.90 VDS=6.5V 3.034 3.080 1.40 1.25 1.10 0.8xVDD 0.93xVDD 0.16 0.30 3.126 5.00 4.00 3.50 1.00 Tdelay 2 Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release -40C < = Topt < = 85C 100 ppm/C 9 R3130N/R3131N * R3131N40xx-TR [Topt=25C] Symbol VDDH VDDL 3 Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltag "L" Output Voltage Conditions CMOS Output Nch Open Drain Output VDD=6.00V VDD=3.90V VDD=4.10V VDD=3.90V, IOUT=-800A VDD=4.10V, IOUT=3.2mA Min. Typ. Max. 6.0 Unit V V V A A A V V IOH=-10A 0.90 VDS=6.5V 3.940 4.000 1.40 1.30 1.15 0.8xVDD 0.95xVDD 0.18 0.40 4.060 5.00 4.00 3.50 1.00 VDET ISS1 ISS2 ISS3 VOH VOL Tdelay 2 Output Delay Time for release Detector Threshold Temperature Coefficient Refer to electrical characteristics by Output Delay Time for release -40C < = VDET/ Topt Topt < = 85C 100 ppm/C * R3131N44xx-TR [Topt=25C] Symbol VDDH VDDL 3 VDET ISS1 ISS2 ISS3 VOH VOL VDET/ Topt Item Maximum Operating Voltage Minimum Operating Voltage Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Detector Threshold Temperature Coefficient Conditions CMOS Output Nch Open Drain Output VDD=6.00V VDD=4.50V VDD=4.30V VDD=4.30V, IOUT=-800A VDD=4.50V, IOUT=3.2mA Min. Typ. Max. 6.0 Unit V V V A A A V V IOH=-10A 0.90 VDS=6.5V 4.334 4.400 1.40 1.30 1.15 0.8xVDD 0.95xVDD 0.18 0.40 4.466 5.00 4.00 3.50 1.00 Tdelay 2 Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release -40C < = Topt < = 85C 100 ppm/C 10 R3130N/R3131N * R3131N46xx5-TR [Topt=25C] Symbol VDDH VDDL 3 Item Maximum Operating Voltage Minimum Operating Voltag Detector Threshold Supply Current1 Supply Current2 Supply Current3 "H" Output Voltage "L" Output Voltage Conditions CMOS IOH=-10A Output Nch Open VDS=6.5V Drain Output Min. Typ. Max. 6.0 Unit V V V A A A V V 0.90 4.581 4.650 1.40 1.30 1.15 0.8xVDD 0.95xVDD 0.18 1.00 4.719 5.00 4.00 3.50 0.40 VDET ISS1 ISS2 ISS3 VOH VOL Tdelay VDET/ Topt 2 VDD=6.00V VDD=4.75V VDD=4.55V VDD=4.55V, IOUT=-800A VDD=4.75V, IOUT=3.2mA Output Delay Time for release Detector Threshold Temperature Coefficient Refer to electrical characteristics by Output Delay Time for release -40C < = Topt < = 85C 100 ppm/C 1) Supply Voltage when Output Voltage becomes equal or less than 0.3V. (As for Nch Open Drain Output type, pull-up resistor is 470k, pull-up voltage is 5.0V. 2) Time interval of rising edge of VDD which is set from 1.0V to VDET+1.0V, and the point of which Output voltage reaches to 50% of final voltage. 3) CMOS Output type; Supply Voltage when Output Voltage becomes equal or more than 0.8xVDD. Nch Open Drain type; Supply Voltage when off leakage current becomes equal or less than 0.1A. ELECTRICAL CHARACTERISTICS BY OUTPUT DELAY TIME [Topt=25C] Part Number R313xNxxAx R313xNxxBx R313xNxxDx R313xNxxEx R313xNxxHx Test Condition Output Delay Time (Tdelay) Min. Typ. Max. 45 90 50 100 200 240 400 55 110 220 264 440 Unit VDD=1.0V to VDET+1.0V 180 216 360 ms 11 R3130N/R3131N ELECTRICAL CHARACTERISTICS BY DETECTOR THRESHOLD * R3130N16EA/C to R3130N48EA/C Detector Threshold Part Number VDET (V) Min. R3130N16EA/C R3130N17EA/C R3130N18EA/C R3130N19EA/C R3130N20EA/C R3130N21EA/C R3130N22EA/C R3130N23EA/C R3130N24EA/C R3130N25EA/C R3130N26EA/C R3130N27EA/C R3130N28EA/C R3130N29EA/C R3130N30EA/C R3130N31EA/C R3130N32EA/C R3130N33EA/C R3130N34EA/C R3130N35EA/C R3130N36EA/C R3130N37EA/C R3130N38EA/C R3130N39EA/C R3130N40EA/C R3130N41EA/C R3130N42EA/C R3130N43EA/C R3130N44EA/C R3130N45EA/C R3130N46EA/C R3130N47EA/C R3130N48EA/C 1.576 1.675 1.773 1.872 1.970 2.069 2.167 2.266 2.364 2.463 2.561 2.660 2.758 2.857 2.955 3.054 3.152 3.251 3.349 3.448 3.546 3.645 3.743 3.842 3.940 4.039 4.137 4.236 4.334 4.433 4.531 4.630 4.728 Typ. 1.600 1.700 1.800 1.900 2.000 2.100 2.200 2.300 2.400 2.500 2.600 2.700 2.800 2.900 3.000 3.100 3.200 3.300 3.400 3.500 3.600 3.700 3.800 3.900 4.000 4.100 4.200 4.300 4.400 4.500 4.600 4.700 4.800 Max. 1.624 1.725 1.827 1.928 2.030 2.131 2.233 2.334 2.436 2.537 2.639 2.740 2.842 2.943 3.045 3.146 3.248 3.349 3.451 3.552 3.654 3.755 3.857 3.958 4.060 4.161 4.263 4.364 4.466 4.567 4.669 4.770 4.872 1.30 1.15 VDD=6.0V 1.40 5.00 VDD=VDET +0.1V 4.00 VDD=VDET -0.1V 3.50 1.25 1.10 1.20 1.00 ISS1 (A) Condition Typ. Max. ISS2 (A) Condition Typ. Max. ISS3 (A) Condition Typ. Max. Supply Current 1 Supply Current 2 Supply Current 3 12 R3130N/R3131N Topt=25C "H" Output Voltage "L" Output Voltage Minimum Operating Voltage VDDL (V) Max. Typ. Max. Min. Output Delay Time Detector Threshold Temperature Coefficient VDET/Topt (ppm/C) Max. Condition Typ. VOH (V) Condition Min. Typ. Condition VOL (V) Typ. Tdelay (ms) Typ. VDD=VDET +0.1V IOH= -150A 0.80x VDD 0.95x VDD VDD=VDET -0.1V, IOL=1.2mA 0.16 0.30 VDD=VDET +0.1V IOH= -500A 0.80x VDD 0.93x VDD 1 0.75 1 1.00 -40C < Topt < = = 85C 216 240 264 100 VDD=VDET +0.1V IOH= -800A 0.80x VDD 0.95x VDD VDD=VDET -0.1V, IOL=3.2mA 0.18 0.40 1describes VDD Voltage when Output Voltage becomes equal or less than 0.3V. 13 R3130N/R3131N * R3131N16EA/C to R3131N48EA/C Detector Threshold Part Number VDET (V) Min. R3131N16EA/C R3131N17EA/C R3131N18EA/C R3131N19EA/C R3131N20EA/C R3131N21EA/C R3131N22EA/C R3131N23EA/C R3131N24EA/C R3131N25EA/C R3131N26EA/C R3131N27EA/C R3131N28EA/C R3131N29EA/C R3131N30EA/C R3131N31EA/C R3131N32EA/C R3131N33EA/C R3131N34EA/C R3131N35EA/C R3131N36EA/C R3131N37EA/C R3131N38EA/C R3131N39EA/C R3131N40EA/C R3131N41EA/C R3131N42EA/C R3131N43EA/C R3131N44EA/C R3131N45EA/C R3131N46EA/C R3131N47EA/C R3131N48EA/C 1.576 1.675 1.773 1.872 1.970 2.069 2.167 2.266 2.364 2.463 2.561 2.660 2.758 2.857 2.955 3.054 3.152 3.251 3.349 3.448 3.546 3.645 3.743 3.842 3.940 4.039 4.137 4.236 4.334 4.433 4.531 4.630 4.728 Typ. 1.600 1.700 1.800 1.900 2.000 2.100 2.200 2.300 2.400 2.500 2.600 2.700 2.800 2.900 3.000 3.100 3.200 3.300 3.400 3.500 3.600 3.700 3.800 3.900 4.000 4.100 4.200 4.300 4.400 4.500 4.600 4.700 4.800 Max. 1.624 1.725 1.827 1.928 2.030 2.131 2.233 2.334 2.436 2.537 2.639 2.740 2.842 2.943 3.045 3.146 3.248 3.349 3.451 3.552 3.654 3.755 3.857 3.958 4.060 4.161 4.263 4.364 4.466 4.567 4.669 4.770 4.872 1.30 1.15 VDD=6.0V 1.40 5.00 VDD=VDET +0.1V 4.00 VDD=VDET -0.1V 3.50 1.25 1.10 1.20 1.00 ISS1 (A) Condition Typ. Max. ISS2 (A) Condition Typ. Max. ISS3 (A) Condition Typ. Max. Supply Current 1 Supply Current 2 Supply Current 3 14 R3130N/R3131N Topt=25C "H" Output Voltage "L" Output Voltage Minimum Operating Voltage VDDL (V) Max. Typ. Max. Min. Output Delay Time Detector Threshold Temperature Coefficient VDET/Topt (ppm/C) Max. Condition Typ VOH (V) Condition Min. Typ. Condition VOL (V) Typ. Tdelay (ms) Typ. VDD=VDET -0.1V IOH= -150A 0.80x VDD 0.95x VDD VDD=VDET +0.1V, IOL=1.2mA 0.16 0.30 VDD=VDET -0.1V IOH= -500A 0.80x VDD 0.93x VDD 2 0.90 2 1.00 -40C < Topt < = = 85C 216 240 264 100 VDD=VDET -0.1V IOH= -800A 0.80x VDD 0.95x VDD VDD=VDET +0.1V, IOL=3.2mA 0.18 0.40 2 CMOS Output Type; describes VDD voltage when Output Voltage becomes equal or more than VDDx0.8V Nch Open Drain Output Type; describes VDD voltage when Off-leakage Current becomes equal or less than 0.1A. 15 R3130N/R3131N OPERATION * Operation of R3130N Series VDD Ra + Vref Comparator Rb Nch Delay Circuit Pch CMOS output type OUT pin is connected to the drain of Nch Tr. and Pch Tr. in this IC. Nch open drain output type OUT pin is connected to the drain of Nch Tr. in this IC. (OUT pin should be pulled up to VDD or an external voltage level.) OUT GND Block Diagram 1 2 3 4 B Supply Voltage (VDD) A Detector Threshold(VDET) =Released Voltage Minimum Operating Voltage(VDDL) GND 5 Output Voltage (OUT) Tdelay GND Operating Diagram In the above diagram, 1 Output voltage becomes equal to supply voltage (Nch open drain output Type; equal to pull-up Voltage). 2When supply voltage is down to the detector threshold level (Point A), Vref > VDDx Rb/(Ra+Rb) is true. Then, = Output of the comparator is reversed, thus output voltage becomes equal to GND level. 3 When supply voltage is lower than minimum operating voltage, output of transistor is indefinite, therefore output is also indefinite. 4 Output voltage is equal to GND level. 5 When supply voltage is higher than released voltage (Point B), Vref < VDDx Rb/(Ra+Rb) is true. Then output = of the comparator is reversed, thus output voltage becomes equal to supply voltage (Nch open drain output type; equal to pull-up voltage). There is no hysteresis range between detector threshold and released voltage. 16 R3130N/R3131N * Operation of R3131N Series VDD Ra + Vref Comparator Rb Nch Delay Circuit Pch CMOS output type OUT pin is connected to the drain of Nch Tr. and Pch Tr. in this IC. Nch open drain output type: I OUT pin is connected to the drain of Nch Tr. in this IC. (OUT pin should be pulled up to VDD or an external voltage level.) OUT GND Block Diagram 1 2 3 4 B Supply Voltage (VDD) A Detector Threshold(VDET) =Released Voltage Minimum Operating Voltage(VDDL) GND 5 Output Voltage (OUT) Tdelay GND Operation Diagram In the above diagram, 1 Output voltage becomes equal to GND level. 2When supply voltage is down to the detector threshold level (Point A), Vref > VDDx Rb/(Ra+Rb) is true. Then, = output of the comparator is reversed, thus output voltage becomes equal to supply voltage (Nch open drain output type; equal to pull-up Voltage). 3 When supply voltage is lower than minimum operating voltage, Output of transistor is indefinite, therefore output is also indefinite.(Nch open drain output type; Output voltage level is equal to pull-up voltage.) 4 Output voltage is equal to supply voltage. (Nch open drain output type; equal to pull-up voltage.) 5 When supply voltage is higher than released voltage (Point B), Vref < VDDx Rb/(Ra+Rb) is true. Then output = of the comparator is reversed, thus output voltage becomes equal to GND level after the output delay time. There is no hysteresis range between detector threshold and released voltage. 17 R3130N/R3131N TEST CIRCUITS ISS VDD VIN R313xN Series GND 5V VDD VIN R313xN Series GND 470k OUT VOUT OUT Test Circuit for Supply Current Test Circuit for Detector Threshold (CMOS Output type; pull-up part is not necessary.) VDD VDD VIN R313xN Series GND OUT VOH V IOUT GND VIN R313xN Series OUT VOL V IOUT Test Circuit for "H" Output Voltage (CMOS Output Type only) (VDET)+1.0V Input Voltage VDD Ioz VIN R313xN Series GND OUT VDS Test Circuit for "L" Output Voltage 1.0V GND VIN R3130N Series VDD R313xN Series GND R3131N Series VOUT OUT Output Voltage 100% 50% GND Tdelay Test Circuit for Off Leakage Current Test Circuit for Output Delay Time (CMOS Output type; pull-up is not necessary.) 18 R3130N/R3131N TYPICAL CHARACTERISTICS 1) Supply Current vs. Input Voltage R3131N26xx3 2.0 Supply Current ISS[A] Supply Current ISS[A] R3131N29xx3 2.0 Topt=85C 1.6 1.2 0.8 0.4 0.0 0 1 2 3 4 5 6 -40C Topt=85C 25C 1.6 1.2 0.8 0.4 0.0 0 1 2 25C -40C 3 4 5 6 Input Voltage VIN[V] Input Voltage VIN[V] R3131N30xx8 2.0 Supply Current ISS[A] R3131N40xx 2.0 Topt=85C Supply Current ISS[A] 1.6 1.2 0.8 0.4 0.0 0 1 2 25C 1.6 1.2 0.8 0.4 0.0 0 1 2 25C Topt=85C -40C -40C 3 4 5 6 3 4 5 6 Input Voltage VIN[V] Input Voltage VIN[V] R3131N44xx 2.0 Supply Current ISS[A] R3131N46xx5 2.0 1.6 1.2 0.8 0.4 0.0 0 1 2 3 25C Supply Current ISS[A] Topt=85C 1.6 1.2 0.8 0.4 0.0 0 1 2 3 Topt=85C 25C -40C -40C 4 5 6 4 5 6 Input Voltage VIN[V] Input Voltage VIN[V] 19 R3130N/R3131N 2) Detector Threshold vs. Temperature R3130N26xx3 2.67 2.99 R3130N29xx3 Detector Threshold -VDET[V] 2.97 2.95 2.93 2.91 2.89 2.87 -50 -25 0 25 50 75 100 Detector Threshold -VDET[V] 2.65 2.63 2.61 2.59 2.57 -50 -25 0 25 50 75 100 Temperature Topt[C] Temperature Topt[C] R3130N30xx8 3.13 4.08 R3130N40xx Detector Threshold -VDET[V] 4.06 4.04 4.02 4.00 3.98 3.96 3.94 3.92 -50 -25 0 25 50 75 100 Detector Threshold -VDET[V] 3.11 3.09 3.07 3.05 3.03 3.01 -50 -25 0 25 50 75 100 Temperature Topt[C] Temperature Topt[C] R3130N44xx 4.45 R3130N46xx5 4.69 Detector Threshold -VDET[V] 4.43 4.41 4.39 4.37 4.35 4.33 4.31 4.29 -50 -25 0 25 50 75 100 Detector Threshold -VDET[V] 4.67 4.65 4.63 4.61 4.59 4.57 4.55 4.53 -50 -25 0 25 50 75 100 Temperature Topt[C] Temperature Topt[C] 20 R3130N/R3131N 3) Nch Driver Output Current vs. VDS R3130N26xx3 10 10 R3130N29xx3 Nch Driver Output Current IOUT[mA] VDD=2.0V 8 6 4 2 0 0.0 0.5 1.0V 1.0 VDS[V] 1.5 2.0 VDD=2.0V Nch Driver Output Current IOUT[mA] 8 6 4 2 0 0.0 0.5 1.0V 1.0 VDS[V] 1.5 2.0 R3130N30xx8 10 Nch Driver Output Current IOUT[mA] 20 R3130N40xx Nch Driver Output Current IOUT[mA] 8 6 4 2 0 0.0 0.5 1.0V 1.0 VDS[V] VDD=2.0V VDD=3.0V 15 10 5 1.0V 0 0.0 0.5 1.0 1.5 VDS[V] 2.0 2.5 3.0 2.0V 1.5 2.0 R3130N44xx 20 R3130N46xx5 Nch Driver Output Current IOUT[mA] 3.0V Nch Driver Output Current IOUT[mA] VDD=4.0V 20 15 10 5 VDD=4.0V 3.0V 15 10 5 1.0V 0 0.0 0.5 1.0 1.5 VDS[V] 2.0 2.5 3.0 2.0V 2.0V 1.0V 0 0.0 0.5 1.0 1.5 VDS[V] 2.0 2.5 3.0 21 R3130N/R3131N R3131N26xx3 20 R3131N29xx3 20 VDD=3.0V Nch Driver Output Current IOUT[mA] Nch Driver Output Current IOUT[mA] 6.0V 4.0V 6.0V 4.0V VDD=3.0V 5.0V 15 10 5 0 0.0 5.0V 15 10 5 0 0.0 0.5 1.0 1.5 VDS[V] 2.0 2.5 3.0 0.5 1.0 1.5 VDS[V] 2.0 2.5 3.0 R3131N30xx8 20 R3131N40xx 20 Nch Driver Output Current IOUT[mA] 15 5.0V 10 5 0 0.0 Nch Driver Output Current IOUT[mA] 6.0V VDD=4.0V 6.0V VDD=5.0V 15 10 5 0 0.0 0.5 1.0 1.5 VDS[V] 2.0 2.5 3.0 0.5 1.0 1.5 VDS[V] 2.0 2.5 3.0 R3131N44xx 20 R3131N46xx5 20 Nch Driver Output Current IOUT[mA] Nch Driver Output Current IOUT[mA] 6.0V VDD=5.0V 6.0V VDD=5.0V 15 10 5 0 0.0 15 10 5 0 0.0 0.5 1.0 1.5 VDS[V] 2.0 2.5 3.0 0.5 1.0 1.5 VDS[V] 2.0 2.5 3.0 22 R3130N/R3131N 4) Nch Driver Output Current vs. Input Voltage R3130N26xx3 10 9 8 7 6 5 4 3 2 1 0 VDS=0.5V Nch Driver Output Current IOUT[mA] Nch Driver Output Current IOUT[mA] R3130N29xx3 10 9 8 7 6 5 4 3 2 1 0 VDS=0.5V Topt=-40C 25C Topt=-40C 25C 85C 85C 0 0.5 1 1.5 2 2.5 3 0 0.5 1 1.5 2 2.5 3 Input Voltage VIN[V] Input Voltage VIN[V] R3130N30xx8 12 Nch Driver Output Current IOUT[mA] R3130N40xx VDS=0.5V Nch Driver Output Current IOUT[mA] 12 10 8 6 4 2 0 0 1 2 3 25C VDS=0.5V Topt=-40C 10 8 6 4 2 0 0 0.5 1 1.5 Topt=-40C 25C 85C 85C 2 2.5 3 3.5 4 5 Input Voltage VIN[V] Input Voltage VIN[V] R3130N44xx 14 Nch Driver Output Current IOUT[mA] R3130N46xx5 VDS=0.5V Nch Driver Output Current IOUT[mA] 12 10 8 6 4 2 0 0 1 2 Topt=-40C 25C 14 12 10 8 6 4 2 0 0 1 2 VDS=0.5V Topt=-40C 25C 85C 85C 3 4 5 3 4 5 Input Voltage VIN[V] Input Voltage VIN[V] 23 R3130N/R3131N R3131N26xx3 16 Nch Driver Output Current IOUT[mA] R3131N29xx3 VDS=0.5V Topt=-40C 16 Nch Driver Output Current IOUT[mA] VDS=0.5V Topt=-40C 25C 14 12 10 8 6 4 2 0 0 1 2 25C 14 12 10 8 6 4 2 0 0 1 2 85C 85C 3 4 5 6 3 4 5 6 Input Voltage VIN[V] Input Voltage VIN[V] R3131N30xx8 16 Nch Driver Output Current IOUT[mA] R3131N40xx 16 Nch Driver Output Current IOUT[mA] 14 12 10 8 6 4 2 0 0 1 2 VDS=0.5V Topt=-40C 25C 14 12 10 8 6 4 2 0 0 1 2 VDS=0.5V Topt=-40C 25C 85C 85C 3 4 5 6 3 4 5 6 Input Voltage VIN[V] Input Voltage VIN[V] R3131N44xx 16 Nch Driver Output Current IOUT[mA] R3131N46xx5 VDS=0.5V Nch Driver Output Current IOUT[mA] 14 12 10 8 6 4 2 0 0 1 2 Topt=-40C 25C 16 14 12 10 8 6 4 2 0 0 1 2 VDS=0.5V Topt=-40C 25C 85C 85C 3 4 5 6 3 4 5 6 Input Voltage VIN[V] Input Voltage VIN[V] 24 R3130N/R3131N 5) Pch Driver Output Current vs. Input Voltage R3130N26xx3 12 Pch Driver Output Current IOUT[mA] Pch Driver Output Current IOUT[mA] R3130N29xx3 12 10 8 6 4 2 0 0 1 2 3 4 5 6 -1.0V -0.5V VDS=-2.1V -1.5V 10 8 6 4 2 0 0 1 2 3 VDS=-2.1V -1.5V -1.0V -0.5V 4 5 6 Input Voltage VIN[V] Input Voltage VIN[V] R3130N30xx8 12 Pch Driver Output Current IOUT[mA] Pch Driver Output Current IOUT[mA] R3130N40xx 12 VDS=-2.1V -1.5V 10 8 6 4 2 0 0 1 2 3 4 5 6 -1.0V -0.5V VDS=-2.1V -1.5V 10 8 6 4 2 0 0 1 2 3 -1.0V -0.5V 4 5 6 Input Voltage VIN[V] Input Voltage VIN[V] R3130N44xx 12 Pch Driver Output Current IOUT[mA] 12 R3130N46xx5 Pch Driver Output Current IOUT[mA] 10 8 6 4 2 0 0 1 2 3 VDS=-2.1V -1.5V 10 8 6 4 2 0 0 1 2 3 VDS=-2.1V -1.5V -1.0V -0.5V -1.0V -0.5V 4 5 6 4 5 6 Input Voltage VIN[V] Input Voltage VIN[V] 25 R3130N/R3131N R3131N26xx3 4 5 Pch Driver Output Current IOUT[mA] R3131N29xx3 VDS=-2.1V VDS=-2.1V 4 3 2 1 0 0 1 2 3 -1.5V -1.0V -0.5V Pch Driver Output Current IOUT[mA] 3 2 1 0 -1.5V -1.0V -0.5V 0 0.5 1 1.5 2 2.5 3 4 Input Voltage VIN[V] Input Voltage VIN[V] R3131N30xx8 5 Pch Driver Output Current IOUT[mA] R3131N40xx Pch Driver Output Current IOUT[mA] VDS=-2.1V -1.5V -1.0V -0.5V 8 7 6 5 4 3 2 1 0 0 1 2 3 VDS=-2.1V -1.5V -1.0V -0.5V 4 3 2 1 0 0 1 2 3 4 4 5 Input Voltage VIN[V] Input Voltage VIN[V] R3131N44xx 10 Pch Driver Output Current IOUT[mA] R3131N46xx5 10 Pch Driver Output Current IOUT[mA] 8 6 4 2 0 0 1 2 3 VDS=-2.1V VDS=-2.1V 8 6 4 2 0 0 1 2 3 4 -1.5V -1.0V -0.5V -1.5V -1.0V -0.5V 4 5 5 Input Voltage VIN[V] Input Voltage VIN[V] 26 R3130N/R3131N 6) Output Delay Time at Detection Mode vs. Temperature R3131N26xx3 Output Delay Time at Detection Mode Trst[s] Output Delay Time at Detection Mode Trst[s] 50 40 30 20 10 0 -50 -25 0 25 50 75 100 50 40 30 20 10 0 -50 -25 0 25 50 75 100 R3131N29xx3 Temperature Topt[C] Temperature Topt[C] R3131N30xx8 Output Delay Time at Detection Mode Trst[s] Output Delay Time at Detection Mode Trst[s] 50 40 30 20 10 0 -50 -25 0 25 50 75 100 50 40 30 20 10 0 -50 R3131N40xx -25 0 25 50 75 100 Temperature Topt[C] Temperature Topt[C] R3131N44xx Output Delay Time at Detection Mode Trst[s] R3131N46xx5 Output Delay Time at Detection Mode Trst[s] 50 40 30 20 10 0 -50 -25 0 25 50 75 100 50 40 30 20 10 0 -50 -25 0 25 50 75 100 Temperature Topt[C] Temperature Topt[C] 27 R3130N/R3131N 7) Power-on Reset Delay Time vs. Temperature R3131NxxAx 75 R3131NxxBx 140 Power-on Reset Delay Time Tdelay[ms] 65 55 45 35 -50 Power-on Reset Delay Time Tdelay[ms] 120 100 80 60 -50 -25 0 25 50 75 100 -25 0 25 50 75 100 Temperature Topt[C] Temperature Topt[C] R3131NxxDx 250 360 R3131NxxEx Power-on Reset Delay Time Tdelay[ms] Power-on Reset Delay Time Tdelay[ms] 225 200 175 150 -50 320 280 240 200 -50 -25 0 25 50 75 100 -25 0 25 50 75 100 Temperature Topt[C] Temperature Topt[C] R3131NxxHx 500 Power-on Reset Delay Time Tdelay[ms] 450 400 350 300 -50 -25 0 25 50 75 100 Temperature Topt[C] 28 R3130N/R3131N TECHNICAL NOTES VDD R VDD R313xN Series GND VDD R1 VDD R2 OUT R313xN Series GND OUT Figure A Figure B As shown wiring in Figure A and Figure B may cause unstable operation by cross conduction current at detection of all types of R313xN Series. The detector threshold may shift because of voltage drop by consumption current of this IC itself. At the power-on state, if VDD starts up from minimum input voltage (1V) or less very rapidly, the internal initialization may not be finished, and output may be unstable. If the transient time from the minimum input voltage to the detector threshold level at the power-on state is 30s or less, fully evaluation is necessary. 29 |
Price & Availability of R3130N04
![]() |