Part Number Hot Search : 
FARM2C22 PYQ2898 71M65 STK4234 L6416 STK4234 12MTB100 01900
Product Description
Full Text Search
 

To Download R2J20653ANP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
R2J20653ANP
Integrated Driver - MOS FET (DrMOS)
REJ03G1849-0100 Rev.1.00 Dec 07, 2009
Description
The R2J20653ANP multi-chip module incorporates a high-side MOS FET, low-side MOS FET, and MOS-FET driver in a single QFN package. The on and off timing of the power MOS FET is optimized by the built-in driver, making this device suitable for large-current buck converters. The chip also incorporates a high-side bootstrap switch, eliminating the need for an external SBD for this purpose.
Features
* * * * * * * * * * * * * * * Compliant with Intel 6 x 6 DrMOS specification Built-in power MOS FET suitable for Notebook, Desktop, Server application Low-side MOS FET with built-in SBD for lower loss and reduced ringing Built-in driver circuit which matches the power MOS FET Built-in tri-state input function which can support a number of PWM controllers High-frequency operation (above 1 MHz) possible VIN operating-voltage range: 27 V max Large average output current (Max. 35 A) Achieve low power dissipation Controllable driver: Remote on/off Low-side MOS FET disabled function for DCM operation Double thermal protection: Thermal warning & Thermal shutdown Built-in bootstrapping switch Small package: QFN40 (6 mm x 6 mm x 0.95 mm) Terminal Pb-free/Halogen-free
Outline
Integrated Driver-MOS FET (DrMOS) QFN40 package 6 mm x 6 mm VCIN BOOT GH VIN 40 THWN Driver Pad High-side MOS Pad 1 10 11
DISBL# MOS FET Driver LSDBL# Low-side MOS Pad PWM 31 CGND VDRV GL PGND 30 (Bottom view) 21 20 VSWH
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 1 of 12
R2J20653ANP
Preliminary
Block Diagram
Driver Chip VCIN VDRV BOOT GH
THWN DISBL#
THWN
THDN
Boot SW
VIN High Side MOS FET
2 A CGND
UVL
VCIN
Level Shifter
25 k
CGND
150 k
LSDBL#
VCIN
VSWH PWM
Input Logic (TTL Level) (3 state in) Overlap Protection. & Logic
VDRV
Low Side MOS FET
20 A
PGND
CGND
GL
Notes: 1. Truth table for the DISBL# pin.
DISBL# Input "L" "Open" "H" Driver Chip Status Shutdown (GL, GH = "L") Shutdown (GL, GH = "L") Enable (GL, GH = "Active")
2. Truth table for the LSDBL# pin.
LSDBL# Input "L" "Open" "H" "L" "Active" "Active" GL Status
3. Output signal from the UVL block
UVL output Logic Level "H" For shutdown "L" VL VH VCIN For active
4. Output signal from the THWN block
"H" Thermal Warning Logic Level "L" Normal operating Thermal Warning TIC(C) TwarnL TwarnH
5. Truth table for the THDN block
Driver IC Temp. < 150C (< 135C on cancellation) > 150C Driver Chip Status Enable (GL, GH = "Active") Shutdown (GL, GH = "L")
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 2 of 12
R2J20653ANP
Preliminary
Pin Arrangement
LSDBL#
1 40 39
VSWH
CGND
BOOT
4
VDRV
3
10
9
8
7
6
5
VIN VIN VIN VIN VSWH PGND PGND PGND PGND PGND
VCIN
2
VIN
VIN
VIN
GH
11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
PWM DISBL# THWN CGND GL VSWH VSWH VSWH VSWH VSWH
VIN
CGND
38 37 36 35
VSWH
34 33 32 31
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
VSWH
(Top view)
Note: All die-pads (three pads in total) should be soldered to PCB.
Pin Description
Pin Name LSDBL# VCIN VDRV BOOT CGND GH VIN VSWH PGND GL THWN DISBL# Pin No. 1 2 3 4 5, 37, Pad 6 8 to 14, Pad 7, 15, 29 to 35, Pad 16 to 28 36 38 39 Description Low-side gate disable Control input voltage (+5 V input) Gate supply voltage (+5 V input) Bootstrap voltage pin Control signal ground High-side gate signal Input voltage Phase output/Switch output Power ground Low-side gate signal Thermal warning Signal disable Remarks When asserted "L" signal, Low-side gate disable Driver Vcc input 5 V gate drive To be supplied +5 V through internal switch Should be connected to PGND externally Pin for monitor
Pin for monitor Thermal warning when over 115C Disabled when DISBL# is "L" This pin is pulled low when internal IC over the thermal shutdown level, 150C. 5 V logic input
PWM
40
PWM drive logic input
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 3 of 12
VSWH
R2J20653ANP
Preliminary
Absolute Maximum Ratings
(Ta = 25C)
Item Power dissipation Average output current Input voltage Supply voltage & Drive voltage Switch node voltage BOOT voltage I/O voltage THWN current Operating junction temperature Storage temperature Notes: 1. 2. 3. 4. 5. Symbol Pt(25) Pt(110) Iout VIN (DC) VIN (AC) VCIN & VDRV VSWH (DC) VSWH (AC) VBOOT (DC) VBOOT (AC) Vpwm, Vdisble, Vlsdbl, Vthwn Ithwn Tj-opr Tstg Rating 25 8 35 -0.3 to +27 30 -0.3 to +6 27 30 32 36 -0.3 to VCIN + 0.3 0 to 1.0 -40 to +150 -55 to +150 Units W A V V V V V mA C C Note 1
2 2, 4 2 2 2, 4 2 2, 4 2, 5
Pt(25) represents a PCB temperature of 25C, and Pt(110) represents 110C. Rated voltages are relative to voltages on the CGND and PGND pins. For rated current, (+) indicates inflow. The specification values indicated "AC" are limited within 100 ns. VCIN + 0.3 V < 6 V
Safe Operating Area
45
Average Output Current (A)
40 35 30 25 20 15 10 5 0 0 25 50 75 100 125 150 175 PCB Temperature (C) Condition VOUT = 1.3 V VIN = 12 V VCIN = 5 V VDRV = 5 V L = 0.45 H Fsw = 1 MHz
Recommended Operating Condition
Item Input voltage Supply voltage & Drive voltage Symbol VIN VCIN & VDRV Rating 4.5 to 22 4.5 to 5.5 Units V V Note
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 4 of 12
R2J20653ANP
Preliminary
Electrical Characteristics
(Ta = 25C, VCIN = 5 V, VDRV = 5 V, VSWH = 0 V, unless otherwise specified)
Item Supply VCIN start threshold VCIN shutdown threshold UVLO hysteresis VCIN operating current VCIN disable current PWM input PWM rising threshold PWM falling threshold PWM input resistance Tri-state shutdown window Shutdown hold-off time DISBL# input Disable threshold Enable threshold Input current THDN on resistance LSDBL# input Thermal warning Low-side activation threshold Low-side disable threshold Input current Warning temperature Temperature hysteresis THWN on resistance THWN leakage current Thermal shutdown Shutdown temperature Temperature hysteresis Symbol VH VL dUVL ICIN ICIN-DISBL VH-PWM VL-PWM RIN-PWM VIN-SD tHOLD-OFF *1 VDISBL VENBL IDISBL RTHDN * VLSDBLH VLSDBLL ILSDBL TTHWN *1 THYS *1 RTHWN *1 ILEAK Tstdn *1 TDHYS *1
1
Min 4.1 3.6 -- -- -- 3.0 0.9 10 VL-PWM -- 0.9 1.9 -- 0.2 1.9 0.9 -56 95 -- 0.2 -- 130 --
Typ 4.3 3.8 0.5 33 -- 3.4 1.2 20 -- 100 1.2 2.4 2.0 0.5 2.4 1.2 -27 115 15 0.5 0.001 150 15
Max 4.5 4.0 -- -- 2 3.8 1.5 40 VH-PWM -- 1.5 2.9 5.0 1.0 2.9 1.5 -14 135 -- 1.0 1.0 -- --
Units V V V mA mA V V k V ns V V A k V V A C C k A C C
Test Conditions
VH - VL fPWM = 1 MHz, Ton_pwm = 120 ns DISBL# = 0 V, PWM = 0 V, LSDBL# = Open
PWM = 1 V
DISBL# = 1 V THDN = 0.2 V
LSDBL# = 1 V Driver IC temperature THWN = 0.2 V THWN = 5 V Driver IC temperature
Note:
1. Reference values for design. Not 100% tested in production.
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 5 of 12
R2J20653ANP
Preliminary
Typical Application
4.5 to 22 V +5 V
VCIN THWN
VDRV BOOT
GH VIN
DISBL# R2J20653A
NP
LSDBL# PWM CGND
VSWH
PGND GL
VCIN THWN
VDRV BOOT
GH VIN
DISBL# R2J20653A
NP
LSDBL# PWM CGND PWM1
VSWH
PGND GL
+1.3 V
PWM Control Circuit
PWM2
PWM3 VCIN PWM4 THWN DISBL# R2J20653A VIN VDRV BOOT GH
NP
LSDBL# PWM CGND
VSWH
Power GND Signal GND
PGND GL
VCIN THWN
VDRV BOOT
GH VIN
DISBL# R2J20653A
NP
LSDBL# PWM CGND
VSWH
PGND GL
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 6 of 12
R2J20653ANP
Preliminary
Pin Connection
+5 V
0.1 F
1.0 F
CGND VIN (4.5 V~22 V) 0~10 Low Side Disable Signal INPUT
CGND
10 11
10 F x 4
9
8
7
6
5
4
3
2
1
BOOT
CGND
VDRV
VCIN
VIN
LSDBL#
VSWH
GH
40 39 38
PWM DISBL# THWN
PWM INPUT
12
PGND
13 14 VIN 15 VSWH 16 PGND 17 18 19 20
VIN PAD
CGND PAD
CGND 37
10 k +5 V 10 k +5 V
R2J20653ANP
VSWH PAD
GL 36 VSWH 35
34 33
Thermal Shutdown
VSWH
PGND
32 31
Thermal Warning 0.45 H Vout
21 22 23 24 25 26 27 28 29 30
PGND PGND
Power GND
Signal GND
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 7 of 12
R2J20653ANP
Preliminary
Description of Operation
The DrMOS multi-chip module incorporates a high-side MOS FET, low-side MOS FET, and MOS-FET driver in a single QFN package. Since the parasitic inductance between each chip is extremely small, the module is highly suitable for use in buck converters to be operated at high frequencies. The control timing between the high-side MOS FET, lowside MOS FET, and driver is optimized so that high efficiency can be obtained at low output-voltage. VCIN & DISBL# The VCIN pin is connected to the UVL (under-voltage lockout) module, so that the driver is disabled as long as VCIN is 4.3 V or less. On cancellation of UVL, the driver remains enabled until the UVL input is driven to 3.8 V or less. The signal on pin DISBL# also enables or disables the circuit. Voltages from -0.3 V to VCIN can be applied to the DISBL# pin, so on/off control by a logic IC or the use of a resistor, etc., to pull the DISBL# line up to VCIN are both possible.
VCIN L H H H DISBL# L H Open Driver State Disable (GL, GH = L) Disable (GL, GH = L) Active Disable (GL, GH = L)
The pulled-down MOS FET, which is turned on when internal IC temperature becomes over thermal shutdown level, is connected to the DISBL# pin. The detailed function is described in THDN section. PWM & LSDBL# The PWM pin is the signal input pin for the driver chip. The input-voltage range is -0.3 V to (VCIN + 0.3 V). When the PWM input is high, the gate of the high-side MOS FET (GH) is high and the gate of the low-side MOS FET (GL) is low.
PWM L H GH L H GL H L
The LSDBL# pin is the low-side gate disable pin for "Discontinuous Conduction Mode (DCM)" when LSDBL# is low. Figure 1 shows the typical high-side and low-side gate switching and inductor current (IL) during Continuous Conduction Mode (CCM) and low-side gate disabled when asserting low-side disable signal. This pin is internally pulled up to VCIN with 150 k resistor. When low-side disable function is not used, keep this pin open or pulled up to VCIN.
CCM Operation (LSDBL# = "H" or Open mode) IL GH GL
Figure 1.1 Typical Signals during CCM
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 8 of 12
R2J20653ANP
DCM Operation (LSDBL# = "L") IL 0A
Preliminary
GH GL
Figure 1.2 Typical Signals during Low-Side Disable Operation The PWM input is TTL level and has hysteresis. When the signal route from the control IC is high impedance, the tristate function turns off the high- and low-side MOS FETs. This function operates when the PWM input signal stays in the input hysteresis window for 100 ns (typ.). After the tri-state mode has been entered and GH and GL have become low, a PWM input voltage of 3.4 V or more is required to make the circuit return to normal operation.
100 ns (tHOLD-OFF) 100 ns (tHOLD-OFF)
3.4 V
PWM 1.2 V
GH
GL
100 ns (tHOLD-OFF)
100 ns (tHOLD-OFF)
3.4 V
PWM 1.2 V
GH
GL
Figure 2
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 9 of 12
R2J20653ANP
Preliminary
The equivalent circuit for the PWM-pin input is shown in the next figure. M1 is in the ON state during normal operation; after the PWM input signal has stayed in the hysteresis window for 100 ns (typ.) and the tri-state detection signal has been driven high, the transistor M1 is turned off. When VCIN is powered up, M1 is started in the OFF state regardless of PWM Low or Open state. After PWM is asserted high signal, M1 becomes ON and shifts to normal operation.
VCIN M1 20 k PWM Pin Input Logic 20 k Tri-state detection signal To internal control DISBL#
Figure 3 Equivalent Circuit for the PWM-pin Input THWN & THDN This device has two level thermal detection, one is thermal warning and the other is thermal shutdown function. This thermal warning feature is the indication of the high temperature status. THWN is an open drain logic output signal and need to connect a pull-up resistor (ex. 51 k) to THWN for systems with the thermal warning implementation. When the chip temperature of the internal driver IC becomes over 115C, thermal warning function operates. This signal is only indication for the system controller and does not disable DrMOS operation. When thermal warning function is not used, keep this pin open.
Thermal warning
"H" THWN output Logic Level "L"
Normal operating
100
115
TIC (C)
Figure 4 THWN Trigger Temperature
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 10 of 12
R2J20653ANP THDN is an internal thermal shutdown signal when driver IC becomes over 150C.
Preliminary
This function makes high-side MOS FET and low-side MOS FET turn off for the device protection from abnormal high temperature situation and at the same time DISBL# pin is pulled low internally to give notice to the system controller. Figure 5 shows the example of two types of DISBL# connection with the system controller signal.
Driver IC Temp. < 150C (< 135C on cancellation) > 150C Driver Chip Status Enable (GL, GH = "Active") Shutdown (GL, GH = "L")
5V 10 k DISBL#
2 A
To Internal Logic
10 k DISBL#
2 A
To Internal Logic
To shutdown signal
Thermal Shutdown Detection
ON/OFF signal
Thermal Shutdown Detection
Figure 5.1 THDN Signal to the System Controller
Figure 5.2 ON/OFF Signal from the System Controller
MOS FETs The MOS FETs incorporated in R2J20653ANP are highly suitable for synchronous-rectification buck conversion. For the high-side MOS FET, the drain is connected to the VIN pin and the source is connected to the VSWH pin. For the low-side MOS FET, the drain is connected to the VSWH pin and the source is connected to the PGND pin.
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 11 of 12
R2J20653ANP
Preliminary
Package Dimensions
JEITA Package Code P-HVQFN40-p-0606-0.50 RENESAS Code PVQN0040KC-A Previous Code -- MASS[Typ.] --
HD D
2.2
0.2 0.2
B
INDEX
1pin 40
4-C0.50
40
1pin
B 2.2 C0.3
E /2
1.95
A
2.2
0.7 0.2
Reference Symbol
HD/2
D /2
HE E
1.95
HE/2
t S AB
e y1 S
X4 f S AB b
2.2
X4
20
20
L1
x
S AB
S
A A2 0.69
A1
c2
Lp
yS
Ordering Information
Part Name R2J20653ANP#G3 Quantity 2500 pcs Shipping Container Taping Reel
REJ03G1849-0100 Rev.1.00 Dec 07, 2009 Page 12 of 12
2.05
ZD
ZE
4(0 .1 39 )
1.95
2-A section
CAV No. Die No.
Dimension in Millimeters
1.95
2.05
Min Nom Max D 5.95 6.00 6.05 5.95 6.00 6.05 E A2 0.87 0.89 0.91 f -- -- 0.20 A 0.865 0.91 0.95 A1 0.005 0.02 0.04 b 0.17 0.22 0.27 b1 0.16 0.20 0.24 -- 0.50 -- e Lp 0.40 0.50 0.60 x -- -- 0.05 y -- -- 0.05 y1 -- -- 0.20 t -- -- 0.20 HD 6.15 6.20 6.25 HE 6.15 6.20 6.25 ZD -- 0.75 -- ZE -- 0.75 -- L1 0.06 0.10 0.14 c1 0.17 0.20 0.23 c2 0.17 0.22 0.27
Sales Strategic Planning Div.
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
Notes: 1. This document is provided for reference purposes only so that Renesas customers may select the appropriate Renesas products for their use. Renesas neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any other rights of Renesas or any third party with respect to the information in this document. 2. Renesas shall have no liability for damages or infringement of any intellectual property or other rights arising out of the use of any information in this document, including, but not limited to, product data, diagrams, charts, programs, algorithms, and application circuit examples. 3. You should not use the products or the technology described in this document for the purpose of military applications such as the development of weapons of mass destruction or for the purpose of any other military use. When exporting the products or technology described herein, you should follow the applicable export control laws and regulations, and procedures required by such laws and regulations. 4. All information included in this document such as product data, diagrams, charts, programs, algorithms, and application circuit examples, is current as of the date this document is issued. Such information, however, is subject to change without any prior notice. Before purchasing or using any Renesas products listed in this document, please confirm the latest product information with a Renesas sales office. Also, please pay regular and careful attention to additional and different information to be disclosed by Renesas such as that disclosed through our website. (http://www.renesas.com ) 5. Renesas has used reasonable care in compiling the information included in this document, but Renesas assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. 6. When using or otherwise relying on the information in this document, you should evaluate the information in light of the total system before deciding about the applicability of such information to the intended application. Renesas makes no representations, warranties or guaranties regarding the suitability of its products for any particular application and specifically disclaims any liability arising out of the application and use of the information in this document or Renesas products. 7. With the exception of products specified by Renesas as suitable for automobile applications, Renesas products are not designed, manufactured or tested for applications or otherwise in systems the failure or malfunction of which may cause a direct threat to human life or create a risk of human injury or which require especially high quality and reliability such as safety systems, or equipment or systems for transportation and traffic, healthcare, combustion control, aerospace and aeronautics, nuclear power, or undersea communication transmission. If you are considering the use of our products for such purposes, please contact a Renesas sales office beforehand. Renesas shall have no liability for damages arising out of the uses set forth above. 8. Notwithstanding the preceding paragraph, you should not use Renesas products for the purposes listed below: (1) artificial life support devices or systems (2) surgical implantations (3) healthcare intervention (e.g., excision, administration of medication, etc.) (4) any other purposes that pose a direct threat to human life Renesas shall have no liability for damages arising out of the uses set forth in the above and purchasers who elect to use Renesas products in any of the foregoing applications shall indemnify and hold harmless Renesas Technology Corp., its affiliated companies and their officers, directors, and employees against any and all damages arising out of such applications. 9. You should use the products described herein within the range specified by Renesas, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. Renesas shall have no liability for malfunctions or damages arising out of the use of Renesas products beyond such specified ranges. 10. Although Renesas endeavors to improve the quality and reliability of its products, IC products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. Please be sure to implement safety measures to guard against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a Renesas product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other applicable measures. Among others, since the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 11. In case Renesas products listed in this document are detached from the products to which the Renesas products are attached or affixed, the risk of accident such as swallowing by infants and small children is very high. You should implement safety measures so that Renesas products may not be easily detached from your products. Renesas shall have no liability for damages arising out of such detachment. 12. This document may not be reproduced or duplicated, in any form, in whole or in part, without prior written approval from Renesas. 13. Please contact a Renesas sales office if you have any questions regarding the information contained in this document, Renesas semiconductor products, or if you have any other inquiries.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7858/7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2377-3473 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 3518-3399 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jln Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2009. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .7.2


▲Up To Search▲   

 
Price & Availability of R2J20653ANP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X