Part Number Hot Search : 
T89C51 T1613 C2518 SMF12 BCP68 CT244 SMF12 BCP56T3
Product Description
Full Text Search
 

To Download PX-7010-ECJ-105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Clock Oscillator
PX-701
Features Reflow Process Compatible Surface Mount Package AT-Cut Crystal SONET Minimum Clock Specification Low Phase Noise Tight Tolerances Previous Vectron Model Numbers Frequency Range Standard Frequencies C1260 1 MHz - 175 MHz
Typical Applications Base Stations Test Equipment Synthesizers
17.408; 24.705; 30.720; 32.768; 34.368; 50; 76.8 MHz 77.76; 100; 125; 150; 155.52; 156.25; 175 MHz
Frequency stabilities1 [Standard]
Parameter
vs. operating temperature range (Referenced to +25C)
Min
-10.0
Typ
Max
+10.0
Units
ppm
Operating temperature range
-20 ... +70C
Parameter
Initial tolerance vs. supply voltage change vs. load change vs. aging vs. aging /1. Year
Min
-5.0 -1.0 -1.0 -3.0 -1.0
Typ
Max.
+5.0 +1.0 +1.0 +3.0 +1.0
Units
ppm ppm ppm ppm ppm
Condition
VS 5% Load 5%
/ year (followingYears)
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 FX-701 page: 1/7
Frequency stabilities1 [SC Cut Crystal-Option-10 to 52 MHz]
Parameter
vs. operating temperature range
Min Min
-20.0
Typ Typ
Max Max.
+20.0
Units Units
ppm
Operating temperature range
-20 ... +70C
Parameter
overall tolerance
Condition
( 15 Years aging, temp, initial, supply, load )
Supply Voltage (Vs)
Parameter
Supply voltage (Vs) Current consumption Current consumption Supply voltage (Vs) Current consumption Current consumption Current consumption 3.135 3.3
Min
4.75
Typ
5.0
Max
5.25 40 90 3.465 30 80 25
Units
VDC mA mA VDC mA mA mA
Condition
@ HCMOS @ PECL
@ LVHCMOS @ LVPECL @ LVDS
RF Output
Parameter
Signal Load Rise and Fall time Duty cycle Signal Load Rise and Fall time Duty cycle Signal Load Rise and Fall time Duty cycle 40 100 1 60 45 LVDS ns % 10 to 90 % 50 1 55 40 PECL ns % Vs - 2V 20 to 80 % 15.0 5 60
Min
Typ
HCMOS
Max
Units
pF ns %
Condition
@ 15 pF 10 to 90 % @ Vs/2
Additional Parameters
Parameter
Phase Noise
Min
Typ
-85 -120 -145 -155 -160
Max
Units
dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz ps RMS 10 100 1 10 100
Condition
Hz Hz kHz kHz kHz @ 12 kHz to 20 MHz @49,408 MHz HCMOS 3,3V
Jitter
0,2
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 FX-701 page: 2/7
Additional Parameters
Parameter
Phase Noise
Min
Typ
-80 -108 -134 -140 -141
Max
Units
dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz ps RMS dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz ps RMS 10 100 1 10 100 10 100 1 10 100
Condition
Hz Hz kHz kHz kHz @ 12 kHz to 20 MHz Hz Hz kHz kHz kHz @ 12 kHz to 20 MHz @125 MHz PECL 3,3V @89,6 MHz PECL 3,3V
Jitter Phase Noise
0,6 -80 -115 -135 -141 -141
Jitter Weight Processing & Packing
0,6 2 handling&processing note
g
Absolute Maximum Ratings
Parameter
Supply voltage (Vs) Operable temperature range Storage temperature range -30 -40
Min
Typ
Max
7 +80 +90
Units
V C C
Condition
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 FX-701 page: 3/7
Enclosure
Type G241 < 53 MHz
Height "H" 2,3 mm
Type G251 > 1 MHz
Height "H" 2,3 mm
Dimensions: mm
Dimensions: mm
Pin Connections
1 N/C 2 N/C / Enable (optional) 3 Ground 4 RF Output 5 N/C 6 Supply Voltage Input (Vs) true table Pin 2 High Open Low 1 N/C
Pin Connections
2 N/C / Enable (optional) 3 Ground 4 RF Output 5 Complementary RF Output / (N/C: HCMOS only) 6 Supply Voltage Input (Vs) HCMOS Pin 4 Data Data High Tristate Pin 5 N/C N/C N/C LVPECL + LVDS Pin 4 No Data Data Data Pin 5 No Data compl. Data compl. Data
Marking
PX-701 Frequency AYYWW
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 FX-701 page: 4/7
Typical Phase Noise and Jitter
49,408 MHz; HCMOS output 89,6 MHz; PECL output
Frequency range [Hz]
12kHz to 20MHz
Jitter [ps rms]
0.188ps
Frequency range [Hz]
12kHz to 20MHz
Jitter [ps rms]
1.002ps
125 MHz; PECL output
Typical frequency stability vs temperature
Frequency range [Hz]
12kHz to 20MHz
Jitter [ps rms]
0.608ps
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 FX-701 page: 5/7
Standard Shipping Methode
A X B P
Enclosure Type
G218B / G223B
*bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line
Lage im Gurt Position in tape Pin 1
Abwickelrichtung Unwinding direction
K
Gurtunterseite Tape buttom side Gurtoberseite Tape upper side
Production tolerance complying DIN IEC 286-3
Tape width W [mm]
24
Quantity per meter
83,3
Quantity per reel
850
Dimension P
12
Recommanded Reflow Profile
Profile Feature
Average ramp-up rate (TL to Tp) Preheat -Temperature Min Tsmin -Temperature Min Tsmax -Time (min to max) (ts)
Pb-Free Assembly/ Sn-Pb Assembly
3C/second max. 150C 200C 60-180 seconds 3C/second max 217C 60-150 seconds max 260C
Profile Feature
Time 25C to Peak Temperature Time maintainted above -Temperature (TL) -Time (tL)
Pb-Free Assembly/ Sn-Pb Assembly
8 minutes max. 217C 60-150 seconds
TSmax to TL-Ramp-up Rate Time maintainted above -Temperature (TL) -Time (tL) Peak Temperature (TP)
Time within 5C of actual Peak Temperature (tP) Ramp-down Rate
20-40 seconds 6C/ second max
Note: All temperatures refer to topside of the package, measured on the package body surface. SMD oscillators must be on the top side of the PCB during the reflow pocess.
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 FX-701 page: 6/7
How to order this product:
Use this worksheet to forward the following information to your factory representative : Model PX-701 Height 0 Supply Voltage Code D RF Output Code A Temperature Range J Stability 105 X X Frequency 10MHz
Height: 0: 2,3 mm Supply Voltage Code: E: 3,3 V D: 5V RF Output Code: A: HCMOS C: PECL D: LVDS
Temperature Range/ Stability Code: J-105: -20...+70C 10ppm J-205: -20...+70C 20ppm over all
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C) 3 Phase noise degrades with increasing output frequency. 4 Subject to technical modification. 5 Contact factory for availability.
Notes:
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 FX-701 page: 7/7


▲Up To Search▲   

 
Price & Availability of PX-7010-ECJ-105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X