Part Number Hot Search : 
576MH 10K3DCB0 ML9SM37 AD5533B 68OMC CSA09247 CES2331 2SD1210
Product Description
Full Text Search
 

To Download PU1000110-110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OPEN FRAME & ENCLOSED
PU600-PU1000
4 8 0 - 1 0 0 0 W AT T S D C / D C S I N G L E
Features
* * * * * * * Convection cooled High efficiency Current sharing Overvoltage protection OVP Over/under voltage alarm Operating temperature range -25C to 55C Reverse input voltage protection
Specifications
INPUT
Input voltages PU600: 20-60Vdc(B), 50-150Vdc(C), 90270Vdc(D). PU1000: 18-32Vdc(24), 38-60Vdc(48), 5090Vdc(72), 88-150Vdc(110), 175-300Vdc(220). 2% of nom. voltage
OPERATING
Design topology Switching frequency Efficiency Overvoltage protection Reverse Input Voltage Protection Safety standards C-Tick EMC standards Push-Pull 30kHz 85%-92% Yes, 115% of nominal voltage. Yes. input code B, 24, 48 with a parallel diode, other input use a input series thyristor. IEC60950, Low Voltage Directive. AS/NZS CISPR11 Group 1, Class A EN55011-B, EN55022-B, IEC61000-6-2, IEC610004-2, -3, -4, -5, -6, -8,-10, EN50155 Figure 4.
Max accepted input ripple 50-400Hz Reverse input voltage protection Input code B, 24, 48, 72 Input code C, D, 110, 220 Inrush current limit Isolation Input/case Input/output Output/case
Input power at no load, max 15W Yes Parallel diode Series diode Input Code B, 24,48, 72 No Input Code C, D, 110, 220 Yes, <6 x Inom. Input Code B, 24, 48, 72 2kVDC Input Code C, D, 110, 220 2.5kVDC <75Vdc 2KVdc, >75Vdc 4KVdc
STANDARDS AND APPROVALS
ENVIRONMENTAL
Operating Temperate Conduction Cooling -25C to +55C at 100% load With derating, +70C
Storage Temperature Range -40C to +85C
OUTPUT
Output Voltages Source regulation Load regulation (0-100% load) master Transient recovery time for 10%/90% 12-110V 0.1% 0.3% <3mS. Load step, to within 3% of nominal output voltage
MECHANICAL
Dimensions (HxWxD) Weight PU600/1000 Mounting brackets 86x420x337mm 10kg Supplied with L89-1 mounting brackets Please consult Powerbox for mounting options
Typ output ripple (60kHz) mV 30mV pk-pk2 Input ripple attenuation on Output (50-400Hz) Temperature coefficient Output adjustment range with 15 Turn potentiometer Current limit, rectangular Remote sense Soft start Startup time Holdup time 150:1 0.02% per C 95%-110% 105% Yes Yes. 1 Sec 2-25mS. Contact Powerbox
Your dependable power partner - www.powerbox.com.au
137
OPEN FRAME & ENCLOSED
PU600-PU1000
4 8 0 - 1 0 0 0 W AT T S D C / D C S I N G L E
Selection Table
MODEL NUMBER PU600B12 PU600B13.8 PU600B15 PU600B24 PU600B48 PU600C12 PU600C13.8 PU600C15 PU600C24 PU600C48 PU600D12 INPUT 20-60V 20-60V 20-60V 20-60V 20-60V 50-150V OUTPUT 12V 13.8V 15V 24V 48V 12V 40A 40A 40A 25A 12.5A 40A 40A 40A 25A 12.5A 40A 40A 40A 25A OUTPUT POWER 480W 552W 600W 600W 600W 480W 552W 600W 600W 600W 480W 552W 600W 600W MODEL NUMBER PU600D48 PU1000 24/24 PU1000 24/28 PU1000 24/48 PU1000 24/60 PU1000 24/110 PU1000 48/24 PU1000 48/48 PU1000 48/60 PU1000 48/85 PU1000 48/110 PU1000 72/24 PU1000 72/48 PU1000 72/60 INPUT 90-270V 18-32V 18-32V 18-32V 18-32V 18-32V 38-60V 38-60V 38-60V 38-60V 38-60V 50-90V 50-90V 50-90V OUTPUT 48V 24V 28V 48V 60V 110V 24V 48V 60V 85V 110V 24V 48V 60V 12.5A 33.4A 28.6A 16.7A 13.4A 7.28A 41.7A 20.9A 16.7A 11.8A 9.09A 41.7A 20.9A 16.7A OUTPUT POWER 600W 800W 800W 800W 800W 800W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W MODEL NUMBER PU1000 72/85 PU1000 72/110 PU1000 110/24 PU1000 110/28 PU1000 110/48 PU1000 110/60 PU1000 110/85 PU1000 220/24 PU1000 220/28 PU1000 220/48 PU1000 220/60 PU1000 220/85 INPUT 50-90V 50-90V 88-150V 88-150V 88-150V 88-150V 88-150V 175-300V 175-300V 175-300V 175-300V 175-300V OUTPUT 85V 110V 24V 28V 48V 60V 85V 110V 24V 28V 48V 60V 85V 110V 11.8A 9.09A 41.7A 35.7A 20.9A 16.7A 11.8A 9.09A 41.7A 35.7A 20.9A 16.7A 11.8A 9.09A OUTPUT POWER 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W
50-150V 13.8V 50-150V 50-150V 50-150V 90-270V 15V 24V 48V 12V
PU1000 110/110 88-150V
PU600D13.8 90-270V 13.8V PU600D15 PU600D24 90-270V 90-270V 15V 24V
PU1000 220/110 175-300V
Technical Illustrations
PU6000 - Dimensions
PU1000 - Side View
PU1000 - Front View
138


▲Up To Search▲   

 
Price & Availability of PU1000110-110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X