Part Number Hot Search : 
1M120Z LT103105 MSM7584D F1010 4650TA SG7800A SZ453A SZ453A
Product Description
Full Text Search
 

To Download PSE200110-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSE250 Series
150-250 WATTS DC/DC SINGLE OUTPUT
EURO CASSETTE
Features
* * * * * * Under voltage logic alarm. Conformally coating, tropic. Reverse input voltage protection. High efficiency. Fully enclosed, meets IP30 standard. Convectional cooled.
Specifications
INPUT
Voltage Reverse voltage protection Isolation See table Yes. Input - Output: 2.5kVac / 4kVdc Input - Case: 2.5kVac / 4kVdc Output - Case: 2kVdc
GENERAL
Cooling Optional features Convectional cooling. -Overvoltage protection, option A.The output voltage is limited to 15% nominal output voltage. A thyristor short-circuits the output. -Undervoltage alarm with relay, option B The logic alarm output is replaced with a relay with selectable alarm logic NO or NC. -Built in series diode, option C. A series diode on the output, when output is connected in parallel with other power supplies to achieve redundancy. Output power is derated by 20%. -Remote sense, option S. The voltage sensing can be put at the load to compensate for voltage drop. -Inrush current limit with NTC, option H Only for C -input code. Reduce the inrush current during the start up. The input voltage range will be affected. - 2.5kVac isolation input/case, option E1. On 24, 36 & 48V inputs The emission level increase to level A. - 2.5kVac isolation output/case, option E2. The emission level will increase to level A. -Train input, option T. Input voltage range according to train Standard EN50155 and IEC 60751. - Euro panel, option L 8TE for PSE 150 & PSE 200, 10TE for PSE 250. - Wall mounting panels, option N. Wall mounting panel with connector holder The female connector has to be chosen. - H15 screw type female, H15-S - H15 fast-on 6.3mm female, H15-T - Din rail TS35 clips, option Q.
OUTPUT
Voltage Current Source regulation Load regulation Output ripple (100kHz) Voltage adjustment Current limit protection Under voltage logic alarm Soft start Start-up time Hold-up time Efficiency See table. See table. 0.2%. 0.2% (0-100% load) 10mV p-p (typical) 90% - 110%. 105%. 90% of nominal output. Yes. 1s. 2-10ms >88%
ENVIRONMENTAL
Operating temperature Temperature coefficient Storage temperature Conformal coating -25C to +70C (100% load, O/P > 10V). -25C to +55C (100% load). 0.02% / C. -40C to 85C. Conformal coated to withstand non-condensing tropical environment.
STANDARDS
Safety EMI standards IEC60950-1: 2001 EN55011/EN55022 class B, IEC/EN61000-6-2, AS/NZS CISPR11: 2002 Group1 Class A EN61000-6-2, EN/IEC61000-4-4, EN61000-4-5
MECHANICAL
Mechanical dimensions Weight PSE150, PSE200 3U x 8TE x 167mm PSE250 3U x 10TE x 167mm 0.8.5kg
C-Tick EMC standards
EURO CASSETTE
PSE250 Series
150-250 WATTS DC/DC SINGLE OUTPUT
Selection Table
MODEL NUMBER
PSE150 24/12 PSE150 24/13.2 PSE150 24/15 PSE200 24/24 PSE250 24/24 PSE200 24/48 PSE250 24/48 PSE150 48/12 PSE150 48/13.2 PSE150 48/15 PSE200 48/24 PSE250 48/24 PSE200 48/48 PSE250 48/48 PSE150 110/12 PSE150 110/13.2 PSE150 110/15 PSE200 110/24 PSE250 110/24 PSE200 110/48 PSE250 110/48 PSE150 220/12 PSE150 220/13.2 PSE150 220/15 PSE200 220/24 PSE250 220/24 PSE200 220/48 PSE250 220/48
INPUT
20-32V 20-32V 20-32V 20-32V 20-32V 20-32V 20-32V 41-60V 41-60V 41-60V 41-60V 41-60V 41-60V 41-60V 93-150V 93-150V 93-150V 93-150V 93-150V 93-150V 93-150V 185-300V 185-300V 185-300V 185-300V 185-300V 185-300V 185-300V 12V 13.2V 15V 24V 24V 48V 48V 12V 13.2V 15V 24V 24V 48V 48V 12V 13.2V 15V 24V 24V 48V 48V 12V 13.2V 15V 24V 24V 48V 48V
OUTPUT
12.5A 11.3A 10.0A 8.3A 10.4A 4.1A 5.2A 12.5A 11.3A 10.0A 8.3A 10.4A 4.1A 5.2A 12.5A 11.3A 10.0A 8.3A 10.4A 4.1A 5.2A 12.5A 11.3A 10.0A 8.3A 10.4A 4.1A 5.2A
COOLING
Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection
POWER
150W 150W 150W 200W 250W 200W 250W 150W 150W 150W 200W 250W 200W 250W 150W 150W 150W 200W 250W 200W 250W 150W 150W 150W 200W 250W 200W 250W
Technical Illustrations
414


▲Up To Search▲   

 
Price & Availability of PSE200110-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X