Part Number Hot Search : 
C4420 62000 CD80C86 2SA1955 0MKKS3 SK9427 T8201590 MMBTA43
Product Description
Full Text Search
 

To Download PL00600-WCY08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00600 SMD LED 0911 Package
Features
*Flat Lens Package 3.0 x 2.4 x 1.1mm *Same Footprint as SOT23 Package *AlGaInP Ultra Bright Yellow Chip used *High Light Output *Compatible with IR Solder-Process *2000 or 1000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation....................................................................... 78mA Reverse Voltage (<100 A)............................................................... 5.0V Max Forward Current................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)............................ 100mA Operating Temperature Range.............................................. -40C to + 85C Storage Temperature Range................................................ -40C to + 85C Soldering Temperature (1.6mm below body)........................... 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00600-WCY08 Yellow AlGaInP Emitting Color Chip Material Dominant Wave Length nm 590 Peak Wave Length nm 592 Viewing Angle 2 1/2 Deg 120 Forward Voltage @20mA (V) Typ 2.1 Max 2.6 Luminous Intensity @20mA (mcd) Min 35.0 Typ 65.0
All dimensions are in Millimeters. Tolerance is 0.15mm unless otherwise specified.
Recommended Soldering Pad Layout
0.9 1.4 0.9 0.9 0.9 1.0 0.9
03-25-07 Rev 0 RS


▲Up To Search▲   

 
Price & Availability of PL00600-WCY08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X