Part Number Hot Search : 
2405DH CPH3338 HV57908 48VDC GP50B60 VN10K IS82C55A 56F8000
Product Description
Full Text Search
 

To Download PL00600-WCR12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00600 SMD LED 0911 Package
Features
*Flat Lens Package 3.0 x 2.4 x 1.1mm *Same Footprint as SOT23 Package *GaAsP Hi-Eff Red Chip used *High Light Output *Compatible with IR Solder-Process *2000 or 1000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation....................................................................... 75mA Reverse Voltage (<100 A)............................................................... 5.0V Max Forward Current................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)............................ 100mA Operating Temperature Range.............................................. -40C to + 85C Storage Temperature Range................................................ -40C to + 85C Soldering Temperature (1.6mm below body)........................... 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00600-WCR12 Orange-Red GaAsP Emitting Color Chip Material Dominant Wave Length nm 620 Peak Wave Length nm 630 Viewing Angle 2 1/2 Deg 120 Forward Voltage @20mA (V) Typ 2.0 Max 2.5 Luminous Intensity @20mA (mcd) Min 5.0 Typ 14.0
All dimensions are in Millimeters. Tolerance is 0.15mm unless otherwise specified.
Recommended Soldering Pad Layout
0.9 1.4 0.9 0.9 0.9 1.0 0.9
03-25-07 Rev 2 RS


▲Up To Search▲   

 
Price & Availability of PL00600-WCR12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X