Part Number Hot Search : 
VV5430 STM1815T B70NF3 SP7656E 73CB06 L321F CM200 GS711
Product Description
Full Text Search
 

To Download PDBFS204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Distribution Block
Maximize Short-Circuit Current Rating While Improving Safety
UL Listed, IP-20 Enclosed Power Distribution Block Offer High SCCR
New 2005 NEC(R) and UL508A SCCR marking requirements state that the following equipment must be marked with an assembly SCCR: * Industrial Control Panels [409.110] * Industrial Machinery Electrical Panels [670.3(A)] * Certain HVAC Equipment [440.4(B)] This SCCR is based on the lowest-rated component, or weakest link, in the assembly. Unmarked power distribution blocks will default to a rating of 10kA. The new Cooper Bussmann(R) enclosed Series PDBFS offers both high SCCR and enhanced shock protection.
* UL Listing Meets Requirements Eliminating Investigation and Procedures
Listed to UL1953 for minimum spacing requirements of at least 1 through air and 2 over surface as required for UL508A industrial control panel feeder applications. See back page.
* High SCCR
Up to 200kA rating enables the power distribution block to be one of the highest rated devices in the panel. This helps achieve a high assembly SCCR.
* Enclosed for Enhanced Electrical Safety
Safer work conditions. IP-20 finger-safe under specific conditions.
* Easy Panel Mounting
Gangable for flexible multi-pole installations, plus small footprint for tight spacing.
* Simple and Fast Installation
DIN rail mount or panel mount, (See datasheet 1049). Captive terminal screws are backed out at the factory.
* Meet Wireway Requirements
Series PDBFS can be used to meet the new 2005 NEC(R) 376.56(B) requirement.
Cooper Bussmann UL Listed PDBs With High SCCRs
Feature/Benefits
* * * * * UL Listed 1953. File E256146 CSA Certified, Class 6228-01, File 15364 600Vac or dc (UL1953), 690Vac or dc (IEC) SCCR up to 200,000kA, see table for details Single pole, gang for multiple pole applications with accessory part 2A1279 interlocking dovetail * Datasheet #1049 located at www.cooperbussmann.com
UL Listed 1953 vs. UL Recognized 1059
Listed products require simply checking to ensure that the product is used in accordance with its listing and labeling. However, for recognized products, such as power terminal blocks, the "Conditions of Acceptability" must be investigated to ensure the product is suitable for the specific application, and then the procedure description must be documented in the manufacturer's procedure for the assembly.
Series PDBFS
Terminal Copper Conductor Capability Line Load Configuration Catalog Number
(All Single Pole)
Short-Circuit Current Rating Data Conductors Max Fuse Class & Amp** Line
AWG or kcmil
Openings per Pole Amps Wire Range 2/0 - 8 AWG 70 - 10 mm2 2/0 - 8 AWG 70 - 10 mm2 Wire Range Line 175A 2/0 - 8 AWG 70 - 10 mm2 4 - 14 AWG 25 - 2.5 mm2 Load
Load
AWG or kcmil
J
LPJ
T
JJS JJN
RK1
LPS-RK LPN-RK
RK5
FRS-R FRN-R
SCCR
PDBFS204
2/0 - 8
2/0 - 8 4 - 12
200
200
100 100 100 100 200 200 100 100 400 400 100 400 600 600 600 400
60 60 60 60 100 100 30 30 200 200 30 200 200 400 600 200
200kA 200kA 100kA 50kA 200kA 200kA 50kA 100kA 200kA 50kA 50kA 200kA 100kA 200kA 100kA 100kA
PDBFS220
175A
2/0 - 8
4 - 14
200 200 175 175 200 200 400 400 200 175 600 600 200 600 600 600 600 600 400 400 200 175 600 600 200 600 800 800* 800* 600
PDBFS303
310A
350kcmil - 6 AWG 350kcmil - 6 AWG 150 - 16 mm2 150 - 16 mm2 2 - 14 AWG 35 - 2.5 mm2 4 - 14 AWG 25 - 2.5 mm2
350 - 6
350 - 6 2-6
PDBFS330
500kcmil - 6 AWG 380A 240 - 16 mm2 570A 300kcmil - 4 AWG 150 - 12 mm2
500 - 6 300 300 - 4 350 350 - 4 500 500 - 6
2 - 14 4-8 4 4 - 14 350 350 - 4 500 500 - 6
PDBFS377
PDBFS500
620A
350kcmil - 4 AWG 350kcmil - 4 AWG 185 - 12 mm2 185 - 12 mm2
PDBFS504
760A 500kcmil - 6 AWG 500kcmil - 6 AWG 240 - 16 mm2 240 - 16 mm2
Ampacities 75C per NEC(R) Table 310.16 and UL508A Table 28.1 *Class L 800A (KRP-C 800_SP) or less fuses suitable for this particular SCCR case. ** Class G 60A (SC-60) or less or Class CC 30A (LP-CC-30, FNQ-R-30, KTK-R-30) or less are suitable for all these SCCRs in this table. Higher SCCR may be available, check latest datasheet 1049.
Part No. PDBFS204 PDBFS220 PDBFS303 PDBFS330 PDBFS377 PDBFS500 PDBFS504
Dimensions inches (mm) Width (A) Length (B) 1.030 (26.16) 3.372 (94.80) 1.030 (26.16) 3.372 (94.80) 1.550 (39.37) 4.665 (118.50) 1.550 (39.37) 4.665 (118.50) 1.875 (47.62) 4.665 (118.50) 2.380 (60.45) 4.665 (118.50) 2.560 (65.02) 4.665 (118.50)
Height (C) 2.146 (54.50) 2.146 (54.50) 2.874 (73.00) 2.874 (73.00) 2.933 (74.50) 2.598 (66.00) 3.150 (80.00)
H
B A
For additional information see Datasheet #1049 located at www.cooperbussmann.com/products/datasheet.asp
(c)2007 Cooper Bussmann * St. Louis, MO 63178 6 3 6 - 3 9 4 - 2 8 7 7 * w w w. c o o p e r b u s s m a n n . c o m
Printed in USA Reorder # 3137 1-07-5M


▲Up To Search▲   

 
Price & Availability of PDBFS204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X