Part Number Hot Search : 
BZX84C33 2EZ11D5 TYN612T C34063A PSP480S C34063A TTPH96K3 IXF611P1
Product Description
Full Text Search
 

To Download OTP-1HDP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OTP-1HDP
HD-SDI & SD-SDI Video Optiva(R) SERIES Professional Media Transport The OTP-1HDP is an excellent choice for transporting SMPTE 424M, 292M or 259M compliant video signals over long or short distances with a single optical wavelength. The system offers the complete flexibility needed for transporting full uncompressed (2.97 Gb/s) 1080p HD over optical fiber. Additionally, the OTP-1HDP is part of the innovative Optiva(R) Series Video, Audio and Data Media Transport System. New signals may be added or fully redundant optical transport solutions may be developed. Switching and multicasting 3G-HD signals over optical fiber is quick and simple,
Features
Supports uncompressed 3Gb/s HD-SDI signals SMPTE 424M, 292M, 259M Compliant Singlemode options (up to 20 km) Uses all-digital processing for crystal clear picture with no compression Real-time video transmission for exceptional quality and resolution Single output stream (2.97 Gb/s) with local loopback Receiver contains cable driver and reclocker per SMPTE 424M Transmitter contains cable driver, adaptive cable equalizer, and reclocker per SMPTE 424M
by routing OTP-1HDP links through the Optilinx(R) Switching Platform, making this the perfect solution for Broadcast Studio HD Routing and Switching. vThe combination of Optiva(R) and Optilinx(R) facilitates flexibility for choice of video, audio, and data transport. With Optilinx(R), cabling is done once to create a completely optical transport network. Combined with Optiva(R), the system is flexible to transmit, switch or convert signals on custom optical mesh networks.
System Design
Optiva(R) insert cards support both 19" rack mount and compact table top or wall mountable enclosures. The 3RU 19" rack mount enclosure (Model: OTCC-16-100) can support up to 16 insert cards. It also supports dual-redundant hot-swappable power supplies (Model: OT-CC-16-100-RPS) utilizing two PS-100 power supplies or two PS-200 power supplies (Model: OT-CC-16-200-RPS). Also available in the rackmount form factor is the 4-slot (Model: OT-CC-4-1U)
Applications
Remote OB Van/Truck Video Feeds Broadcast Studio Camera Feeds HD Routing (requires Optilinx Optical Switch) Long-haul Signal Transport Lecture Hall Projector Connectivity Medical / Surgical Room Broadcast
which houses 4 insert cards in 1RU of rack space. The compact one slot (Model: OT-DTCR-1) and two slot (Model: OT-DTCR-2) enclosures both use an external power supply (Model: PS-9012).
Copyright(R) 2008 Emcore Corporation
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com
OTP-1HDP
HD-SDI & SD-SDI Video Optiva(R) SERIES Professional Media Transport
Models
Transmitter OTP-1HDPT-C2-XX-IC OTP-1HDPT-C2D-XX-IC Receiver OTP-1HDPR-C2-XX-IC OTP-1HDPR-C2D-XX-IC
For ordering, please substitute "XX" in the model for one of the following optical connectors: ST, FC, SC, or LC.
Video
Specifications Standards Resolutions Connector Values SMPTE 424M, 292M, 259M 2.97 Gbps; 1.485 Gbps; 270 Mbps BNC (IEC 60169-8-Gold Plated) 480i/480p, 720p, 1080i/1080p 1920 x 1080 @ 50/60 Hz RP-178
Optical Specifications
Code C2 C2D Fiber Type Singlemode Singlemode Wavelength 1310 nm 1310 nm (D) Optical Budget 7 dB 12 dB Distance 10 Km 20 Km
Chromatic dispersion as well as other losses should also be taken into account Stated distances are the maximum range, shorter distances may require attenuation
Video Modes Max Resolution Pathological Test Code
General
Specifications Values 6.3"D x 0.8"W x 4.0"H 11 oz. 0 to +70C -30C to +85C 0 to 95% non-condensing 6 Watts Dimensions (Insert Card) Weight Operating Temperature
Functional Diagram
OTP-1 HDPT
SMPTE 424M, 292M, 259M Video Input Local Loopback Video Output
OTP-1 HDPR
SMPTE 424M, 292M, 259M Video Output
Storage Temperature Humidity Power Consumption
Opti va(R) Core Cable Equalization Reclocker Optical Transmitter Optical Recei ver
Opti va(R) Core Cable Equalization Reclocker
Un-reclocked Video Output
Monitoring & Control
Specifications Values Front panel LED status and alert indicators OptivaView(R) SNMP Management Suite Local Remote
Opti va(R) SNMP
Opti va(R) SNMP
Opti vaView(R) SNMP Management Suite
Opti vaView(R) SNMP Management Suite
Enclosure Options
16-Slot
3RU RACK
4-Slot
1RU RACK
2-Slot
DESKTOP
1-Slot
DESKTOP
FCC
Copyright(R) 2008 Emcore Corporation 858 450 0143 858 450 0155
PART 15 COMPLIANT
USA
www.emcore.com
MADE IN
Document Revision 07/14/2008
video-sales@emcore.com


▲Up To Search▲   

 
Price & Availability of OTP-1HDP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X