Part Number Hot Search : 
LS18A1T 101M1 BD9846FV CY7C137 E2UEA BFS480 DN8799MS OP213
Product Description
Full Text Search
 

To Download OTP-1HD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OTP-1HD
HD-SDI & SD-SDI Video Optiva(R) SERIES Professional Media Transport
The OTP-1HD is an excellent choice for transporting SMPTE 292M or 259M compliant video signals over long or short distances with a single optical wavelength. The system offers the complete flexibility needed for transporting full uncompressed 1.485 Gb/s HD-SDI over optical fiber. Additionally, the OTP-1HD is part of the innovative Optiva(R) Series Video, Audio and Data Media Transport System. New signals may be added or fully redundant optical transport solutions may be developed. Switching and multicasting HD- SDI signals over optical fiber is quick and simple, by routing OTP-1HD links through the Optilinx(R) Switching Platform,
Features
SMPTE 292M, 259M Compliant Singlemode options (up to 60 km) Uses all-digital processing for crystal clear picture with no compression Real-time video transmission for exceptional quality and resolution Receiver contains cable driver and reclocker per SMPTE 292M Transmitter contains cable driver, adaptive cable equalizer, and reclocker per SMPTE 292M TDM - Single wavelength No EMI, RFI, or ground loops Compatible with MDM-7000 Series for CWDM Multiplexing
making this the perfect solution for Broadcast Studio HD Routing and Switching. The combination of Optiva(R) and Optilinx(R) facilitates flexibility for choice of video, audio, and data transport. With Optilinx(R), cabling is done once to create a completely optical transport network. Combined with Optiva(R), the system is flexible to transmit, switch or convert signals on custom optical mesh networks.
System Design
Optiva(R) insert cards support both 19" rack mount and compact table top or wall mountable enclosures. The 3RU 19" rack mount enclosure (Model: OTCC-16-100) can support up to 16 insert cards. It also supports dual-redundant hot-swappable power supplies (Model: OT-CC-16-100-RPS) utilizing two PS-100 power supplies or two PS-200 power supplies (Model: OT-CC-16-200-RPS). Also available in the rackmount form factor is the 4-slot (Model: OT-CC-4-1U) which houses 4 insert cards in 1RU of rack space. The compact one slot (Model: OT-DTCR-1) and two slot (Model: OT-DTCR-2) enclosures both use an external power supply (Model: PS-9012).
Applications
Remote OB Van/Truck Video Feeds Broadcast Studio Camera Feeds HD Routing (requires Optilinx Optical Switch) Long-haul Signal Transport Lecture Hall Projector Connectivity Medical / Surgical Room Broadcast
Copyright(c) 2008 Emcore Corporation
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com
OTP-1HD
HD-SDI & SD-SDI Video Optiva(R) SERIES Professional Media Transport
Models
Transmitter OTP-1HDT-B0-XX-IC OTP-1HDT-B1-XX-IC OTP-1HDT-B2-XX-IC OTP-1HDT-B2D-XX-IC OTP-1HDT-B3-XX-IC OTP-1HDT-B3D-XX-IC OTP-1HDT-L5-XX-IC OTP-1HDT-NOC-IC Receiver OTP-1HDR-B0-XX-IC OTP-1HDR-B1-XX-IC OTP-1HDR-B2-XX-IC OTP-1HDR-B2D-XX-IC OTP-1HDR-B3-XX-IC OTP-1HDR-B3D-XX-IC OTP-1HDR-L5-XX-IC OTP-1HDR-NOC-IC
For ordering, please substitute "XX" in the model for one of the following optical connectors: ST, FC, SC, or LC.
Video
Specifications Standards Data Rates Connector Video Modes Max Resolution Pathological Test Code Values SMPTE 292M, 259M 1.485 Gbps; 270 Mbps BNC (IEC 60169-8-Gold Plated) 480i/480p, 720p, 1080i 1920 x 1080 @ 50/60 Hz RP-178
General
Specifications Dimensions (Insert Card)
Chromatic dispersion as well as other losses should also be taken into account Stated distances are the maximum range, shorter distance may require attentuation
Optical Specifications
Code B0 B1 B2 B2D B3 B3D L5 Fiber Type Multimode Multimode Singlemode Singlemode Singlemode Singlemode Singlemode Wavelength 850 nm 1310 nm 1310 nm 1310 nm 1550 nm 1550 nm CWDM Optical Budget 7 dB 10 dB 7 dB 12 dB 17 dB 25 dB Varies Distance 0.2 Km 1.5 Km 10 Km 20 Km 40 Km 60 Km 20-70 Km
Values 6.3"D x 0.8"W x 4.0"H 11 oz. -20C to +55C -40C to +85C 0 to 95% non-condensing 6 Watts 10-14 < 1 ms
Weight Operating Temperature Storage Temperature Humidity Power Consumption BER System Latency
Functional Diagram
OTP-1 HDT
SMPTE 292M, 259M Video Input Local Loopback Video Output
Monitoring & Control
Specifications
OTP-1 HDR
SMPTE 292M, 259M Video Output
Values Front panel LED status and alert indicators OptivaView(R) SNMP Management Suite
Local Remote
Opti va(R) Core Cable Equalization Reclocker Optical Transmitter Optical Recei ver
Opti va(R) Core Cable Equalization Reclocker
SMPTE 292M, 259M Video Output
Opti va(R) Daisy-Chain(R) Processing
Opti va(R) SNMP
Opti va(R) SNMP
Opti va(R) Daisy-Chain(R) Processing
Daisy-Chained Vi deo/ Audi o/Data Opti va(R) Insert Cards
Opti vaView(R) SNMP Management Suite
Opti vaView(R) SNMP Management Suite
Daisy-Chained Vi deo/ Audi o/Data Opti va(R) Insert Cards
Enclosure Options
16-Slot
3RU RACK
4-Slot
1RU RACK
2-Slot
DESKTOP
1-Slot
DESKTOP
Document Revision 08/4/2008
Copyright(c) 2008 Emcore Corporation
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com


▲Up To Search▲   

 
Price & Availability of OTP-1HD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X