Part Number Hot Search : 
PB2003NL 333J1000 SFH4590 SA602A N28F256A STBB036 0TA5R AT85C51
Product Description
Full Text Search
 

To Download OTP-1DVI2A1D1KM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OTP-1DVI2A1D1KM
Optiva(R) DVI / VGA KVM Extention, Stereo Audio, & Data Optiva(R) SERIES Professional Media Transport
The Optiva(R) OTP-1DVI2A1D1KM is the perfect solution for transmitting the full range of VESA dual-link DVI and SMPTE compliant video over long or short distances with a single wavelength. Other transport systems do not offer a comparable range of signals and resolutions over a single wavelength. The single fiber, single wavelength solution is perfect for any professional audio / visual application such as remote digital theaters, concerts, video conferencing, digital signage, and similar applications like electronic billboards and sports arena screens. Optiva(R) was designed to maintain a quality uncompressed signal. The video resolution input is the same video resolution that is output. The OTP-1DVI2A1D1KM enables one to
Features
Optiva(R) Daisy-Chain Technology Multimode or single mode options (up to 80 km over one fiber) Supports single and dual-link DVI resolutions up to 2048 x 1536 Supports VGA resolutions up to 1920 x 1200 Supports Component Video (RGB) up to 1080p H & V Sync Frequency range of 60 to 85 Hz (vertical) Uses all-digital processing for crystal clear picture with zero signal degradation Real-time video transmission for exceptional quality and resolution Standard DVI-I video connector (HD-15 adapter is available for RGB/VGA interface) Duplex RS-232, Keyboard, Mouse (adapter available)
input DVI and output VGA or vice-versa. Switching and multicasting the OTP-1DVI2A1D1KM over the OptiLinx(R) Switching Platform is quick and simple, making the OTP-1DVI2A1D1KM the perfect solution for large-screen, high-resolution digital presentations allocating only one fiber to each display.
System Design
Optiva(R) insert cards support both 19" rack mount and compact table top or wall mountable enclosures. The 19" rack mount enclosure (Model: OT-CC-16-100) can support up to 16 insert cards. It also supports dual-redundant, hot-swappable power supplies (Model: OT-CC-16-100-RPS) utilizing two PS-100 power supplies or two PS-200 power supplies (Model: OT-CC-16-200-RPS). Also available in the 19" rack mount form factor is a 4-slot enclosure; which houses 4 insert cards in 1RU of rack space (Model: OT-CC-4-1U). The compact one slot (Model: OT-DTCR-1) and two slot (Model: OT-DTCR-2) enclosures both use an external power supply (Model: PS-9012).
VGA * * * * * * *
DVI * * * * * * * * * *
Resolutions 640 x 480 800 x 600 1024 x 768 1280 x 720 1280 x 1024 1400 x 1050 1600 x 1050 1680 x 1050 1920 x 1200 2048 x 1536 Resolutions VGA SVGA XGA WXGA SXGA SXGA+ UXGA WSXGA+ WUXGA QXGA
Max Refresh Rate (Hz) 85 85 85 85 85 75 60 (VGA), 75 (DVI) 60 60 (VGA), 75 (DVI) 60 Max Refresh Rate (Hz) 60 60 60
Some Resolutions utilize Reduced Blanking Technology
Applications
Digital Signage / Remote Kiosks Video Conferencing / Digital Cinema High-Resolution Presentations DVI / VGA Switching & Routing Professional Home Theater
Copyright (c) 2008 Emcore Corporation
* *
xRGB * * *
480i / 480p 720p 1080i / 1080p
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com
OTP-1DVI2A1D1KM
Optiva(R) DVI / VGA KVM Extention, Stereo Audio & Data Optiva(R) SERIES Professional Media Transport
Models
Transmitter OTP-1DVIT2AT1DTR1KMTR-C1/C3M-XX-IC OTP-1DVIT2AT1DTR1KMTR-C2/C3-XX-IC OTP-1DVIT2AT1DTR1KMTR-C2/C3D-XX-IC OTP-1DVIT2AT1DTR1KMTR-L4X3-XX-IC Receiver OTP-1DVIR2AR1DRT1KMRT-C3M/C1-XX-IC OTP-1DVIR2AR1DRT1KMRT-C3/C2-XX-IC OTP-1DVIR2AR1DRT1KMRT-C3D/C2-XX-IC OTP-1DVIR2AR1DRT1KMRT-L4X3-XX-IC
For ordering, please substitute "XX" in the model for one of the following optical connectors: ST, FC, SC, or LC.
Video
Specifications Standards Resolutions Connector Color Depth VGA Video Bandwidth Analog Video Output Level Values DVI 1.0/VESA (see chart on front side) DVI-I (VGA adapter avaiable) 24 Bit 780 MHz 1V p-p >55 dB
Optical Specifications
Code C1/C3M C2/C3 C2/C3D L4X3/L4x3 Fiber Type Multimode Singlemode Singlemode Singlemode Wavelength 1310/1550 nm 1310/1550 nm 1310/1550 nm (D) 1270-1610 nm (CWDM) Optical Budget 10 dB 12 dB 15 dB Varies Distance 1 Km 10 Km 20 Km 20-70 Km
Chromatic dispersion as well as other losses should also be taken into account
Video Signal-to-Noise Ratio
Audio
Specifications Channels Impedance Audio Levels Frequency Response Values 24-Bit Stereo Audio 47k Ohm Unbalanced 2V p-p Max 20 Hz to 20 KHz (0.1 dB) > 85 dB @ 1KHz (weighted) < 0.1% @ 1KHz 1/8" Stereo Headphone Jack
Functional Diagram
OTP-1DVIT2AT1DT1 KMT
DVI Input VGA Input 2 Analog Audio Inputs
Signal-to-Noise Ratio Total Harmonic Distortion
OTP-1DVIR2AR1DR1 KMR
DVI Output
Connector Type
VGA Output 2 Analog Audio Outputs
AutoSense
Opti va(R) Core Optical Transmitter Optical Recei ver
Opti va(R) Core
General
Specifications Dimensions (Insert Card) Weight Values 6.3"D x 0.8"W x 4.0"H 11 oz. 0 to +50C -30C to +85C 0 to 95% non-condensing ~8 Watts 100 K Hours
RS-232 Data Keyboard/Mouse
RS-232 Data Keyboard/Mouse
Opti va(R) Daisy-Chain(R) Processing
Opti va(R) SNMP
Opti va(R) SNMP
Opti va(R) Daisy-Chain(R) Processing
Operating Temperature Storage Temperature Humidity Power Consumption
Daisy-Chained Vi deo/ Audi o/Data Opti va(R) Insert Cards
Opti vaView(R) SNMP Management Suite
Opti vaView(R) SNMP Management Suite
Daisy-Chained Vi deo/ Audi o/Data Opti va(R) Insert Cards
MTBF
Monitoring & Control
Specifications Local Remote Values Front panel LED status and alert indicators OptivaView(R) SNMP Management Suite
FCC
Copyright (c) 2008 Emcore Corporation 858 450 0143 858 450 0155
PART 15 COMPLIANT
USA
www.emcore.com
MADE IN
Document Revision 08/13/2008
video-sales@emcore.com


▲Up To Search▲   

 
Price & Availability of OTP-1DVI2A1D1KM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X