![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1.8mm Tower Violet LED OSV5HA7331A Features Outline Dimension High Luminous LEDs 1.8mm Tower Standard Directivity Superior Weather-resistance UV Resistant Epoxy Water Clear Type Applications Automotive Dashboard Lighting Money Detector Back Lighting Other Lighting Absolute Maximum Rating Item Symbol IF IFP VR PD Topr Tstg Tsol (Ta=25 Value 30 100 5 114 -30 ~ +85 -40 ~ +100 260 /5sec Directivity Unit mA mA V mW DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms Duty ratio max 1/10 Electrical -Optical Characteristics Symbol VF IR p Iv 21/2 (Ta=25 Min. 3.0 400 - Item DC Forward Voltage DC Reverse Current Peak Wavelength* Luminous Intensity* 50% Power Angle Condition IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Typ. 3.4 405 60 30 Max. 3.8 10 410 V A nm mcd deg *1 Tolerance of Peak wavelength is +1nm *2 Tolerance of luminous intensity is +15% LED & Application Technologies VER A.0 |
Price & Availability of OSV5HA7331A
![]() |